Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS470R1VC334A Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS470R1VC334A
Description  16/32-BIT RISC ROM MICROCONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS470R1VC334A Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS470R1VC334A Datasheet HTML 7Page - Texas Instruments TMS470R1VC334A Datasheet HTML 8Page - Texas Instruments TMS470R1VC334A Datasheet HTML 9Page - Texas Instruments TMS470R1VC334A Datasheet HTML 10Page - Texas Instruments TMS470R1VC334A Datasheet HTML 11Page - Texas Instruments TMS470R1VC334A Datasheet HTML 12Page - Texas Instruments TMS470R1VC334A Datasheet HTML 13Page - Texas Instruments TMS470R1VC334A Datasheet HTML 14Page - Texas Instruments TMS470R1VC334A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
TMS470R1VC334A
16/32-BIT RISC ROM MICROCONTROLLER
SPNS080A – MARCH 2004 – REVISED MARCH 2006
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
memory selects
Memory selects allow the user to address memory arrays (i.e., ROM, RAM, and HET RAM) at user-defined
addresses. Each memory select has its own set (low and high) of memory base address registers (MFBAHRx
and MFBALRx) that, together, define the array’s starting (base) address, block size, and protection.
The base address of each memory select is configurable to any memory address boundary that is a multiple
of the decoded block size. The decoded block size for the ROM memory on this device is 0x00100000. For
more information on how to control and configure these memory select registers, see the bus structure and
memory sections of the TMS470R1x System Module Reference Guide (literature number SPNU189).
For the memory selection assignments and the memory selected, see Table 2.
Table 2. Memory Selection Assignment
† The starting addresses for both RAM memory-select signals cannot be offset from each other by a multiple of the user-defined block size in the
memory-base address register.
RAM
The VC334A device contains 4K bytes of internal static RAM configurable by the SYS module to be addressed
within the range of 0x0000_0000 to 0xFFE0_0000. This VC334A RAM is implemented in one 4K array selected
by two memory-select signals. This VC334A configuration imposes an additional constraint on the memory
map for RAM; the starting addresses for both RAM memory selects cannot be offset from each other by the
multiples of the size of the physical RAM (i.e., 4K for the VC334A device). The VC334A RAM is addressed
through memory selects 2 and 3.
The RAM can be protected by the memory protection unit (MPU) portion of the SYS module, allowing the user
finer blocks of memory protection than is allowed by the memory selects. The MPU is ideal for protecting an
operating system while allowing access to the current task. For more detailed information on the MPU portion
of the SYS module and memory protection, see the memory section of the TMS470R1x System Module
Reference Guide (literature number SPNU189).
ROM
The VC334A program ROM consists of 64K bytes mask programmable read-only memory. The program ROM
is used for permanent storage of data or instructions. Programming the mask ROM is performed at the time of
device fabrication.
HET RAM
The VC334A device contains HET RAM. The HET RAM has a 64-instruction capability. The HET RAM is
configurable by the SYS module to be addressed within the range of 0x0000_0000 to 0xFFE0_0000. The HET
RAM is addressed through memory select 4.
MEMORY
SELECT
MEMORY SELECTED
(ALL INTERNAL)
MEMORY
SIZE
MPU
MEMORY BASE ADDRESS REGISTER
STATIC MEM
CTL REGISTER
0 (fine)
ROM
64K
NO
MFBAHR0 and MFBALR0
1 (fine)
ROM
NO
MFBAHR1 and MFBALR1
2 (fine)
RAM
4K
YES
MFBAHR2 and MFBALR2
3 (fine)
RAM
YES
MFBAHR3 and MFBALR3
4 (fine)
HET RAM
1K
MFBAHR4 and MFBALR4
SMCR1


Similar Part No. - TMS470R1VC334A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VC336 TI1-TMS470R1VC336 Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC336A TI1-TMS470R1VC336A Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC336APZ-T TI1-TMS470R1VC336APZ-T Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC336APZA TI1-TMS470R1VC336APZA Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC336APZQ TI1-TMS470R1VC336APZQ Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
More results

Similar Description - TMS470R1VC334A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VC002 TI-TMS470R1VC002 Datasheet
670Kb / 42P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLER
TMS470R1VC338 TI-TMS470R1VC338 Datasheet
753Kb / 55P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC336A TI1-TMS470R1VC336A Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
logo
Samsung semiconductor
S3F443FX SAMSUNG-S3F443FX Datasheet
708Kb / 36P
   16/32-Bit RISC Microcontroller
logo
Texas Instruments
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1A64PNTR TI-TMS470R1A64PNTR Datasheet
374Kb / 46P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1VF67A TI1-TMS470R1VF67A_V01 Datasheet
970Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com