Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012X5R1A0R5WTXXXX Datasheet(PDF) 1 Page - TDK Electronics

Part # C2012X5R1A0R5WTXXXX
Description  General Application
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012X5R1A0R5WTXXXX Datasheet(HTML) 1 Page - TDK Electronics

  C2012X5R1A0R5WTXXXX Datasheet HTML 1Page - TDK Electronics C2012X5R1A0R5WTXXXX Datasheet HTML 2Page - TDK Electronics C2012X5R1A0R5WTXXXX Datasheet HTML 3Page - TDK Electronics C2012X5R1A0R5WTXXXX Datasheet HTML 4Page - TDK Electronics C2012X5R1A0R5WTXXXX Datasheet HTML 5Page - TDK Electronics C2012X5R1A0R5WTXXXX Datasheet HTML 6Page - TDK Electronics C2012X5R1A0R5WTXXXX Datasheet HTML 7Page - TDK Electronics C2012X5R1A0R5WTXXXX Datasheet HTML 8Page - TDK Electronics C2012X5R1A0R5WTXXXX Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
Issue date:
April 2011
TDK MLCC
US Catalog
Version B11
C Series
General Application
Type:
C0402 [EIA CC01005]
C0603 [EIA CC0201]
C1005 [EIA CC0402]
C1608 [EIA CC0603]
C2012 [EIA CC0805]
C3216 [EIA CC1206]
C3225 [EIA CC1210]
C4532 [EIA CC1812]
C5750 [EIA CC2220]


Similar Part No. - C2012X5R1A0R5WTXXXX

ManufacturerPart #DatasheetDescription
logo
AUK corp
C2012X5R1A105KT AUK-C2012X5R1A105KT Datasheet
365Kb / 6P
   Low Drop Output Voltage Regulator
logo
Skyworks Solutions Inc.
C2012X5R1A106K SKYWORKS-C2012X5R1A106K Datasheet
1Mb / 22P
   600mA Voltage-Scaling Step-Down Converter for RF Power Amplifiers with Bypass Switch
logo
TDK Electronics
C2012X5R1A106K085AB TDK-C2012X5R1A106K085AB Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C2012X5R1A106K085AB TDK-C2012X5R1A106K085AB_17 Datasheet
233Kb / 3P
   Multilayer Ceramic Chip Capacitors
C2012X5R1A106K125AB TDK-C2012X5R1A106K125AB Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
More results

Similar Description - C2012X5R1A0R5WTXXXX

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3875S KEC-KTC3875S Datasheet
95Kb / 3P
   GENERAL PURPOSE APPLICATION SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC856F KODENSHI-BC856F Datasheet
284Kb / 4P
   General purpose application Switching application
logo
First Silicon Co., Ltd
FTA1504 FS-FTA1504 Datasheet
281Kb / 3P
   GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC857F KODENSHI-BC857F Datasheet
284Kb / 4P
   General purpose application
BC857U KODENSHI-BC857U Datasheet
274Kb / 4P
   General purpose application
BC846 KODENSHI-BC846 Datasheet
267Kb / 4P
   General purpose application
BC846F KODENSHI-BC846F Datasheet
279Kb / 4P
   General purpose application
BC846U KODENSHI-BC846U Datasheet
268Kb / 4P
   General purpose application
BC846UF KODENSHI-BC846UF Datasheet
179Kb / 3P
   General purpose application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com