Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHB12232B Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JHB12232B
Description  The JHB12232B is a 122 x 32 Dots Graphics LCD module. It has a STN panel composed of 122 segments and 32 commons. The LCM can be easily accessed by micro-controller via parallel interface.
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JHB12232B Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JHB12232B Datasheet HTML 6Page - Jewel Hill Electronic JHB12232B Datasheet HTML 7Page - Jewel Hill Electronic JHB12232B Datasheet HTML 8Page - Jewel Hill Electronic JHB12232B Datasheet HTML 9Page - Jewel Hill Electronic JHB12232B Datasheet HTML 10Page - Jewel Hill Electronic JHB12232B Datasheet HTML 11Page - Jewel Hill Electronic JHB12232B Datasheet HTML 12Page - Jewel Hill Electronic JHB12232B Datasheet HTML 13Page - Jewel Hill Electronic JHB12232B Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JHB12232B
VER: 5.0
- 9 -
Issue date: 2009/12/03
JEWEL HILL ELECTRONIC CO.,LTD.
2. DISPLAY CONTROL OUTPUT TIMING


Similar Part No. - JHB12232B

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JHB12232A JHE-JHB12232A Datasheet
453Kb / 24P
   The JHB12232A is a 122 x 32 Dots Graphics LCD module. It has a STN panel composed of 122 segments and 32 commons. The LCM can be easily accessed by micro-controller via parallel interface.
JHB12232C JHE-JHB12232C Datasheet
562Kb / 23P
   The JHB12232C is a 122 x 32 Dots Graphics LCD module. It has a STN panel composed of 122 segments and 32 commons. The LCM can be easily accessed by micro-controller via parallel interface.
JHB12232D JHE-JHB12232D Datasheet
416Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
JHB12232DSBECAMUA JHE-JHB12232DSBECAMUA Datasheet
416Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
JHB12232DSBECANUA JHE-JHB12232DSBECANUA Datasheet
416Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JHB12232B

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JHB12232A JHE-JHB12232A Datasheet
453Kb / 24P
   The JHB12232A is a 122 x 32 Dots Graphics LCD module. It has a STN panel composed of 122 segments and 32 commons. The LCM can be easily accessed by micro-controller via parallel interface.
JHB12232C JHE-JHB12232C Datasheet
562Kb / 23P
   The JHB12232C is a 122 x 32 Dots Graphics LCD module. It has a STN panel composed of 122 segments and 32 commons. The LCM can be easily accessed by micro-controller via parallel interface.
JHB12232E JHE-JHB12232E Datasheet
567Kb / 23P
   The JHB12232E is a 122 x 32 Dots Graphics LCD module. It has a STN panel composed of 122 segments and 32 commons. The LCM can be easily accessed by micro-controller via parallel interface.
JHB4004A JHE-JHB4004A Datasheet
578Kb / 23P
   The JHB4004A is a 40C x 4L Character LCD module. It has a STN panel composed of 200 segments and 32 commons. The LCM can be easily accessed by micro-controller via parallel interface.
JHB0802B JHE-JHB0802B Datasheet
464Kb / 23P
   The JHB0802B is a 8C x 2L Character LCD module. It has a STN panel composed of 40 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
JHB1601A JHE-JHB1601A Datasheet
464Kb / 23P
   The JHB1601A is a 16C x 1L Character LCD module. It has a STN panel composed of 2x40 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
JHB1602E-001 JHE-JHB1602E-001 Datasheet
484Kb / 23P
   The JHB1602E is a 16C x 2L Character LCD module. It has a STN panel composed of 80 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
JHB1602I JHE-JHB1602I Datasheet
588Kb / 24P
   The JHB162I is a 16C x 2L Character LCD module. It has a STN panel composed of 80 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
JHB2002A JHE-JHB2002A Datasheet
491Kb / 23P
   The JHB2002A is a 20C x 2L Character LCD module. It has a STN panel composed of 100 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
JHB0802A JHE-JHB0802A Datasheet
575Kb / 23P
   The JHB0802A is a 8C x 2L Character LCD module. It has a STN panel composed of 40 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com