Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV70733PDQNR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70733PDQNR
Description  200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70733PDQNR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV70733PDQNR Datasheet HTML 3Page - Texas Instruments TLV70733PDQNR Datasheet HTML 4Page - Texas Instruments TLV70733PDQNR Datasheet HTML 5Page - Texas Instruments TLV70733PDQNR Datasheet HTML 6Page - Texas Instruments TLV70733PDQNR Datasheet HTML 7Page - Texas Instruments TLV70733PDQNR Datasheet HTML 8Page - Texas Instruments TLV70733PDQNR Datasheet HTML 9Page - Texas Instruments TLV70733PDQNR Datasheet HTML 10Page - Texas Instruments TLV70733PDQNR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
2
5.5
InputVoltage(V)
1.3
1.28
1.26
1.24
1.22
1.2
1.18
1.16
1.14
1.12
1.1
+85 C
°
+25 C
°
-40 C
°
V
=1.2V
I
=150mA
OUT
OUT
2.5
3
3.5
4
4.5
5
3.1
5.5
InputVoltage(V)
2.9
2.88
2.86
2.84
2.82
2.8
2.78
2.76
2.74
2.72
2.7
+85 C
°
+25 C
°
-40 C
°
3.7
4.3
4.9
V
=2.8V
I
=150mA
OUT
OUT
5.3
5.5
InputVoltage(V)
5.1
5.08
5.06
5.04
5.02
5
4.98
4.96
4.94
4.92
4.9
+85 C
°
+25 C
°
-40 C
°
V
=5.0V
I
=150mA
OUT
OUT
5.35
5.4
5.45
-40
85
Temperature( C)
°
1.3
1.28
1.26
1.24
1.22
1.2
1.18
1.16
1.14
1.12
1.1
I
=10mA
I
=150mA
OUT
OUT
V
=1.2V
OUT
-15
10
35
60
-40
85
Temperature( C)
°
2.9
2.88
2.86
2.84
2.82
2.8
2.78
2.76
2.74
2.72
2.7
I
=10mA
I
=150mA
OUT
OUT
V
=2.8V
OUT
-15
10
35
60
-40
85
Temperature( C)
°
5.1
5.08
5.06
5.04
5.02
5
4.98
4.96
4.94
4.92
4.9
I
=10mA
I
=150mA
OUT
OUT
V
=5.0V
OUT
-15
10
35
60
TLV707 Series
www.ti.com
SBVS153B
– FEBRUARY 2011 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS (continued)
At VIN = VOUT(TYP) + 0.5 V or 2.0 V (whichever is greater); IOUT = 10 mA, VEN = VIN, COUT = 1 μF, and TA = –40°C to +85°C,
unless otherwise noted. Typical values are at TA = +25°C.
LINE REGULATION
LINE REGULATION
Figure 9.
Figure 10.
LINE REGULATION
OUTPUT VOLTAGE vs TEMPERATURE
Figure 11.
Figure 12.
OUTPUT VOLTAGE vs TEMPERATURE
OUTPUT VOLTAGE vs TEMPERATURE
Figure 13.
Figure 14.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TLV70733PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70733PDQNR TI1-TLV70733PDQNR Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
TLV70733PDQNR TI-TLV70733PDQNR Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70733PDQNR TI1-TLV70733PDQNR Datasheet
1Mb / 41P
[Old version datasheet]   Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70733PDQNR TI1-TLV70733PDQNR Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV70733PDQNR TI1-TLV70733PDQNR Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70733PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV707 TI1-TLV707 Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
TLV707 TI1-TLV707_17 Datasheet
1Mb / 41P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI-TLV707_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707_18 Datasheet
1Mb / 42P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_13 Datasheet
1Mb / 35P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com