Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM4EP64DPN Datasheet(PDF) 9 Page - Texas Instruments

Part # TM4EP64DPN
Description  EXTENDED-DATA-OUT DYNAMIC RAM MODULES
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM4EP64DPN Datasheet(HTML) 9 Page - Texas Instruments

Back Button TM4EP64DPN Datasheet HTML 5Page - Texas Instruments TM4EP64DPN Datasheet HTML 6Page - Texas Instruments TM4EP64DPN Datasheet HTML 7Page - Texas Instruments TM4EP64DPN Datasheet HTML 8Page - Texas Instruments TM4EP64DPN Datasheet HTML 9Page - Texas Instruments TM4EP64DPN Datasheet HTML 10Page - Texas Instruments TM4EP64DPN Datasheet HTML 11Page - Texas Instruments TM4EP64DPN Datasheet HTML 12Page - Texas Instruments TM4EP64DPN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
TM2EP64DPN, TM2EP64DJN, TM4EP64DPN, TM4EP64DJN
TM2EP72DPN, TM2EP72DJN, TM4EP72DPN, TM4EP72DJN
EXTENDEDDATAOUT DYNAMIC RAM MODULES
SMMS684A − AUGUST 1997 − REVISED FEBRUARY 1998
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended ranges of supply voltage and ambient temperature
(unless otherwise noted) (continued)
TM2EP72DxN
PARAMETER
TEST CONDITIONS†
’2EP72DxN-50
’2EP72DxN-60
’2EP72DxN-70
UNIT
PARAMETER
TEST CONDITIONS†
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
High-level
output
IOH = − 2 mA
LVTTL
2.4
2.4
2.4
V
VOH
output
voltage
IOH = − 100 µA
LVCMOS
VDD −0.2
VDD −0.2
VDD −0.2
V
VOL
Low-level
output
IOL = 2 mA
LVTTL
0.4
0.4
0.4
V
VOL
output
voltage
IOL = 100 µA
LVCMOS
0.2
0.2
0.2
V
II
Input current
(leakage)
VDD = 3.6 V,
VI = 0 V to 3.9 V,
All others = 0 V to VDD
± 10
± 10
± 10
µA
IO
Output
current
(leakage)
VDD = 3.6 V,
VO = 0 V to VDD,
CASx high
± 10
± 10
± 10
µA
ICC1‡§
Read- or
write-cycle
current
VDD = 3.6 V,
Minimum cycle
976
816
736
mA
Standby
VIH = 2 V (LVTTL),
After one memory cycle,
RASx and CASx high
18
18
18
mA
ICC2
Standby
current
VIH = VDD − 0.2 V
(LVCMOS),
After one memory cycle,
RASx and CASx high
9
9
9
mA
ICC3‡§
Average
refresh
current
(RASx-only
refresh
or CBR)
VDD = 3.6 V,
Minimum cycle,
RASx cycling,
CASx high (RAS-only refresh),
RASx low after CASx low (CBR)
976
816
736
mA
ICC4‡¶
Average
EDO current
VDD = 3.6 V,
tHPC = MIN,
RASx low,
CASx cycling
990
810
720
mA
† For conditions shown as MIN / MAX, use the appropriate value specified in the timing requirements.
‡ Measured with outputs open
§ Measured with a maximum of one address change while RASx = VIL
¶ Measured with a maximum of one address change during each EDO cycle, tHPC


Similar Part No. - TM4EP64DPN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4EP64BJN TI-TM4EP64BJN Datasheet
354Kb / 22P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM4EP64BJN-50 TI-TM4EP64BJN-50 Datasheet
354Kb / 22P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM4EP64BJN-60 TI-TM4EP64BJN-60 Datasheet
354Kb / 22P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM4EP64BJN-70 TI-TM4EP64BJN-70 Datasheet
354Kb / 22P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM4EP64BPN TI-TM4EP64BPN Datasheet
354Kb / 22P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com