Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV70525YFPT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70525YFPT
Description  200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small 0.8-mm x 0.8-mm WCSP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70525YFPT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV70525YFPT Datasheet HTML 4Page - Texas Instruments TLV70525YFPT Datasheet HTML 5Page - Texas Instruments TLV70525YFPT Datasheet HTML 6Page - Texas Instruments TLV70525YFPT Datasheet HTML 7Page - Texas Instruments TLV70525YFPT Datasheet HTML 8Page - Texas Instruments TLV70525YFPT Datasheet HTML 9Page - Texas Instruments TLV70525YFPT Datasheet HTML 10Page - Texas Instruments TLV70525YFPT Datasheet HTML 11Page - Texas Instruments TLV70525YFPT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
10
1
0.1
0.01
0
10
100
1k
10k
100k
1M
Frequency(Hz)
10M
V
=1.8V
OUT
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
InputVoltage(V)
100
90
80
70
60
50
40
30
20
10
0
V
=1.8V
OUT
1kHz
10kHz
100kHz
(20mV/div)
Time(200 s/div)
m
(100mA/div)
t =t =1 s
m
R
F
V
OUT
I
OUT
200mA
0mA
0.8
1.2
1.6
2
2.4
2.8
3.2
4.8
V
(V)
OUT
45
40
35
30
25
20
15
10
5
0
Bandwidth:100Hzto100kHz
Bandwidth:10Hzto100kHz
3.6
4
4.4
(20mV/div)
Time(200 s/div)
m
(100mA/div)
t =t =1 s
m
R
F
V
OUT
I
OUT
200mA
1mA
(20mV/div)
Time(200 s/div)
m
(50mA/div)
t =t =1 s
m
R
F
100mA
1mA
V
OUT
I
OUT
TLV705
TLV705P
SBVS151B
– DECEMBER 2010 – REVISED DECEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), IOUT = 10 mA, VEN = 0.9 V, COUT = 1 μF, and VIN = VOUT(TYP) +
0.5 V or 2 V, whichever is greater, unless otherwise noted. Typical values are at TJ = +25°C.
POWER-SUPPLY REJECTION RATIO vs INPUT VOLTAGE
OUTPUT SPECTRAL NOISE DENSITY vs FREQUENCY
Figure 15.
Figure 16.
INTEGRATED NOISE vs OUTPUT VOLTAGE
LOAD TRANSIENT 0
Figure 17.
Figure 18.
LOAD TRANSIENT 1
LOAD TRANSIENT 3
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - TLV70525YFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70525YFPT TI1-TLV70525YFPT Datasheet
841Kb / 26P
[Old version datasheet]   200-mA, Low IQ, Low-Noise, Low-Dropout Regulator
TLV70525YFPT TI1-TLV70525YFPT Datasheet
1Mb / 33P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV70525YFPT TI1-TLV70525YFPT Datasheet
1Mb / 36P
[Old version datasheet]   200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.77-mm 횞 0.77-mm DSBGA and PicoStar
More results

Similar Description - TLV70525YFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV705 TI1-TLV705_14 Datasheet
966Kb / 24P
[Old version datasheet]   200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small 0.8-mm x 0.8-mm WCSP
TLV705 TI-TLV705_15 Datasheet
1Mb / 32P
[Old version datasheet]   TLV705x 200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.8-mm 횞 0.8-mm DSBGA and PicoStar?
TLV705 TI1-TLV705_18 Datasheet
1Mb / 36P
[Old version datasheet]   200-mA, Low IQ, Low-Noise, Low-Dropout Regulator in Ultra-Small, 0.77-mm 횞 0.77-mm DSBGA and PicoStar
TLV705 TI1-TLV705 Datasheet
841Kb / 26P
[Old version datasheet]   200-mA, Low IQ, Low-Noise, Low-Dropout Regulator
logo
NXP Semiconductors
LD6806 PHILIPS-LD6806 Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
logo
Texas Instruments
TPS7A05 TI1-TPS7A05 Datasheet
511Kb / 24P
[Old version datasheet]   1-uA IQ, 200-mA, Ultralow IQ Low-Dropout Regulator in a 1-mm x 1-mm Package
logo
ON Semiconductor
NCP752 ONSEMI-NCP752 Datasheet
1Mb / 21P
   200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
April, 2013 ??Rev. 2
NCV8752 ONSEMI-NCV8752 Datasheet
1Mb / 21P
   200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
April, 2013 ??Rev. 0
logo
Texas Instruments
TLV70712P TI1-TLV70712P Datasheet
1Mb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
TLV707 TI1-TLV707 Datasheet
1Mb / 28P
[Old version datasheet]   200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
OCTOBER2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com