Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP421AIDCNT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMP421AIDCNT
Description  짹1째C Remote and Local TEMPERATURE SENSOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP421AIDCNT Datasheet(HTML) 2 Page - Texas Instruments

  TMP421AIDCNT Datasheet HTML 1Page - Texas Instruments TMP421AIDCNT Datasheet HTML 2Page - Texas Instruments TMP421AIDCNT Datasheet HTML 3Page - Texas Instruments TMP421AIDCNT Datasheet HTML 4Page - Texas Instruments TMP421AIDCNT Datasheet HTML 5Page - Texas Instruments TMP421AIDCNT Datasheet HTML 6Page - Texas Instruments TMP421AIDCNT Datasheet HTML 7Page - Texas Instruments TMP421AIDCNT Datasheet HTML 8Page - Texas Instruments TMP421AIDCNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TMP421
TMP422
TMP423
SBOS398C – JULY 2007 – REVISED MAY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
TWO-WIRE
PACKAGE
PACKAGE
PRODUCT
DESCRIPTION
ADDRESS
PACKAGE-LEAD
DESIGNATOR
MARKING
TMP421
Single Channel
100 11xx
SOT23-8
DCN
DACI
Remote Junction
TMP421C
100 11xx
DSBGA-8
YZD
TMP421
Temperature Sensor
Dual Channel
TMP422
Remote Junction
100 11xx
SOT23-8
DCN
DADI
Temperature Sensor
TMP423A
Triple Channel
100 1100
SOT23-8
DCN
DAEI
Remote Junction
TMP423B
100 1101
SOT23-8
DCN
DAFI
Temperature Sensor
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
TMP421, TMP422, TMP423
UNIT
Power Supply, VS
+7
V
Pins 1, 2, 3, and 4 only
–0.5 to VS + 0.5
V
Input Voltage
Pins 6 and 7 only
–0.5 to 7
V
Input Current
10
mA
Operating Temperature Range
–55 to +127
°C
Storage Temperature Range
–60 to +130
°C
Junction Temperature (TJ max)
+150
°C
Human Body Model (HBM)
3000
V
ESD Rating
Charged Device Model (CDM)
1000
V
Machine Model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
2
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Link(s): TMP421 TMP422 TMP423


Similar Part No. - TMP421AIDCNT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP421AIDCNT BURR-BROWN-TMP421AIDCNT Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP421AIDCNT TI-TMP421AIDCNT Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Burr-Brown (TI)
TMP421AIDCNTG4 BURR-BROWN-TMP421AIDCNTG4 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP421AIDCNTG4 TI-TMP421AIDCNTG4 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
More results

Similar Description - TMP421AIDCNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP421 TI-TMP421 Datasheet
644Kb / 30P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com