Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR705A Datasheet(PDF) 2 Page - Motorola, Inc

Part # MCR705A
Description  Silicon Controlled Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCR705A Datasheet(HTML) 2 Page - Motorola, Inc

  MCR705A Datasheet HTML 1Page - Motorola, Inc MCR705A Datasheet HTML 2Page - Motorola, Inc MCR705A Datasheet HTML 3Page - Motorola, Inc MCR705A Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCR703A thru MCR708A
2
Motorola Thyristor Device Data
THERMAL CHARACTERISTICS
Characteristic
Symbol
Min
Max
Unit
Thermal Resistance, Junction to Case
R
θJC
8.33
°C/W
Thermal Resistance, Junction to Ambient (Case 369A-04)(1)
R
θJA
80
°C/W
Thermal Resistance, Junction to Ambient (Case 369-03)(2)
R
θJA
85
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C and RGK = 1000 ohms unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Peak Forward or Reverse Blocking Current
(VAK = Rated VDRM or VRRM) TC = 25°C
TC = 110°C
IDRM, IRRM
10
200
µA
Peak Forward “On” Voltage
(ITM = 8.2 A Peak, Pulse Width = 1 to 2 ms, 2% Duty Cycle)
VTM
2.2
Volts
Gate Trigger Current (Continuous dc)(3)
(VAK = 12 Vdc, RL = 24 Ohms)
(VAK = 12 Vdc, RL = 24 Ohms, TC = –40°C)
IGT
25
75
300
µA
Gate Trigger Voltage (Continuous dc)
(Source Voltage = 12 V, RS = 50 Ohms)
(VAK = 12 Vdc, RL = 24 Ohms, TC = –40°C)
VGT
1
Volts
Gate Non-Trigger Voltage
(VAK = Rated VDRM, RL = 100 Ohms, TC = 110°C)
VGD
0.2
Volts
Holding Current
(VAK = 12 Vdc, IGT = 2 mA)
TC = 25°C
(Initiating On-State Current = 200 mA) TC = –40°C
IH
5
10
mA
Total Turn-On Time
(Source Voltage = 12 V, RS = 6 k Ohms)
(ITM = 8.2 A, IGT = 2 mA, Rated VDRM)
(Rise Time = 20 ns, Pulse Width = 10
µs)
tgt
2
µs
Forward Voltage Application Rate
(VD = Rated VDRM, Exponential Waveform, TC = 110°C)
dv/dt
10
V/
µs
1. Case 369A-04 when surface mounted on minimum pad sizes recommended.
2. Case 369-03 standing in free air.
3. RGK current not included in measurement.
Figure 2. Maximum Case Temperature
Figure 3. Maximum Ambient Temperature
f = 60 Hz
3.6
0
0.4
0.8
1.2
1.6
2
2.4
2.8
106
3.2
82
86
90
98
102
94
120
°
α = 30°
110
4
180
°
IT(AV), AVERAGE FORWARD CURRENT (AMP)
60
°
α
0
0.8
α
π
0
f = 60 Hz
60
° 90° 180°
dc
90
°
90
0
0.1
0.2
0.3
0.4
0.6
0.5
30
50
70
110
0.7
IT(AV), AVERAGE FORWARD CURRENT (AMP)
dc
π
α = 30°


Similar Part No. - MCR705A

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MCR70 DIGITRON-MCR70 Datasheet
575Kb / 4P
   35 AMP SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
MCR70 NJSEMI-MCR70 Datasheet
124Kb / 2P
   SCRs 24 and 55 AMPERES RMS 50 thru 400 VOLTS
logo
Digitron Semiconductors
MCR70- DIGITRON-MCR70- Datasheet
574Kb / 4P
   55 AMP SILICON CONTROLLED RECTIFIER
MCR70-A DIGITRON-MCR70-A Datasheet
574Kb / 4P
   55 AMP SILICON CONTROLLED RECTIFIER
logo
ON Semiconductor
MCR703A ONSEMI-MCR703A Datasheet
66Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers Reverse Blocking Thyristors
November, 2007 ??Rev. 7
More results

Similar Description - MCR705A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com