Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7221 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7221
Description  Serially Interfaced, 8-Digit LED Display Drivers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7221 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7221 Datasheet HTML 1Page - Maxim Integrated Products MAX7221 Datasheet HTML 2Page - Maxim Integrated Products MAX7221 Datasheet HTML 3Page - Maxim Integrated Products MAX7221 Datasheet HTML 4Page - Maxim Integrated Products MAX7221 Datasheet HTML 5Page - Maxim Integrated Products MAX7221 Datasheet HTML 6Page - Maxim Integrated Products MAX7221 Datasheet HTML 7Page - Maxim Integrated Products MAX7221 Datasheet HTML 8Page - Maxim Integrated Products MAX7221 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Serially Interfaced, 8-Digit LED Display Drivers
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = 5V ±10%, RSET = 9.53k
Ω ±1%, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage (with respect to GND)
V+ ............................................................................-0.3V to 6V
DIN, CLK, LOAD, CS ...............................................-0.3V to 6V
All Other Pins.............................................-0.3V to (V+ + 0.3V)
Current
DIG 0–DIG 7 Sink Current..............................................500mA
SEG A–G, DP Source Current........................................100mA
Continuous Power Dissipation (TA = +85°C)
Narrow Plastic DIP (derate 13.3mW/°C
above +70°C)..............................................................1066mW
Wide SO (derate 11.8mW/°C above +70°C).................941mW
Narrow CERDIP (derate 12.5mW/°C above +70°C) ...1000mW
Operating Temperature Ranges (TMIN to TMAX)
MAX7219C_G/MAX7221C_G ..............................0°C to +70°C
MAX7219E_G/MAX7221E_G ............................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
RSET = open circuit
All digital inputs at V+ or GND, TA = +25°C
Digit off, VDIGIT = V+
TA = +25°C, V+ = 5V, VOUT = (V+ - 1V)
All segments and decimal point on,
ISEG_ = -40mA
8 digits scanned
V+ = 5V, VOUT = 0.65V
TA = +25°C, V+ = 5V, VOUT = (V+ - 1V)
CONDITIONS
8
Operating Supply Current
µA
150
I+
V
4.0
5.5
V+
Operating Supply Voltage
Shutdown Supply Current
µA
-10
IDIGIT
Digit Drive Leakage
(MAX7221 only)
%
3.0
ΔISEG
Segment Drive Current Matching
mA/µs
10
20
50
ΔISEG/Δt
Segment Current Slew Rate
(MAX7221 only)
mA
330
I+
Hz
500
800
1300
fOSC
Display Scan Rate
mA
320
IDIGIT
Digit Drive Sink Current
mA
-30
-40
-45
ISEG
Segment Drive Source Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Segment off, VSEG = 0V
µA
1
ISEG
Segment Drive Leakage
(MAX7221 only)
Digit off, VDIGIT = (V+ - 0.3V)
mA
-2
IDIGIT
Digit Drive Source Current
(MAX7219 only)
Segment off, VSEG = 0.3V
mA
5
ISEG
Segment Drive Sink Current
(MAX7219 only)
MAX7219/MAX7221
2
Maxim Integrated


Similar Part No. - MAX7221

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7221 MAXIM-MAX7221 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7221 MAXIM-MAX7221 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7221C/D MAXIM-MAX7221C/D Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7221C/D MAXIM-MAX7221C/D Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7221CNG MAXIM-MAX7221CNG Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
More results

Similar Description - MAX7221

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
MAX7219 MAXIM-MAX7219_07 Datasheet
734Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX6950CEE MAXIM-MAX6950CEE Datasheet
664Kb / 19P
   Serially Interfaced, 2.7V to 5.5V, 5- and 8-Digit LED Display Drivers
Rev 2; 3/05
logo
ams AG
AS1100 AMSCO-AS1100 Datasheet
140Kb / 12P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_12 Datasheet
1Mb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1100 AMSCO-AS1100_1 Datasheet
396Kb / 17P
   Serially Interfaced, 8-Digit LED Driver
AS1105 AMSCO-AS1105_1 Datasheet
554Kb / 15P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105_07 Datasheet
200Kb / 16P
   Serially Interfaced, 4-Digit LED Driver
AS1105 AMSCO-AS1105 Datasheet
142Kb / 12P
   Serially Interfaced, 4-Digit LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com