Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812SMS-47NJLC Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 1812SMS-47NJLC
Description  RF Power Field Effect Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

1812SMS-47NJLC Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 1812SMS-47NJLC Datasheet HTML 3Page - Freescale Semiconductor, Inc 1812SMS-47NJLC Datasheet HTML 4Page - Freescale Semiconductor, Inc 1812SMS-47NJLC Datasheet HTML 5Page - Freescale Semiconductor, Inc 1812SMS-47NJLC Datasheet HTML 6Page - Freescale Semiconductor, Inc 1812SMS-47NJLC Datasheet HTML 7Page - Freescale Semiconductor, Inc 1812SMS-47NJLC Datasheet HTML 8Page - Freescale Semiconductor, Inc 1812SMS-47NJLC Datasheet HTML 9Page - Freescale Semiconductor, Inc 1812SMS-47NJLC Datasheet HTML 10Page - Freescale Semiconductor, Inc 1812SMS-47NJLC Datasheet HTML 11Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
RF Device Data
Freescale Semiconductor
MRF6VP11KHR6
PRODUCT DOCUMENTATION AND SOFTWARE
Refer to the following documents to aid your design process.
Application Notes
• AN1955: Thermal Measurement Methodology of RF Power Amplifiers
Engineering Bulletins
• EB212: Using Data Sheet Impedances for RF LDMOS Devices
Software
• Electromigration MTTF Calculator
• RF High Power Model
For Software, do a Part Number search at http://www.freescale.com, and select the “Part Number” link. Go to the Software &
Tools tab on the part’s Product Summary page to download the respective tool.
REVISION HISTORY
The following table summarizes revisions to this document.
Revision
Date
Description
0
Jan. 2008
• Initial Release of Data Sheet
1
Apr. 2008
• Corrected description and part number for the R1 resistor and updated R2 resistor to latest RoHS
compliant part number in Table 5, Test Circuit Component Designations and Values, p. 3.
• Added Fig. 12, Maximum Transient Thermal Impedance, p. 6
2
July 2008
• Added MTTF CW graph, Fig. 13, MTTF versus Junction Temperature, p. 6
3
Sept. 2008
• Added Note to Fig. 4, Capacitance versus Drain--Source Voltage, to denote that each side of device is
measured separately, p. 5
• Updated Fig. 5, DC Safe Operating Area, to clarify that measurement is on a per--side basis, p. 5
• Corrected Fig. 13, MTTF versus Junction Temperature – CW, to reflect the correct die size and increased
the MTTF factor accordingly, p. 6
• Corrected Fig. 14, MTTF versus Junction Temperature – Pulsed, to reflect the correct die size and
increased the MTTF factor accordingly, p. 6
4
Dec. 2008
• Fig. 15, Series Equivalent Source and Load Impedance, corrected Zsource copy to read “Test circuit
impedance as measured from gate to gate, balanced configuration” and Zload copy to read “Test circuit
impedance as measured from drain to drain, balanced configuration”, p. 7
5
July 2009
• Added 1000 W CW thermal data at 100 MHz to Thermal Characteristics table, p. 1
• Changed “EKME630ELL471MK25S” part number to “MCGPR63V477M13X26--RH”, changed R1
Description from “1 KΩ, 1/4 W Axial Leaded Resistor” to “1 KΩ, 1/4 W Carbon Leaded Resistor” and
“CMF601000R0FKEK” part number to “MCCFR0W4J0102A50”, Table 5, Test Circuit Component
Designations and Values, p. 3
• Corrected Fig. 13, MTTF versus Junction Temperature – CW, to reflect change in Drain Efficiency from
70% to 72%, p. 6
• Added Electromigration MTTF Calculator and RF High Power Model availability to Product Documentation,
Tools and Software, p. 20
6
Dec. 2009
• Device frequency range improved from 10--150 MHz to 1.8--150 MHz, p. 1
• Reporting of pulsed thermal data now shown using the ZθJC symbol, Table 2. Thermal Characteristics, p. 1
7
Apr. 2010
• Operating Junction Temperature increased from 200°C to 225°C in Maximum Ratings table and related
“Continuous use at maximum temperature will affect MTTF” footnote added, p. 1


Similar Part No. - 1812SMS-47NJLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812SMS-47N-L COILCRAFT-1812SMS-47N-L Datasheet
236Kb / 2P
   Midi Spring짰 Air Core Inductors
1812SMS-47NGLB COILCRAFT-1812SMS-47NGLB Datasheet
328Kb / 2P
   Midi Spring Air Core Inductors
1812SMS-47NGLB COILCRAFT-1812SMS-47NGLB Datasheet
553Kb / 2P
   Midi Spring짰 Air Core Inductors
1812SMS-47NGLC COILCRAFT-1812SMS-47NGLC Datasheet
328Kb / 2P
   Midi Spring짰 Air Core Inductors
1812SMS-47NGLC COILCRAFT-1812SMS-47NGLC Datasheet
553Kb / 2P
   Midi Spring짰 Air Core Inductors
More results

Similar Description - 1812SMS-47NJLC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com