Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1812SMS-47NJLC Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 1812SMS-47NJLC
Description  RF Power Field Effect Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

1812SMS-47NJLC Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 1812SMS-47NJLC Datasheet HTML 2Page - Freescale Semiconductor, Inc 1812SMS-47NJLC Datasheet HTML 3Page - Freescale Semiconductor, Inc 1812SMS-47NJLC Datasheet HTML 4Page - Freescale Semiconductor, Inc 1812SMS-47NJLC Datasheet HTML 5Page - Freescale Semiconductor, Inc 1812SMS-47NJLC Datasheet HTML 6Page - Freescale Semiconductor, Inc 1812SMS-47NJLC Datasheet HTML 7Page - Freescale Semiconductor, Inc 1812SMS-47NJLC Datasheet HTML 8Page - Freescale Semiconductor, Inc 1812SMS-47NJLC Datasheet HTML 9Page - Freescale Semiconductor, Inc 1812SMS-47NJLC Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
RF Device Data
Freescale Semiconductor
MRF6VP11KHR6
TYPICAL CHARACTERISTICS
45
45
65
20
25_C
TC =--30_C
85_C
35
25
55
50
Pin, INPUT POWER (dBm) PULSED
Figure 10. Pulsed Output Power versus
Input Power
30
40
60
27
10
10
80
100
25
23
21
70
60
50
40
30
Pout, OUTPUT POWER (WATTS) PULSED
Figure 11. Pulsed Power Gain and Drain Efficiency
versus Output Power
ηD
24
22
20
1000
2000
25_C
TC =--30_C
85_C
20
26
Gps
VDD =50 Vdc
IDQ = 150 mA
f = 130 MHz
Pulse Width = 100 μsec
Duty Cycle = 20%
VDD =50 Vdc
IDQ = 150 mA
f = 130 MHz
Pulse Width = 100 μsec
Duty Cycle = 20%
0.2
110
RECTANGULAR PULSE WIDTH (S)
Figure 12. Maximum Transient Thermal Impedance
0.00001
D= 0.7
0.18
0.16
0.14
0.12
0.1
0.08
0.06
0.04
0.02
0
0.0001
0.001
0.01
0.1
D= 0.5
D= 0.1
D=Duty Factor =t1/t2
t1 = Pulse Width
t2 =Pulse Period
TJ =PD *ZJC +TC
t2
t1
PD
250
108
90
TJ, JUNCTION TEMPERATURE (°C)
Figure 13. MTTF versus Junction Temperature -- CW
This above graph displays calculated MTTF in hours when the device
is operated at VDD =50 Vdc,Pout = 1000 W CW, and ηD = 72%.
MTTF calculator available at http://www.freescale.com/rf. Select
Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
107
106
105
110
130
150
170
190
210
230
250
109
90
TJ, JUNCTION TEMPERATURE (°C)
Figure 14. MTTF versus Junction Temperature -- Pulsed
This above graph displays calculated MTTF in hours when the device
is operated at VDD =50 Vdc,Pout = 1000 W Peak, Pulse Width = 100 μsec,
Duty Cycle = 20%, and ηD = 71%.
MTTF calculator available at http://www.freescale.com/rf. Select
Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
108
107
106
110
130
150
170
190
210
230


Similar Part No. - 1812SMS-47NJLC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
1812SMS-47N-L COILCRAFT-1812SMS-47N-L Datasheet
236Kb / 2P
   Midi Spring짰 Air Core Inductors
1812SMS-47NGLB COILCRAFT-1812SMS-47NGLB Datasheet
328Kb / 2P
   Midi Spring Air Core Inductors
1812SMS-47NGLB COILCRAFT-1812SMS-47NGLB Datasheet
553Kb / 2P
   Midi Spring짰 Air Core Inductors
1812SMS-47NGLC COILCRAFT-1812SMS-47NGLC Datasheet
328Kb / 2P
   Midi Spring짰 Air Core Inductors
1812SMS-47NGLC COILCRAFT-1812SMS-47NGLC Datasheet
553Kb / 2P
   Midi Spring짰 Air Core Inductors
More results

Similar Description - 1812SMS-47NJLC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
   RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
   RF Power Field Effect Transistor
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
   RF Power Field Effect Transistor
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
   RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
   RF Power Field-Effect Transistor
logo
Advanced Semiconductor
MRF151G ASI-MRF151G Datasheet
21Kb / 1P
   RF FIELD-EFFECT POWER TRANSISTOR
logo
Motorola, Inc
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
   RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
   RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
   RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
   RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF1517NT1 FREESCALE-MRF1517NT1 Datasheet
277Kb / 15P
   RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com