Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC5002GS Datasheet(PDF) 5 Page - IXYS Corporation

Part # CPC5002GS
Description  Dual High-Speed Open-Drain
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5002GS Datasheet(HTML) 5 Page - IXYS Corporation

  CPC5002GS Datasheet HTML 1Page - IXYS Corporation CPC5002GS Datasheet HTML 2Page - IXYS Corporation CPC5002GS Datasheet HTML 3Page - IXYS Corporation CPC5002GS Datasheet HTML 4Page - IXYS Corporation CPC5002GS Datasheet HTML 5Page - IXYS Corporation CPC5002GS Datasheet HTML 6Page - IXYS Corporation CPC5002GS Datasheet HTML 7Page - IXYS Corporation CPC5002GS Datasheet HTML 8Page - IXYS Corporation CPC5002GS Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5002
R01
www.ixysic.com
5
1.9 Switching Specifications
1 Falling propagation delay can be reduced by increasing instantaneous LED current drive, typically by increasing C
FWD .
2 Rising propagation delay depends on R
PU , CL , and IF .
Increasing IF above 2 • ITH (by reducing RS) increases the rising propagation delay.
3 Propagation Delay Skew is the worst case difference propagation delay, High to Low and Low to High between the two channels of a CPC5002
when measured using the test circuit shown below, which is tuned for approximately even rising and falling delays.
1.10 Propagation Delay Test Circuit
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Timing Specifications
Clock Frequency
ISINK=6mA, CL=20pF
fMAX
-10-
MHz
Propagation Delay
Output Falling 1, 3
IF=1.5mA, VDD=3.3V,
RPU=499, CL=20pF,
0.5VIN to 0.5VDD_OUT
tPHL
35
81
120
ns
Output Rising 2, 3
tPLH
35
81
120
Pulse Width Distortion: |tPLH - tPLH|
As per tPHL and tPLH
PWD
85
ns
Propagation Delay Skew 3
As per tPHL and tPLH
tPSK
-
-
50
ns
Output Fall Time, 90% to 10%
IF=1.5mA, VDD=3.3V,
RPU=499, CL=20pF
tf
10
15
-
ns
Common Mode Specifications
Common Mode Transient Immunity
VCM=20VP-P , VDD=3.3V, TA=25°C
VOUT = High
VOUT>2V
CMH
5-
-
kV/
s
VOUT = Low
VOUT<0.8V
CML
7-
-
2k
Ω
27pF
3.3V
R
PU
499
Ω
C
L
20pF
V
DD
V
OUT
½ CPC5002
I
F


Similar Part No. - CPC5002GS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC5001 IXYS-CPC5001 Datasheet
203Kb / 9P
   Dual, One Channel Each Direction Digital Optical Isolator
CPC5001G IXYS-CPC5001G Datasheet
203Kb / 9P
   Dual, One Channel Each Direction Digital Optical Isolator
CPC5001GS IXYS-CPC5001GS Datasheet
203Kb / 9P
   Dual, One Channel Each Direction Digital Optical Isolator
CPC5001GSTR IXYS-CPC5001GSTR Datasheet
203Kb / 9P
   Dual, One Channel Each Direction Digital Optical Isolator
More results

Similar Description - CPC5002GS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G06 ONSEMI-NLX2G06 Datasheet
94Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 0
logo
Renesas Technology Corp
HD74LV1GW06A RENESAS-HD74LV1GW06A Datasheet
77Kb / 6P
   Dual Inverter Open Drain
logo
ON Semiconductor
NLU2G06 ONSEMI-NLU2G06 Datasheet
100Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 2
logo
Toshiba Semiconductor
TC7PA05FU TOSHIBA-TC7PA05FU_07 Datasheet
184Kb / 8P
   Dual Inverter (Open Drain)
logo
Renesas Technology Corp
HD74LV1GW07A RENESAS-HD74LV1GW07A Datasheet
75Kb / 6P
   Dual Buffer Open Drain
HD74LV1GW07A RENESAS-HD74LV1GW07A_15 Datasheet
156Kb / 7P
   Dual Buffer Open Drain
logo
ON Semiconductor
NLU2G06 ONSEMI-NLU2G06_16 Datasheet
72Kb / 7P
   Dual Inverter, Open Drain
July, 2016 ??Rev. 4
NLX2G06 ONSEMI-NLX2G06_16 Datasheet
79Kb / 8P
   Dual Inverter, Open Drain
June, 2016 ??Rev. 3
logo
Maxim Integrated Produc...
MAX14591 MAXIM-MAX14591_14 Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
Rev 1; 12/14
MAX14591 MAXIM-MAX14591 Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com