Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL02302N5KTR Datasheet(PDF) 3 Page - AVX Corporation

Part # AL02302N5KTR
Description  Air Core RF Inductors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AL02302N5KTR Datasheet(HTML) 3 Page - AVX Corporation

  AL02302N5KTR Datasheet HTML 1Page - AVX Corporation AL02302N5KTR Datasheet HTML 2Page - AVX Corporation AL02302N5KTR Datasheet HTML 3Page - AVX Corporation AL02302N5KTR Datasheet HTML 4Page - AVX Corporation AL02302N5KTR Datasheet HTML 5Page - AVX Corporation AL02302N5KTR Datasheet HTML 6Page - AVX Corporation AL02302N5KTR Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
PHYSICAL DIMENSIONS
RECOMMENDED LAND PATTERNS
Air Core RF Inductors
AL Series
E
B
A
D
C
30°
180°
Tinned Length
SIDE
END
TOP
Part Number
A
B
C
D
E
AL05A
1.42 ± 0.13
1.37 ± 0.15
0.89 ± 0.25
2.21 ± 0.25
1.83 ± 0.25
(0.056 ± 0.005)
(0.056 ± 0.005)
(0.035 ± 0.010)
(0.087 ± 0.010)
(0.072 ± 0.010)
AL05B
1.42 ± 0.13
1.37 ± 0.15
0.89 ± 0.25
4.04 ± 0.30
3.66 ± 0.30
(0.056 ± 0.005)
(0.056 ± 0.005)
(0.035 ± 0.010)
(0.159 ± 0.012)
(0.144 ± 0.012)
AL12A
3.05 max.
3.18 max.
0.58 ± 0.38
3.68 max.
2.92 ± 0.25
(0.120 max.)
(0.125 max.)
(0.023 ± .0.015)
(0.145 max.)
(0.115 ± 0.010)
AL12B
3.05 max.
3.18 max.
0.58 ± 0.38
6.86 max.
5.84 ± 0.25
(0.120 max.)
(0.125 max.)
(0.023 ± 0.015)
(0.270 max.)
(0.230 ± 0.010)
AL016
3.81
4.20 max.
1.53 ± 0.39
4.83 max.
4.32 ± 0.39
(0.150)
(0.165 max.)
(0.060 ± 0.015)
(0.190 max.)
(0.170 ± 0.015)
AL023
6.35 max.
5.90 max.
1.02 ± 0.39
10.55 max.
7.98 ± 0.51
(0.250 max.)
(0.232 max.)
(0.040 ± 0.015)
(0.415 max.)
(0.314 ± 0.020)
Part Number
A
B
C
D
E
AL05A
2.62
2.46
1.04
1.02
0.79
(0.103)
(0.097)
(0.041)
(0.040)
(0.031)
AL05B
4.45
2.46
2.87
1.02
0.79
(0.175)
(0.097)
(0.113)
(0.040)
(0.031)
AL12A
4.19
3.30
1.65
2.79
1.27
(0.165)
(0.130)
(0.065)
(0.110)
(0.050)
AL12B
7.24
3.30
4.70
2.79
1.27
(0.285)
(0.130)
(0.185)
(0.110)
(0.050)
AL016
5.80
5.16
2.85
2.62
1.48
(0.228)
(0.203)
(0.112)
(0.103)
(0.058)
AL023
10.0
4.70
5.95
2.42
2.04
(0.394)
(0.185)
(0.234)
(0.095)
(0.080)
mm (inches)
mm (inches)
e
d
b
c
a


Similar Part No. - AL02302N5KTR

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
AL02BT10N SEI-AL02BT10N Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
logo
List of Unclassifed Man...
AL02BT1N0 ETC2-AL02BT1N0 Datasheet
127Kb / 4P
   A photo lithographic single layer ceramic chip
logo
Stackpole Electronics, ...
AL02BT1N0 SEI-AL02BT1N0 Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
AL02BT20N8 SEI-AL02BT20N8 Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
AL02CT10N SEI-AL02CT10N Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
More results

Similar Description - AL02302N5KTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
AL AVX-AL_15 Datasheet
191Kb / 7P
   Air Core RF Inductors
AS AVX-AS_15 Datasheet
158Kb / 5P
   Square Air Core RF Inductors
AS0605N5JTR AVX-AS0605N5JTR Datasheet
384Kb / 5P
   Square Air Core RF Inductors
logo
API Delevan
4726R API-4726R Datasheet
1Mb / 1P
   Air Core Inductors
logo
Coilcraft lnc.
NA5931 COILCRAFT-NA5931_14 Datasheet
228Kb / 2P
   Air Core Inductors
GA3092-AL COILCRAFT-GA3092-AL Datasheet
213Kb / 2P
   Air Core Inductors
logo
API Delevan
4426R API-4426R Datasheet
1Mb / 1P
   Air Core Inductors
logo
List of Unclassifed Man...
4426-1 ETC1-4426-1 Datasheet
39Kb / 1P
   Air Core Inductors
5526-1 ETC1-5526-1 Datasheet
30Kb / 1P
   Air Core Inductors
logo
API Delevan
5526R API-5526R Datasheet
1Mb / 1P
   Air Core Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com