Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

209-12MSTF Datasheet(PDF) 2 Page - CTS Corporation

Part # 209-12MSTF
Description  Through Hole DIP Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

209-12MSTF Datasheet(HTML) 2 Page - CTS Corporation

  209-12MSTF Datasheet HTML 1Page - CTS Corporation 209-12MSTF Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CTS AUTO-DIP® SERIES CONTACT FEATURES
1. Value of Redundant (Bifurcated)
Contacts: Redundancy
dramatically reduces the probability of
contact failure, IMPROVING
RELIABILITY.
2. Value of Wiping Contact Action: Clean
contact area, IMPROVING RELIABILITY.
3. Value of Contactor Not Deflecting
During Actuation : Constant contact
pressure eliminates overstressing
contacts, IMPROVING RELIABILITY.
4. Value of Detent Separate from
Contactor: Separate detent allows
optimization of nondeflecting contactor
and detent designs, IMPROVING
RELIABILITY.
DIMENSION:
mm
inch
0.70
3.62
6.70±0.25
.143
.264±.010
.028
TRAVEL
-.000
+.005
-0.00
+0.15
+0.05
±.012
±0.30
TYP.
TYP.
.315
.325
.150
.100
.059
.022±.003
.126
"A"
2.54
1.50
0.55±0.08
3.2
3.80
8.00
8.25
+0.64
-0.38
+.025
-.015
.010
0.25
TYP.
-0.10
-.004
+.002
SERIES DESIGNATION(209, 210)
.039
1.0
X45° CHAMFER (2)
ON
1
2
3
4
5
10
11
12
CTS
SWITCH
11.63/.458
21.79/.858
26.87/1.058
31.95/1.258
24.33/.958
16.71/.658
19.25/.758
14.17/.558
"A"
DIMENSION
9.09/.358
6.55/.258
4
8
12
10
9
7
6
5
NO. OF
3
2
POSITIONS
OVERALL
DATE CODE
-.000
+.005
-0.00
+0.15
.315
.300
8.00
7.62
+0.64
-0.38
+.025
-.015
.010
0.25
STRAIGHT TERMINAL
AUTO INSERTABLE TERMINAL
2.54
.100
TYP.
.300
7.62
TYP.
Ø 0.8 TYP.
Ordering Information
209/210
M S T
XX: NO. OF POSITION
M: MEDIUM ACTUATOR(0.25mm/.010”)
LP: LOW PROFILE (Flush)
T: TOP TAPE SEAL
S: BOTTOM SEAL
12
Not available on Extended
actuator
*
*
E: EXTENDED HEIGHT ACTUATOR(0.6mm/.024”)
F : SHIP AT OFF POSITION
BLANK : SHIP AT ON POSITION
F
D
D : STRAIGHT TERMINAL
BLANK : AUTO-INSERTABLE TERMINAL
2 - 2
CTS Electronic Components
www.ctscorp.com
4.58 max
© 2008 CTS Corporation. All rights reserved. Information subject to change.
12/30/08
2. Wiping contact action
1. Redundant
(bifurcated)
cross radial
contactor
3. Contactor does not
deflect during actuation
4. Detent separate
from contactor
BLANK : NO TOP TAPE SEAL


Similar Part No. - 209-12MSTF

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
209-12MS CTS-209-12MS Datasheet
328Kb / 1P
   DIP Switches
More results

Similar Description - 209-12MSTF

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
206-124 CTS-206-124 Datasheet
450Kb / 4P
   Through Hole DIP Switch
195-2MS CTS-195-2MS Datasheet
334Kb / 2P
   Through Hole DIP Switch
206-221 CTS-206-221 Datasheet
386Kb / 4P
   Through Hole DIP Switch
206-121ESTN CTS-206-121ESTN Datasheet
563Kb / 4P
   Through Hole DIP Switch
logo
Omron Electronics LLC
A6E-N OMRON-A6E-N Datasheet
234Kb / 3P
   Box type Through-hole Mounting DIP Switch
logo
CTS Corporation
206 CTS-206 Datasheet
130Kb / 4P
   Multifunctional through hole DIP switches
206221 CTS-206221 Datasheet
386Kb / 4P
   Multifunctional Through Hole DIP Switches
2083LPST CTS-2083LPST Datasheet
386Kb / 4P
   Multifunctional Through Hole DIP Switches
194 CTS-194 Datasheet
1Mb / 2P
   Side Actuated, Through Hole DIP Switches
193 CTS-193 Datasheet
976Kb / 2P
   Side Actuated, Through Hole DIP Switches
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com