Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5CC012XU Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P5CC012XU
Description  Secure contact PKI smart card controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CC012XU Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P5CC012XU Datasheet HTML 3Page - NXP Semiconductors P5CC012XU Datasheet HTML 4Page - NXP Semiconductors P5CC012XU Datasheet HTML 5Page - NXP Semiconductors P5CC012XU Datasheet HTML 6Page - NXP Semiconductors P5CC012XU Datasheet HTML 7Page - NXP Semiconductors P5CC012XU Datasheet HTML 8Page - NXP Semiconductors P5CC012XU Datasheet HTML 9Page - NXP Semiconductors P5CC012XU Datasheet HTML 10Page - NXP Semiconductors P5CC012XU Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
P5CC008V1A_P5CC012V1A_FAM_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3 — 22 August 2012
195430
7 of 15
NXP Semiconductors
P5CC008V1A and P5CC012V1A
Secure contact PKI smart card controller
4.
Quick reference data
[1]
In case of extended Class B (Class BE) operation mode (targeted for battery supplied applications),
Class C is not supported
5.
Ordering information
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
supply voltage
class A: 5 V range
4.5
5.0
5.5
V
class B: 3 V range
2.7
3.0
3.3
V
class BE: 3 V range
[1] 2.23.03.3V
Class C: 1.8 V range
1.62
1.8
1.98
V
EEPROM
tret
retention time
Tamb =+55 C
25
--years
Nendu(W)
write endurance
under all operating
conditions
5
 105 -
-
cycles
Table 3.
Ordering information
Type number
Package
Name
Description
Version
P5CC012UA/... FFC
8 inch wafer (sawn; 150
m thickness; on film frame
carrier; electronic fail die marking according to
SECSII format)
not
applicable
P5CC008UA/...
P5CC012XQ/... PCM2.1
contact chip card module (super 35 mm tape format,
8-contact, transfer mould technology)
SOT658-1
P5CC008XQ/...
P5CC012XR/... Pd-PCM2.1 palladium plated contact chip card module (super
35 mm tape format, 8 contacts, transfer mould
technology)
SOT658-1
P5CC008XR/...
P5CC012XY/... PCM4.1
contact chip card module (super 35 mm tape format,
6-contact, transfer mould technology)
SOT455-1
P5CC008XY/...
P5CC012XZ/... Pd-PCM4.1 palladium plated contact chip card module (super
35 mm tape format, 6-contact, transfer mould
technology)
SOT455-1
P5CC008XZ/...
P5CC012XS/... PCM1.1
contact chip card module (super 35 mm tape format,
8-contact)
SOT658-1
P5CC008XS/...
P5CC012XT/... Pd-PCM1.1 palladium plated contact chip card module (super
35 mm tape format, 8-contact)
SOT658-1
P5CC008XT/...
P5CC012XU/... PCM1.5
contact chip card module (super 35 mm tape format,
8-contact)
SOT658-1
P5CC008XU/...
P5CC012XV/... Pd-PCM1.5 palladium plated contact chip card module (super
35 mm tape format, 8-contact)
SOT658-1
P5CC008XV/...


Similar Part No. - P5CC012XU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CC021 NXP-P5CC021 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC021UA NXP-P5CC021UA Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC021XS NXP-P5CC021XS Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC040 NXP-P5CC040 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC040UA NXP-P5CC040UA Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
More results

Similar Description - P5CC012XU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CX012 NXP-P5CX012 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD016 NXP-P5CD016 Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P60C080 NXP-P60C080 Datasheet
105Kb / 12P
   Secure high-performance contact interface smart card controller
Rev. 1??1 October 2010
P60D080 NXP-P60D080 Datasheet
217Kb / 12P
   Secure high-performance dual interface smart card controller
Rev. 1?? September 2010
logo
ATMEL Corporation
AT90SC6464C ATMEL-AT90SC6464C Datasheet
126Kb / 2P
   Secure Microcontroller for Smart Cards
AT90SC288144RU ATMEL-AT90SC288144RU Datasheet
67Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC25672RCT ATMEL-AT90SC25672RCT Datasheet
99Kb / 4P
   Secure Microcontroller for Smart Cards
AT90SC9608RC ATMEL-AT90SC9608RC Datasheet
56Kb / 4P
   Secure Microcontroller for Smart Cards
AT90SC9618RCT ATMEL-AT90SC9618RCT Datasheet
60Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC9604RU ATMEL-AT90SC9604RU Datasheet
67Kb / 3P
   Secure Microcontroller for Smart Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com