Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMXN13E9M3R9CTAS Datasheet(PDF) 4 Page - AVX Corporation

Part # LMXN13E9M3R9CTAS
Description  LMax SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LMXN13E9M3R9CTAS Datasheet(HTML) 4 Page - AVX Corporation

  LMXN13E9M3R9CTAS Datasheet HTML 1Page - AVX Corporation LMXN13E9M3R9CTAS Datasheet HTML 2Page - AVX Corporation LMXN13E9M3R9CTAS Datasheet HTML 3Page - AVX Corporation LMXN13E9M3R9CTAS Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7
1915
Codes
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
IDC (A) max.
1R0
1.0
M
100KHz, 0.1V
0.009
20
2R2
2.2
M
100KHz, 0.1V
0.014
16
3R3
3.3
M
100KHz, 0.1V
0.018
14
5R6
5.6
M
100KHz, 0.1V
0.020
12
100
10
M
100KHz, 0.1V
0.031
10
150
15
M
100KHz, 0.1V
0.036
8.0
220
22
M
100KHz, 0.1V
0.047
7.0
330
33
M
100KHz, 0.1V
0.066
5.5
470
47
M
100KHz, 0.1V
0.095
4.5
680
68
M
100KHz, 0.1V
0.130
3.5
101
100
M
100KHz, 0.1V
0.190
3.0
151
150
M
100KHz, 0.1V
0.250
2.6
221
220
M
100KHz, 0.1V
0.380
2.4
331
330
M
100KHz, 0.1V
0.560
1.9
471
470
M
100KHz, 0.1V
0.850
1.4
681
680
M
100KHz, 0.1V
1.100
1.2
102
1000
M
100KHz, 0.1V
1.800
1.0
LMax SMD Power Inductor
Non-Shielded Style C
13L9
Codes
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
IDC (A) max.
R47
0.47
N
100KHz, 0.1V
0.008
40.0
R82
0.82
N
100KHz, 0.1V
0.009
34.7
1R2
1.2
N
100KHz, 0.1V
0.010
28.4
1R5
1.5
N
100KHz, 0.1V
0.010
25.7
2R2
2.2
N
100KHz, 0.1V
0.012
23.0
3R5
3.5
N
100KHz, 0.1V
0.015
21.0
4R7
4.7
N
100KHz, 0.1V
0.020
18.0
5R6
5.6
N
100KHz, 0.1V
0.022
16.0
6R8
6.8
N
100KHz, 0.1V
0.030
15.0
8R2
8.2
N
100KHz, 0.1V
0.033
10.0
100
10
M
100KHz, 0.1V
0.040
8.00
150
15
M
100KHz, 0.1V
0.050
7.00
220
22
M
100KHz, 0.1V
0.066
5.50
330
33
M
100KHz, 0.1V
0.080
4.00
470
47
M
100KHz, 0.1V
0.11
3.80
680
68
M
100KHz, 0.1V
0.17
3.00
101
100
M
100KHz, 0.1V
0.22
2.50
151
150
M
100KHz, 0.1V
0.34
2.00
221
220
M
100KHz, 0.1V
0.44
1.60
331
330
M
100KHz, 0.1V
0.70
1.20
471
470
M
100KHz, 0.1V
0.95
1.00
681
680
M
100KHz, 0.1V
1.20
1.00
102
1000
M
100KHz, 0.1V
2.00
0.80


Similar Part No. - LMXN13E9M3R9CTAS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LMXN0705M291BTAS AVX-LMXN0705M291BTAS Datasheet
64Kb / 2P
   LMax SMD Power Inductor
LMXN0705M390BTAS AVX-LMXN0705M390BTAS Datasheet
64Kb / 2P
   LMax SMD Power Inductor
LMXN0705M392BTAS AVX-LMXN0705M392BTAS Datasheet
64Kb / 2P
   LMax SMD Power Inductor
LMXN0705M3R9BTAS AVX-LMXN0705M3R9BTAS Datasheet
64Kb / 2P
   LMax SMD Power Inductor
LMXN0705MR04BTAS AVX-LMXN0705MR04BTAS Datasheet
64Kb / 2P
   LMax SMD Power Inductor
More results

Similar Description - LMXN13E9M3R9CTAS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LMXS0704MR04DTAS AVX-LMXS0704MR04DTAS Datasheet
113Kb / 3P
   LMax SMD Power Inductor
LMXN0705MR04BTAS AVX-LMXN0705MR04BTAS Datasheet
64Kb / 2P
   LMax SMD Power Inductor
LMXNC AVX-LMXNC Datasheet
99Kb / 4P
   LMax SMD Power Inductor
LMXNB AVX-LMXNB Datasheet
90Kb / 2P
   LMax SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com