Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51AAA-B28-A15L Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 51AAA-B28-A15L
Description  51/53 - Sealed 1/2 ??(12.5 mm) Square Control
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

51AAA-B28-A15L Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  51AAA-B28-A15L Datasheet HTML 1Page - Bourns Electronic Solutions 51AAA-B28-A15L Datasheet HTML 2Page - Bourns Electronic Solutions 51AAA-B28-A15L Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OPT.
3/8-32UNEF-2A
1/4-32UNEF-2A
3/8-32UNEF-2A
M6 X .075-6g
M7 X .075-6g
M10 X 0.75-6g
9.53
(.375)
1.60 ± 0.25
(.063 ± .010)
OPT.
1.194 ± 0.10
(.047 ± .004)
SHAFT
6.35
(.250)
BUSHING
9.53
(.375)
OPT.
6.35
(.250)
0.79 ± 0.25
(.031 ± .010)
OPT.
0.79 ± 0.10
(.031 ± .004)
SHAFT
3.18
(.125)
BUSHING
6.35
(.250)
OPT.
9.53
(.375)
1.52 ± 0.25
(.060 ± .010)
OPT.
5.49 ± 0.10
(.216 ± .005)
SHAFT
6.35
(.250)
BUSHING
9.53
(.375)
MAX. FLAT LENGTH
15.88
(.625)
.315
(8.0)
1.52 ± 0.25
(.060 ± .010)
0.79 ± 0.10
(.031 ± .004)
SHAFT
3.0
(.118)
BUSHING
6.0
(2.36)
8.0
(.315)
1.52 ± 0.25
(.060 ± .010)
0.79 ± 0.10
(.031 ± .004)
SHAFT
4.0
(.157)
BUSHING
7.0
(2.75)
9.5
(.374)
1.80 ± 0.25
(.071 ± .010)
1.00 ± 0.10
(.039 ± .004)
SHAFT
6.0
(.236)
BUSHING
10.0
(.394)
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
51/53 - Sealed 1/2 ” (12.5 mm) Square Control
Shaft/Bushing Styles
STD. LENGTH ‘L’
.500
(12.7)
.625
(15.88)
.750
(19.05)
.875
(22.23)
1.000
(25.4)
A Style Bushing
STD. LENGTH ‘L’
.375
(9.53)
.500
(12.7)
.625
(15.88)
.750
(19.05)
.875
(22.23)
1.000
(25.4)
C Style Bushing
STD. LENGTH ‘L’
.625
(15.88)
.750
(19.05)
.875
(22.23)
1.000
(25.4)
A Style Bushing -
Flatted Shaft
STD. LENGTH ‘L’
.394
(10.0)
.512
(13.0)
.630
(16.0)
.866
(22.0)
.984
(25.0)
S Style Bushing
STD. LENGTH ‘L’
.394
(10.0)
.512
(13.0)
.630
(16.0)
.866
(22.0)
.984
(25.0)
U Style Bushing
STD. LENGTH ‘L’
.512
(13.0)
.630
(16.0)
.866
(22.0)
.984
(25.0)
R Style Bushing
DIMENSIONS:
MM
(INCHES)
How To Order
51
A
A
D
-
B
28
-
A
15
L
SHAFT
AVAILABLE
LENGTH
ONLY IN
(FMS)
BUSHING
Code
Description
Code
12
3/8 ”
C
16
1/2 ”
A, C
20
5/8 ”
A, C
24
3/4 ”
A, C
28
7/8 ”
A, C
32
1 ”
A, C
Metric
16
16 mm
R, S, U
22
22 mm
R, S, U
25
25 mm
R, S, U
ELEMENT TAPER
RESISTANCE
TYPE/TOLERANCE
(CODE)
Code
Description
VALUE IN OHMS
(A)
Linear Cermet ±10 %
(28) — 150
(14) — 7.5 K
(H)
Linear Cermet ±5 %
(06) — 200
(15) — 10 K
(07) — 250
(30) — 15 K
(08) — 500
(16) — 20 K
(09) — 750
(17) — 25 K
(10) — 1 K
(18) — 50 K
(29) — 1.5 K (19) — 75 K
(11) — 2 K
(20) — 100 K
(12) — 2.5 K (23) — 500 K
(13) — 5 K
(25) — 1 M
(B)
Linear C-P ±20 %
(10) — 1 K
(18) — 50 K
(E)
Linear C-P ±10 %
(12) — 2.5 K (20) — 100 K
(13) — 5 K
(22) — 250 K
(15) — 10 K
(23) — 500 K
(16) — 20 K
(25) — 1 M
(17) — 25 K
(C)
CW Audio Cermet
(10) — 1 K
(18) — 50 K
±10 %
(12) — 2.5 K (20) — 100 K
(F)
CCW Audio Cermet
(13) — 5 K
(23) — 500 K
±10 %
(15) — 10 K
(25) — 1 M
(17) — 25 K
(D)
CW Audio C-P ±20 %
(10) — 1 K
(18) — 50 K
(S)
CW Audio C-P ±10 %
(12) — 2.5 K (20) — 100 K
(13) — 5 K
(22) — 250 K
(15) — 10 K
(23) — 500 K
(17) — 25 K
(25) — 1 M
(G)
CCW Audio C-P
(10) — 1 K
(18) — 50 K
±20 %
(12) — 2.5 K (20) — 100 K
(T)
CCW Audio C-P
(13) — 5 K
(22) — 250 K
±10 %
(15) — 10 K
(23) — 500 K
(17) — 25 K
(25) — 1 M
(Y)
CW Dual Audio
(10) — 1 K
(18) — 50 K
Taper C-P ±20 %
(12) — 2.5 K (20) — 100 K
(13) — 5 K
(22) — 250 K
(15) — 10 K
(23) — 500 K
(17) — 25 K
(25) — 1 M
MODEL
Code
51
53
Description
PC Pins (.100 ” centers)
Solder Lugs
BUSHING CONFIGURATION
Code
A
C
R
S
U
Description
3/8 ” D x 3/8 ” L
1/4 ” D x 1/4 ” L
10 mm D x 9.5 mm L
6 mm D x 8 mm L
7 mm D x 8 mm L
MOUNTING BRACKET/
ANTI-ROTATION LUG
Code
A
D
L
M
N
Description
AR Lug 90 °CW
No AR Lug or Bracket
Front Bracket
Rear Bracket
Front and Rear Bracket
# SECTIONS/DETENTS
Code
A
B
E
F
Description
Single No Detent
Double No Detent
Single w/Center Detent
Double w/Center Detent
RoHS IDENTIFIER
Description
Compliant
Code
L
Boldface features are Bourns standard options. All others are available with higher
minimum order quantities.
AVAILABLE ONLY IN
SHAFT TYPE
BUSHINGS
LENGTHS
Code
Description
Code
Description
B
Single Slotted 1/4 ”D
A
24,28
C
Single Flatted 1/4 ”D
A
20,24,28,32
D
Single Plain 1/8 ”D
C
16,20,24,28
E
Single Slotted 1/8 ”D
C
12,16,20,24,28
R
Single Slotted 6 mmD
R
16,22,25
T
Single Slotted 4 mmD
U
16,22,25
U
Single Slotted 3 mmD
S
16
,22,25
REV. 09/11


Similar Part No. - 51AAA-B28-A15L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
51AAD-B28-A15 BOURNS-51AAD-B28-A15 Datasheet
365Kb / 3P
   Sealed 1/2 (12.5 mm) Square Control
More results

Similar Description - 51AAA-B28-A15L

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
53RAA-R25-A15L BOURNS-53RAA-R25-A15L Datasheet
382Kb / 3P
   51/53 - Sealed 1/2 ??(12.5 mm) Square Control
51AAD-B28-A15 BOURNS-51AAD-B28-A15 Datasheet
365Kb / 3P
   Sealed 1/2 (12.5 mm) Square Control
56AAD-C28-B15 BOURNS-56AAD-C28-B15 Datasheet
318Kb / 4P
   Sealed 1/2 (12.5 mm) Panel Control w/Rotary Switch
3360 BOURNS-3360 Datasheet
162Kb / 2P
   6 mm Square Sealed Panel Control
3310C-001-202L BOURNS-3310C-001-202L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310Y-001-103L BOURNS-3310Y-001-103L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310C-001-503L BOURNS-3310C-001-503L Datasheet
279Kb / 5P
   3310 - 9 mm Square Sealed Panel Control
3310-9 BOURNS-3310-9 Datasheet
252Kb / 5P
   Square Sealed Panel Control
logo
Vishay Siliconix
T11 VISHAY-T11_V01 Datasheet
80Kb / 4P
   12.5 mm Square Modular Single-Turn Cermet Trimmer
01-Jan-2022
T11 VISHAY-T11_17 Datasheet
99Kb / 4P
   12.5 mm Square Modular Single-Turn Cermet Trimmer
Revision: 03-Apr-17
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com