Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5CC012UA Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P5CC012UA
Description  Secure contact PKI smart card controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CC012UA Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P5CC012UA Datasheet HTML 6Page - NXP Semiconductors P5CC012UA Datasheet HTML 7Page - NXP Semiconductors P5CC012UA Datasheet HTML 8Page - NXP Semiconductors P5CC012UA Datasheet HTML 9Page - NXP Semiconductors P5CC012UA Datasheet HTML 10Page - NXP Semiconductors P5CC012UA Datasheet HTML 11Page - NXP Semiconductors P5CC012UA Datasheet HTML 12Page - NXP Semiconductors P5CC012UA Datasheet HTML 13Page - NXP Semiconductors P5CC012UA Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
P5CC008V1A_P5CC012V1A_FAM_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3 — 22 August 2012
195430
10 of 15
NXP Semiconductors
P5CC008V1A and P5CC012V1A
Secure contact PKI smart card controller
7.
Limiting values
[1]
MIL Standard 883-D method 3015; human body model; C = 100 pF, R = 1.5 k
; T
amb = 25 C to +85 C.
[2]
Depending on appropriate thermal resistance of the package.
[3]
Depending on delivery type, refer to NXP Semiconductors General Specification for 8 ” Wafers and to NXP
Semiconductors Contact & Dual Interface Chip Card Module Specification
8.
Abbreviations
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
VSS (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
0.5
+6.0
V
VI
input voltage
any signal pad
0.5
VDD + 0.5
V
II
input current
pad IO1
-
15.0
mA
IO
output current
pad IO1
-
15.0
mA
Ilu
latch-up current
VI <0V or VI >VDD
-
100
mA
VESD
electrostatic discharge
voltage
pads VDD, VSS, CLK,
RST_N, IO1
[1] -
4.0
kV
Ptot
total power dissipation
[2] -1
W
Tstg
storage temperature
[3] --
Table 6.
Abbreviations
Acronym
Description
API
Application Programming Interface
Bbyte/s[1]
CLK
External clock signal input contact pad
CRC
Cyclic Redundancy Check
CRT
Chinese Remainder Theorem
DES
Digital Encryption Standard
DFA
Differential Fault Analysis
DPA
Differential Power Analysis
DSS
Digital Signature Standard
ECC
Elliptic Curve Cryptography
ECDSA
Elliptic Curve Digital Signature Algorithm
EEPROM
Electrically Erasable Programmable Read-Only Memory
ESD
Electrostatic Discharge
FameXE
Fast Accelerator for Modular Exponentiation -eXtended
GF
Galois Function
IO
Input Output
I/O
Input/Output[2]
MAC
Message Authentication Code
OS
Operating System
PKC
Public Key Cryptography


Similar Part No. - P5CC012UA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CC021 NXP-P5CC021 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC021UA NXP-P5CC021UA Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC021XS NXP-P5CC021XS Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC040 NXP-P5CC040 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CC040UA NXP-P5CC040UA Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
More results

Similar Description - P5CC012UA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CX012 NXP-P5CX012 Datasheet
80Kb / 18P
   Secure dual interface and contact PKI smart card controller
Rev. 03-24 January 2008
P5CD016 NXP-P5CD016 Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P60C080 NXP-P60C080 Datasheet
105Kb / 12P
   Secure high-performance contact interface smart card controller
Rev. 1??1 October 2010
P60D080 NXP-P60D080 Datasheet
217Kb / 12P
   Secure high-performance dual interface smart card controller
Rev. 1?? September 2010
logo
ATMEL Corporation
AT90SC6464C ATMEL-AT90SC6464C Datasheet
126Kb / 2P
   Secure Microcontroller for Smart Cards
AT90SC288144RU ATMEL-AT90SC288144RU Datasheet
67Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC25672RCT ATMEL-AT90SC25672RCT Datasheet
99Kb / 4P
   Secure Microcontroller for Smart Cards
AT90SC9608RC ATMEL-AT90SC9608RC Datasheet
56Kb / 4P
   Secure Microcontroller for Smart Cards
AT90SC9618RCT ATMEL-AT90SC9618RCT Datasheet
60Kb / 3P
   Secure Microcontroller for Smart Cards
AT90SC9604RU ATMEL-AT90SC9604RU Datasheet
67Kb / 3P
   Secure Microcontroller for Smart Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com