Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV3011AMDBVREP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV3011AMDBVREP
Description  NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV3011AMDBVREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV3011AMDBVREP Datasheet HTML 5Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 6Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 7Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 8Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 9Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 10Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 11Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 12Page - Texas Instruments TLV3011AMDBVREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
www.ti.com
TLV301x
V
IN
V
OUT
R
PULLUP
(1)
V+
5 V
V
REF
R
1
39 k
R2
560 k
REF
V
= 0.38 V
HYST
(1) Use R
with the TLV3011 only.
PULLUP
+
Applications
Battery-Level Detect
R + R
1
2
R
2
Battery Okay trip voltage = 1.242
Battery
Okay
R1
1 M
R2
2 M
R
PULLUP
(1)
TLV301x
When the battery voltage drops below 1.9 V,
the Battery Okay output goes low.
(1) Use R
with the TLV3011 only.
PULLUP
REF
1.242 V
+
+
TLV3011-EP, TLV3012-EP
SGLS349 – OCTOBER 2006
APPLICATION INFORMATION (continued)
Figure 23. Adding Hysteresis
VHYST sets the value of the transition voltage required to switch the comparator output by increasing the
threshold region, thereby reducing sensitivity to noise.
The low power consumption and 1.8-V supply voltage of the TLV3011 make it an excellent candidate for
battery-powered applications. Figure 24 shows the TLV3011 configured as a low battery level detector for a 3-V
battery.
Figure 24. TLV3011 Configured as Low Battery Level Detector
9
Submit Documentation Feedback


Similar Part No. - TLV3011AMDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3011AMDBVREP TI1-TLV3011AMDBVREP Datasheet
853Kb / 19P
[Old version datasheet]   NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
TLV3011AMDBVREP TI-TLV3011AMDBVREP Datasheet
1Mb / 34P
[Old version datasheet]   TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With Integrated 1.24V Voltage Reference
REVISED MAY 2023
More results

Similar Description - TLV3011AMDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3011-EP TI1-TLV3011-EP_14 Datasheet
853Kb / 19P
[Old version datasheet]   NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
TLV3012 BURR-BROWN-TLV3012 Datasheet
236Kb / 13P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Maxim Integrated Produc...
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com