Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2402QDGKRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2402QDGKRQ1
Description  FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2402QDGKRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  TLV2402QDGKRQ1 Datasheet HTML 1Page - Texas Instruments TLV2402QDGKRQ1 Datasheet HTML 2Page - Texas Instruments TLV2402QDGKRQ1 Datasheet HTML 3Page - Texas Instruments TLV2402QDGKRQ1 Datasheet HTML 4Page - Texas Instruments TLV2402QDGKRQ1 Datasheet HTML 5Page - Texas Instruments TLV2402QDGKRQ1 Datasheet HTML 6Page - Texas Instruments TLV2402QDGKRQ1 Datasheet HTML 7Page - Texas Instruments TLV2402QDGKRQ1 Datasheet HTML 8Page - Texas Instruments TLV2402QDGKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TLV2401-Q1 , TLV2402-Q1, TLV2404-Q1
www.ti.com
SLOS716
– APRIL 2011
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage(2)
17
V
VID
Differential input voltage range
±20
V
II
Input current range (any input)
±10
mA
IO
Output current range
±10
mA
See Dissipation Ratings
Continuous total power dissipation
Table
TA
Operating free-air temperature range
–40
125
°C
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–60
125
°C
Human-Body Model (HBM)
500
ESD
Electrostatic discharge(3)
Machine Model (MM)
200
V
Field_Induced_Charged Device Model (CDM)
1000
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to GND.
(3)
Tested in accordance with AEC-Q100.
DISSIPATION RATINGS
QJC
QJA
TA ≤ 25°C
TA = 125
°C
PACKAGE
(
°C/W)
(
°C/W)
POWER RATING
POWER RATING
D (8)
38.3
176
710 mW
142 mW
D (14)
26.9
122.6
1022 mW
204.4 mW
DBV (5)
55
324.1
385 mW
77.1 mW
DGK (8)
54.2
259.9
481 mW
96.2 mW
PW (14)
29.3
173.6
720 mW
144 mW
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Single supply
2.5
16
VCC
Supply voltage
V
Split supply
±1.25
±8
VICR
Common-mode input voltage range
–0.1
VCC+5
V
TA
Operating free-air temperature
–40
125
°C
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLV2401-Q1 TLV2402-Q1 TLV2404-Q1


Similar Part No. - TLV2402QDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2402QDGKRQ1 TI1-TLV2402QDGKRQ1 Datasheet
1Mb / 33P
[Old version datasheet]   TLV2401-Q1, TLV2402-Q1 16-V, Ultra-Low Power, 880-nA, RRIO Operational Amplifiers With Reverse Battery Protection
More results

Similar Description - TLV2402QDGKRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2402CDR TI-TLV2402CDR Datasheet
1Mb / 33P
[Old version datasheet]   FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
TLV2401-Q1 TI-TLV2401-Q1_15 Datasheet
920Kb / 23P
[Old version datasheet]   FAMILY OF 880-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
TLV2401 TI-TLV2401 Datasheet
391Kb / 23P
[Old version datasheet]   FAMILY OF 900-nA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH REVERSE BATTERY PROTECTION
TLV2241 TI1-TLV2241 Datasheet
657Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
TLV2241CDG4 TI-TLV2241CDG4 Datasheet
861Kb / 22P
[Old version datasheet]   FAMILY OF 1-mA/Ch RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LPV511 NSC-LPV511 Datasheet
836Kb / 14P
   880 nA, Rail-to-Rail Input and Output Operational Amplifier
logo
Texas Instruments
TLV2371-Q1 TI1-TLV2371-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   FAMILY OF 550-muA/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
V62-05611-01YE TI-V62-05611-01YE Datasheet
628Kb / 22P
[Old version datasheet]   FAMILY OF 550-A/CH 3- MHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
V2462 UTC-V2462 Datasheet
200Kb / 8P
   FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2382 TI-TLV2382 Datasheet
276Kb / 12P
[Old version datasheet]   FAMILY OF MICROPOWER RAIL-TO-RAIL INPUT AND OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com