Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC15S02 Datasheet(PDF) 2 Page - Shanghai Sunrise Electronics

Part # RC15S02
Description  SILICON SILASTIC CELL RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSE [Shanghai Sunrise Electronics]
Direct Link  
Logo SSE - Shanghai Sunrise Electronics

RC15S02 Datasheet(HTML) 2 Page - Shanghai Sunrise Electronics

  RC15S02 Datasheet HTML 1Page - Shanghai Sunrise Electronics RC15S02 Datasheet HTML 2Page - Shanghai Sunrise Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TD.
UNITS
V
V
V
µA
µA
pF
oC/W
oC
.com
erate
A
A
V
TECHNICAL
SPECIFICATION
Dimensions in inches and (millimeters)


Similar Part No. - RC15S02

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RC15S02G SSE-RC15S02G Datasheet
14Kb / 1P
   SILICON GPP CELL RECTIFIER
More results

Similar Description - RC15S02

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RC10S01 SSE-RC10S01 Datasheet
14Kb / 1P
   SILICON SILASTIC CELL RECTIFIER
RC30S01 SSE-RC30S01 Datasheet
14Kb / 1P
   SILICON SILASTIC CELL RECTIFIER
logo
Shenzhen Ping Sheng Ele...
BY127 PFS-BY127_1 Datasheet
158Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
1N5400 MIC-1N5400 Datasheet
49Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Frontier Electronics.
SC30-005 FRONTIER-SC30-005 Datasheet
113Kb / 1P
   3A SILICON RECTIFIER CELL
logo
Shanghai Sunrise Electr...
RC30S01G SSE-RC30S01G Datasheet
17Kb / 1P
   SILICON GPP CELL RECTIFIER
logo
Frontier Electronics.
SC10-005 FRONTIER-SC10-005 Datasheet
113Kb / 1P
   1A SILICON RECTIFIER CELL
logo
Shanghai Sunrise Electr...
RC10S01G SSE-RC10S01G Datasheet
14Kb / 1P
   SILICON GPP CELL RECTIFIER
RC15S01G SSE-RC15S01G Datasheet
14Kb / 1P
   SILICON GPP CELL RECTIFIER
logo
Frontier Electronics.
SC60-005 FRONTIER-SC60-005 Datasheet
113Kb / 1P
   6A SILICON RECTIFIER CELL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com