Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320ADC3001IYZHT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320ADC3001IYZHT
Description  Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320ADC3001IYZHT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV320ADC3001IYZHT Datasheet HTML 5Page - Texas Instruments TLV320ADC3001IYZHT Datasheet HTML 6Page - Texas Instruments TLV320ADC3001IYZHT Datasheet HTML 7Page - Texas Instruments TLV320ADC3001IYZHT Datasheet HTML 8Page - Texas Instruments TLV320ADC3001IYZHT Datasheet HTML 9Page - Texas Instruments TLV320ADC3001IYZHT Datasheet HTML 10Page - Texas Instruments TLV320ADC3001IYZHT Datasheet HTML 11Page - Texas Instruments TLV320ADC3001IYZHT Datasheet HTML 12Page - Texas Instruments TLV320ADC3001IYZHT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
WCLK
BCLK
DOUT
t (WS)
h
t (BCLK)
H
t (DO-BCLK)
d
t (DO-WS)
d
t (BCLK)
L
t (WS)
S
t
r
t
f
TLV320ADC3001
www.ti.com
SLAS548C
– OCTOBER 2008 – REVISED APRIL 2011
All specifications at 25
°C, DVDD = 1.8 V
IOVDD = 1.8 V
IOVDD = 3.3 V
PARAMETER
UNIT
MIN
MAX
MIN
MAX
tH(BCLK)
BCLK high period
35
35
ns
tL(BCLK)
BCLK low period
35
35
ns
ts(WS)
BCLK/WCLK setup time
10
6
ns
th(WS)
BCLK/WCLK hold time
10
6
ns
td(DO-WS)
BCLK/WCLK to DOUT delay time (for LJF Mode only)
30
30
ns
td(DO-BCLK)
BCLK to DOUT delay time
25
20
ns
tr
Rise time
16
8
ns
tf
Fall time
16
8
ns
NOTE: All timing specifications are measured at characterization.
Figure 4. I2S/LJF/RJF Timing in Slave Mode
Copyright
© 2008–2011, Texas Instruments Incorporated
9


Similar Part No. - TLV320ADC3001IYZHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3001IYZHT TI1-TLV320ADC3001IYZHT Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power Stereo ADC With Embedded miniDSP
More results

Similar Description - TLV320ADC3001IYZHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320ADC3001 TI-TLV320ADC3001_15 Datasheet
1Mb / 86P
[Old version datasheet]   TLV320ADC3001 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
TLV320ADC3101-Q1 TI-TLV320ADC3101-Q1_15 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2012
TLV320ADC3101 TI-TLV320ADC3101_15 Datasheet
1Mb / 92P
[Old version datasheet]   TLV320ADC3101 Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2015
TLV320ADC3101 TI-TLV320ADC3101 Datasheet
1Mb / 84P
[Old version datasheet]   Low Power Stereo ADC for Wireless Handsets and Portable Audio
TLV320ADC3001 TI1-TLV320ADC3001_15 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power Stereo ADC With Embedded miniDSP
TLV320AIC36 TI1-TLV320AIC36_12 Datasheet
1Mb / 168P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC36 TI-TLV320AIC36 Datasheet
2Mb / 160P
[Old version datasheet]   Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3256 TI-TLV320AIC3256 Datasheet
866Kb / 43P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
TLV320AIC3254 TI-TLV320AIC3254_09 Datasheet
2Mb / 168P
[Old version datasheet]   Ultra Low Power Stereo Audio Codec With Embedded miniDSP
PCM3070 TI1-PCM3070 Datasheet
908Kb / 41P
[Old version datasheet]   Stereo Audio Codec With Embedded miniDSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com