Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE2682IDWR Datasheet(PDF) 4 Page - Texas Instruments

Part # TLE2682IDWR
Description  HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2682IDWR Datasheet(HTML) 4 Page - Texas Instruments

  TLE2682IDWR Datasheet HTML 1Page - Texas Instruments TLE2682IDWR Datasheet HTML 2Page - Texas Instruments TLE2682IDWR Datasheet HTML 3Page - Texas Instruments TLE2682IDWR Datasheet HTML 4Page - Texas Instruments TLE2682IDWR Datasheet HTML 5Page - Texas Instruments TLE2682IDWR Datasheet HTML 6Page - Texas Instruments TLE2682IDWR Datasheet HTML 7Page - Texas Instruments TLE2682IDWR Datasheet HTML 8Page - Texas Instruments TLE2682IDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
TLE2682
HIGHSPEED JFET INPUT DUAL OPERATIONAL AMPLIFIER
WITH SWITCHEDCAPACITOR VOLTAGE CONVERTER
SLOS127 − JUNE 1993
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
OPERATIONAL AMPLIFIER SECTION
electrical characteristics at specified free-air temperature, VCC± = ±5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VIC = 0,
VO = 0,
25
°C
0.9
7.5
mV
VIO
Input offset voltage
VIC = 0,
RS = 50 Ω
VO = 0,
Full range
9
mV
αVIO
Temperature coefficient of input offset voltage
RS = 50 Ω
Full range
2.4
25
µV/°C
IIO
Input offset current
25
°C
5
100
pA
IIO
Input offset current
VIC = 0,
VO = 0,
Full range
950
pA
IIB
Input bias current
VIC = 0,
See Figure 4
VO = 0,
25
°C
15
175
pA
IIB
Input bias current
See Figure 4
Full range
2
nA
5
5
25
°C
5
to
5
to
VICR
Common-mode input voltage range
RS = 50 Ω
25 C
to
− 1
to
−1.9
V
VICR
Common-mode input voltage range
RS = 50 Ω
5
V
Full range
5
to
Full range
to
−0.8
IO = − 200 µA
25
°C
3.8
4.1
IO = − 200 µA
Full range
3.7
VOM + Maximum positive peak output voltage swing
IO = − 2 mA
25
°C
3.5
3.9
V
VOM + Maximum positive peak output voltage swing
IO = − 2 mA
Full range
3.4
V
IO = − 20 mA
25
°C
1.5
2.3
IO = − 20 mA
Full range
1.5
IO = 200 µA
25
°C
− 3.8
− 4.2
IO = 200 µA
Full range
− 3.7
VOM − Maximum negative peak output voltage swing IO = 2 mA
25
°C
− 3.5
− 4.1
V
VOM − Maximum negative peak output voltage swing IO = 2 mA
Full range
− 3.4
V
IO = 20 mA
25
°C
− 1.5
− 2.4
IO = 20 mA
Full range
− 1.5
RL = 600 Ω
25
°C
75
91
RL = 600 Ω
Full range
74
AVD
Large-signal differential voltage amplification
VO = ± 2.3 V
RL = 2 kΩ
25
°C
85
100
dB
AVD
Large-signal differential voltage amplification
VO = ± 2.3 V
RL = 2 kΩ
Full range
84
dB
RL = 10 kΩ
25
°C
90
106
RL = 10 kΩ
Full range
89
ri
Input resistance
VIC = 0
25
°C
1012
ci
Input capacitance
VIC = 0,
Common mode
25
°C
11
pF
ci
Input capacitance
VIC = 0,
See Figure 5
Differential
25
°C
2.5
pF
zo
Open-loop output impedance
f = 1 MHz
25
°C
80
CMRR
Common-mode rejection ratio
VIC = VICRmin, VO = 0,
25
°C
70
89
dB
CMRR
Common-mode rejection ratio
VIC = VICRmin,
RS = 50 Ω
VO = 0,
Full range
68
dB
kSVR
Supply-voltage rejection ratio (
∆VCC /∆VIO)
VCC ± = ±5 V to ±15 V,
25
°C
82
99
dB
kSVR
Supply-voltage rejection ratio (
∆VCC±/∆VIO)
VCC ± = ±5 V to ±15 V,
VO = 0
RS = 50 Ω
Full range
80
dB
ICC
Supply current (both channels)
VO = 0,
No load
25
°C
2.7
2.9
3.6
mA
ICC
Supply current (both channels)
VO = 0,
No load
Full range
3.6
mA
ax
Crosstalk attenuation
VIC = 0,
RL = 2 kΩ
25
°C
120
dB
IOS
Short-circuit output current
VO = 0
VID = 1 V
25
°C
−35
mA
IOS
Short-circuit output current
VO = 0
VID = − 1 V
25
°C
45
mA
† Full range is − 40°C to 85°C.


Similar Part No. - TLE2682IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2662 TI-TLE2662 Datasheet
587Kb / 40P
[Old version datasheet]   DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
TLE2662IDW TI-TLE2662IDW Datasheet
587Kb / 40P
[Old version datasheet]   DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
TLE2662IDWR TI-TLE2662IDWR Datasheet
587Kb / 40P
[Old version datasheet]   DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
More results

Similar Description - TLE2682IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2662 TI-TLE2662 Datasheet
587Kb / 40P
[Old version datasheet]   DUAL uPOWER JFET-INPUT OPERATIONAL AMPLIFIER WITH SWITCHED-CAPACITOR VOLTAGE CONVERTER
logo
Linear Technology
LT1022 LINER-LT1022 Datasheet
473Kb / 8P
   High Speed, Precision JFET Input Operational Amplifier?
LT1022 LINER-LT1022_1 Datasheet
160Kb / 12P
   High Speed, Precision JFET Input Operational Amplifier
RH1056A LINER-RH1056A_15 Datasheet
112Kb / 4P
   Precision, High Speed, JFET Input Operational Amplifier
RH1056A LINER-RH1056A Datasheet
162Kb / 4P
   Precision, High Speed, JFET Input Operational Amplifier
RH1056 LINER-RH1056 Datasheet
109Kb / 2P
   Precision, High Speed, JFET Input Operational Amplifier
LT1022 LINER-LT1022_15 Datasheet
166Kb / 12P
   High Speed, Precision JFET Input Operational Amplifier
RH1056 LINER-RH1056_15 Datasheet
115Kb / 2P
   Precision, High Speed, JFET Input Operational Amplifier
logo
Texas Instruments
TL092 TI-TL092_06 Datasheet
162Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
TL092 TI-TL092 Datasheet
101Kb / 6P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com