Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC59213AIN Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59213AIN
Description  8-BIT PARALLEL IN/OUT DARLINGTON SOURCE DRIVER WITH LATCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59213AIN Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC59213AIN Datasheet HTML 2Page - Texas Instruments TLC59213AIN Datasheet HTML 3Page - Texas Instruments TLC59213AIN Datasheet HTML 4Page - Texas Instruments TLC59213AIN Datasheet HTML 5Page - Texas Instruments TLC59213AIN Datasheet HTML 6Page - Texas Instruments TLC59213AIN Datasheet HTML 7Page - Texas Instruments TLC59213AIN Datasheet HTML 8Page - Texas Instruments TLC59213AIN Datasheet HTML 9Page - Texas Instruments TLC59213AIN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
VOLTAGE WAVEFORMS
TEST CIRCUIT
Test Point
R = 25
L
C
(See Note A)
L
From Output
Under Test
CLR
3 V
1.5 V
1.5 V
90%
1.5 V
1.5 V
1.5 V
50%
50%
50%
D
GND
CLK
3 V
Y
GND
3 V
VOH
GND
GND
90%
10%
10%
tsu
tPLH
tPHL
tsu
th
tw
tf
tr
TLC59213
TLC59213A
SLVS867A – MAY 2009 – REVISED MARCH 2010
www.ti.com
PARAMETER MEASUREMENT INFORMATION
A.
CL includes probe and jig capacitance.
B.
All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr ≤ 3 ns,
and tf ≤ 3 ns.
C.
The outputs are measured one at a time with one transition per measurement.
Figure 3. Test Circuit and Voltage Waveforms
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TLC59213 TLC59213A


Similar Part No. - TLC59213AIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59213AIN TI1-TLC59213AIN Datasheet
887Kb / 19P
[Old version datasheet]   8-Bit Parallel In and Out Darlington Source Driver
More results

Similar Description - TLC59213AIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59213 TI1-TLC59213_15 Datasheet
887Kb / 19P
[Old version datasheet]   8-Bit Parallel In and Out Darlington Source Driver
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
   8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
Rohm
BA829 ROHM-BA829 Datasheet
81Kb / 7P
   8-bit, serial IN, parallel OUT driver
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
   8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BA823 ROHM-BA823 Datasheet
83Kb / 7P
   8-bit, serial IN, parallel OUT driver
BU2050F ROHM-BU2050F Datasheet
55Kb / 6P
   8-bit serial in, parallel out driver IC
logo
Unisonic Technologies
U8C3005 UTC-U8C3005 Datasheet
190Kb / 6P
   8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
logo
Renesas Technology Corp
RD30LDT595 RENESAS-RD30LDT595 Datasheet
206Kb / 8P
   8-bit Serial-in Parallel-out LED Driver IC
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Rohm
BU2090 ROHM-BU2090 Datasheet
140Kb / 12P
   12-bit, serial IN, parallel OUT driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com