Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC34058 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC34058
Description  256 횞 24 COLOR PALETTE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC34058 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC34058 Datasheet HTML 4Page - Texas Instruments TLC34058 Datasheet HTML 5Page - Texas Instruments TLC34058 Datasheet HTML 6Page - Texas Instruments TLC34058 Datasheet HTML 7Page - Texas Instruments TLC34058 Datasheet HTML 8Page - Texas Instruments TLC34058 Datasheet HTML 9Page - Texas Instruments TLC34058 Datasheet HTML 10Page - Texas Instruments TLC34058 Datasheet HTML 11Page - Texas Instruments TLC34058 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TLC34058
256
× 24 COLOR PALETTE
SLAS050 – D3961, NOVEMBER 1991
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
8
timing requirements over recommended ranges of supply voltage and operating free-air
temperature, Rset = 523 Ω, Vref = 1.235 V (see Note 2)
PARAMETER
TIMING†
LIMIT
VERSION
UNITS
PARAMETER
REFERENCE
LIMIT
135 MHz
125 MHz
110 MHz
80 MHz
UNITS
Clock frequency
MAX
135
125
110
80
MHz
LD frequency
MAX
33.75
31.25
27.5
20
MHz
Setup time, R/W, C0, C1 high before CE
1
MIN
0
0
0
0
ns
Hold time, R/W, C0, C1 high after CE
2
MIN
15
15
15
15
ns
Pulse duration, CE low
3
MIN
50
50
50
50
ns
Pulse duration, CE high
4
MIN
25
25
25
25
ns
Setup time, write data before CE
8
MIN
35
35
35
50
ns
Hold time, write data after CE
9
MIN
0
0
0
0
ns
Pixel and control setup time
10
MIN
3
3
3
4
ns
Pixel and control hold time
11
MIN
2
2
2
2
ns
Clock cycle time
12
MIN
7.4
8
9.09
12.5
ns
Pulse duration, CLK high
13
MIN
3
3.2
4
5
ns
Pulse duration, CLK low
14
MIN
3
3.2
4
5
ns
LD cycle time
15
MIN
29.6
32
36.36
50
ns
LD pulse duration high time
16
MIN
12
13
15
20
ns
LD pulse duration low time
17
MIN
12
13
15
20
ns
† See Figures 1 and 2.
NOTE 2. TTL input signals are 0 to 3 V with less than 3 ns rise/fall times between 10% and 90% levels. ECL input signals are VDD – 1.8 V to
VDD – 0.8 V with less than 2 ns rise/fall times between 20% and 80% levels. For input and output signals, timing reference points are
at the 50% signal level. Analog output loads are less than 10 pF. D0 – D7 output loads are less than 40 pF.
operating characteristics over recommended ranges of supply voltage and operating free-air
temperature, Rset = 523 Ω, Vref = 1.235 V (unless otherwise noted)
analog outputs
PARAMETER
MIN
TYP†
MAX
UNIT
EL
Integral linearity error (each DAC)
±1
LSB
ED
Differential linearity error
±1
LSB
Gray scale error
±5
White level relative to blank
17.69
19.05
20.4
White level relative to black
16.74
17.62
18.5
mA
IO
Output current
Black level relative to blank
0.95
1.44
1.9
IO
Output current
Blank level on IOR, IOB
0
5
50
µA
Blank level on IOG
6.29
7.6
8.96
mA
Sync level on IOG
0
5
50
µA
LSB size
69.1
µA
DAC to DAC matching
2%
5%
Output compliance voltage
–1
1.2
V
† All typical values are at TA = 25°C


Similar Part No. - TLC34058

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC34058-110M TI-TLC34058-110M Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
TLC34058-110MGA TI-TLC34058-110MGA Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
TLC34058-110MHFG TI-TLC34058-110MHFG Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
More results

Similar Description - TLC34058

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC34058-110M TI-TLC34058-110M Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
logo
Analog Devices
ADV453 AD-ADV453 Datasheet
247Kb / 6P
   CMOS 40 MHz Monolithic 256 x 24 Color Palette RAM-DAC
REV. B
logo
List of Unclassifed Man...
BT481 ETC-BT481 Datasheet
2Mb / 35P
   256-Word Color Palette 15-, 16-, and 24-bit True Color Power-Down RAMDACs“
Rev. C
logo
Analog Devices
ADV478 AD-ADV478 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV478 AD-ADV478_15 Datasheet
208Kb / 12P
   CMOS 80 MHz Monolithic 256 3 24(18) Color Palette RAM-DACs
REV. B
logo
List of Unclassifed Man...
BT481A ETC-BT481A Datasheet
327Kb / 52P
   110 MHz 256-Word Color Palette 15-, 16-, and 24-Bit True Color Power-Down RAMDAC
TR9C1710 ETC1-TR9C1710 Datasheet
169Kb / 2P
   GRAPHICS COLOR PALETTE
SC11485 ETC1-SC11485 Datasheet
1Mb / 16P
   HiCOLOR-16 Color Palette
logo
Analog Devices
ADV453 AD-ADV453_15 Datasheet
684Kb / 12P
   CMOS 66 MHz Monolithic 2563 24 Color Palette RAM-DAC
Rev. B
ADV476 AD-ADV476 Datasheet
175Kb / 12P
   CMOS Monolithic 256x18 Color Palette RAM-DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com