Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC34058 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLC34058
Description  256 횞 24 COLOR PALETTE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC34058 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC34058 Datasheet HTML 3Page - Texas Instruments TLC34058 Datasheet HTML 4Page - Texas Instruments TLC34058 Datasheet HTML 5Page - Texas Instruments TLC34058 Datasheet HTML 6Page - Texas Instruments TLC34058 Datasheet HTML 7Page - Texas Instruments TLC34058 Datasheet HTML 8Page - Texas Instruments TLC34058 Datasheet HTML 9Page - Texas Instruments TLC34058 Datasheet HTML 10Page - Texas Instruments TLC34058 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TLC34058
256
× 24 COLOR PALETTE
SLAS050 – D3961, NOVEMBER 1991
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
7
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature, Rset = 523 Ω, Vref = 1.235 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Iref
Input reference current
10
µA
kSVR
Supply voltage rejection ratio
f = 1 kHZ,
05
%
kSVR
Supply voltage rejection ratio
,
C8 = 0.1
µF (see Figure 4)
0.5
%
∆VDD
80 MHz
VDD = 5 V,
TA = 20°C
175
80 MHz
VDD = 5.25 V,
TA = 0°C
400
110 MHz
VDD = 5 V,
TA = 20°C
195
IDD
Supply current
110 MHz
VDD = 5.25 V,
TA = 0°C
420
mA
IDD
Supply current
125 MHz
VDD = 5 V,
TA = 20°C
205
mA
125 MHz
VDD = 5.25 V,
TA = 0°C
435
135 MHz
VDD = 5 V,
TA = 20°C
200
135 MHz
VDD = 5.25 V,
TA = 0°C
435
IIH
High level input current
CLK, CLK
VI = 4 V
1
µA
IIH
High-level input current
Other inputs
VI = 2.4 V
1
µA
IIL
Low level input current
CLK, CLK
VI = 0.4 V
–1
µA
IIL
Low-level input current
Other inputs
VI = 0.4 V
–1
µA
Ci
Input capacitance, digital
f = 1 MHz,
VI = 2.4 V
4
10
pF
Ci(CLK) Input capacitance, CLK, CLK
f = 1 MHz,
VI = 4 V
4
10
pF
VOH
High-level output voltage, D0 – D7
IOH = – 800 µA
2.4
V
VOL
Low-level output voltage, D0 – D7
IOL = 6.4 mA
0.4
V
IOZ
High-impedance-state output current
10
µA
zo
Output impedance
50
k
Co
Output capacitance (f = 1 MHz, IO = 0)
13
20
pF
† All typical values are at TA = 25°C.


Similar Part No. - TLC34058

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC34058-110M TI-TLC34058-110M Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
TLC34058-110MGA TI-TLC34058-110MGA Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
TLC34058-110MHFG TI-TLC34058-110MHFG Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
More results

Similar Description - TLC34058

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC34058-110M TI-TLC34058-110M Datasheet
438Kb / 21P
[Old version datasheet]   256 x 24 COLOR PALETTE
logo
Analog Devices
ADV453 AD-ADV453 Datasheet
247Kb / 6P
   CMOS 40 MHz Monolithic 256 x 24 Color Palette RAM-DAC
REV. B
logo
List of Unclassifed Man...
BT481 ETC-BT481 Datasheet
2Mb / 35P
   256-Word Color Palette 15-, 16-, and 24-bit True Color Power-Down RAMDACs“
Rev. C
logo
Analog Devices
ADV478 AD-ADV478 Datasheet
531Kb / 12P
   CMOS 80 MHz Monolithic 256 x 24(18) Color Palette RAM-DACs
REV. B
ADV478 AD-ADV478_15 Datasheet
208Kb / 12P
   CMOS 80 MHz Monolithic 256 3 24(18) Color Palette RAM-DACs
REV. B
logo
List of Unclassifed Man...
BT481A ETC-BT481A Datasheet
327Kb / 52P
   110 MHz 256-Word Color Palette 15-, 16-, and 24-Bit True Color Power-Down RAMDAC
TR9C1710 ETC1-TR9C1710 Datasheet
169Kb / 2P
   GRAPHICS COLOR PALETTE
SC11485 ETC1-SC11485 Datasheet
1Mb / 16P
   HiCOLOR-16 Color Palette
logo
Analog Devices
ADV453 AD-ADV453_15 Datasheet
684Kb / 12P
   CMOS 66 MHz Monolithic 2563 24 Color Palette RAM-DAC
Rev. B
ADV476 AD-ADV476 Datasheet
175Kb / 12P
   CMOS Monolithic 256x18 Color Palette RAM-DAC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com