Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9088203V2A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9088203V2A
Description  CLASS V, ADVANCED LinCMOS??LOW NOISE PRECISION OPERATIONAL AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9088203V2A Datasheet(HTML) 8 Page - Texas Instruments

Back Button 5962-9088203V2A Datasheet HTML 4Page - Texas Instruments 5962-9088203V2A Datasheet HTML 5Page - Texas Instruments 5962-9088203V2A Datasheet HTML 6Page - Texas Instruments 5962-9088203V2A Datasheet HTML 7Page - Texas Instruments 5962-9088203V2A Datasheet HTML 8Page - Texas Instruments 5962-9088203V2A Datasheet HTML 9Page - Texas Instruments 5962-9088203V2A Datasheet HTML 10Page - Texas Instruments 5962-9088203V2A Datasheet HTML 11Page - Texas Instruments 5962-9088203V2A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TLC2201-SP
SLOS710
– FEBRUARY 2011
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
Figure 5
vs Common-mode input voltage
Figure 6
IIB
Input bias current
vs Free-air temperature
Figure 7
vs Output curre
Figure 8
VOM
Maximum peak output voltage
vs Free-air temperature
Figure 9
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
Figure 10
vs Frequency
Figure 11
VOH
High-level output voltage
vs High-level output current
Figure 12
vs Free-air temperature
Figure 13
vs Low-level output current
Figure 14
VOL
Low-level output voltage
vs Free-air temperature
Figure 15
vs Frequency
Figure 16
AVD
Large-signal differential voltage amplification
vs Free-air temperature
Figure 17
vs Supply voltage
Figure 18
IOS
Short-circuit output current
vs Free-air temperature
Figure 19
CMRR
Common-mode rejection ratio
vs Frequency
Figure 20
vs Supply voltage
Figure 21
IDD
Supply current
vs Free-air temperature
Figure 22
Figure 23
Small signal
Figure 24
Pulse response
Figure 25
Large signal
Figure 26
vs Supply voltage
Figure 27
SR
Slew rate
vs Free-air temperature
Figure 28
0.1 Hz to 1 Hz
Figure 29
Noise voltage (referred to input)
0.1 Hz to 10 Hz
Figure 30
vs Supply voltage
Figure 31
Gain-bandwidth product
vs Free-air temperature
Figure 32
vs Supply voltage
Figure 33
φm
Phase margin
vs Free-air temperature
Figure 34
Phase shift
vs Frequency
Figure 16
8
Submit Documentation Feedback
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TLC2201-SP


Similar Part No. - 5962-9088203V2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9088203Q2A TI-5962-9088203Q2A Datasheet
1,017Kb / 66P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
5962-9088203Q2A TI-5962-9088203Q2A Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
5962-9088203QPA TI-5962-9088203QPA Datasheet
1,017Kb / 66P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
5962-9088203QPA TI-5962-9088203QPA Datasheet
1Mb / 64P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
5962-9088203QPA TI1-5962-9088203QPA Datasheet
1Mb / 70P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - 5962-9088203V2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC220X TI-TLC220X_V01 Datasheet
1Mb / 71P
[Old version datasheet]   Advanced linCMOS LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS
TLC2654 TI1-TLC2654_16 Datasheet
1Mb / 36P
[Old version datasheet]   Advanced LinCMOS LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2652AC-8DR TI-TLC2652AC-8DR Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP27CH AD-OP27CH Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
logo
Intersil Corporation
ISL76627 INTERSIL-ISL76627 Datasheet
1Mb / 18P
   Precision Low Noise Operational Amplifier
logo
Analog Devices
OP27 AD-OP27_06 Datasheet
428Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP-27 AD-OP-27 Datasheet
703Kb / 12P
   LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
OP27 AD-OP27 Datasheet
370Kb / 16P
   Low-Noise, Precision Operational Amplifier
REV. A
OP27GJ8 AD-OP27GJ8 Datasheet
429Kb / 20P
   Low Noise, Precision Operational Amplifier
Rev. F
OP27 AD-OP27_15 Datasheet
449Kb / 20P
   Low Noise, Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com