Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLVCC3245AIDBREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CLVCC3245AIDBREP
Description  OCTAL BUS TRASCEIVER WITH ADJJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVCC3245AIDBREP Datasheet(HTML) 4 Page - Texas Instruments

  CLVCC3245AIDBREP Datasheet HTML 1Page - Texas Instruments CLVCC3245AIDBREP Datasheet HTML 2Page - Texas Instruments CLVCC3245AIDBREP Datasheet HTML 3Page - Texas Instruments CLVCC3245AIDBREP Datasheet HTML 4Page - Texas Instruments CLVCC3245AIDBREP Datasheet HTML 5Page - Texas Instruments CLVCC3245AIDBREP Datasheet HTML 6Page - Texas Instruments CLVCC3245AIDBREP Datasheet HTML 7Page - Texas Instruments CLVCC3245AIDBREP Datasheet HTML 8Page - Texas Instruments CLVCC3245AIDBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SN74LVCC3245AEP
OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE
AND 3STATE OUTPUTS
SCAS773A − JUNE 2004 − REVISED MARCH 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 4) (continued)
VCCA
VCCB
MIN
NOM
MAX
UNIT
2.3 V
3 V
−8
IOHA
High-level output current
2.7 V
3 V
−12
mA
IOHA
High-level output current
3.3 V
3 V
−24
mA
2.3 V
3.3 V
−12
IOHB
High-level output current
2.7 V
3.3 V
−12
mA
IOHB
High-level output current
3.3 V
3 V
−24
mA
2.3 V
3 V
8
IOLA
Low-level output current
2.7 V
3 V
12
mA
IOLA
Low-level output current
3.3 V
3 V
24
mA
2.3 V
3.3 V
12
IOLB
Low-level output current
2.7 V
3.3 V
12
mA
IOLB
Low-level output current
3.3 V
3 V
24
mA
∆t/∆v
Input transition rise or fall rate
10
ns/V
TA
Operating free-air temperature
−40
85
°C
NOTE 4: All unused inputs of the device must be held at the associated VCC or GND to ensure proper device operation. Refer to the TI application
report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - CLVCC3245AIDBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVCC3245AIDBREP TI1-CLVCC3245AIDBREP Datasheet
654Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH ADJUSTABLE OUTPUT VOLTAGE AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com