Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX85C4V3 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BZX85C4V3
Description  Silicon Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BZX85C4V3 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BZX85C4V3 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BZX85C4V3 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)(Ω)
(mA)
(
µA)
(V)
(mA)
BZX85C2V4
2.4
80
20
400
1.0
150
1.0
410
BZX85C2V7
2.7
80
20
400
1.0
150
1.0
370
BZX85C3V0
3.0
80
20
400
1.0
100
1.0
340
BZX85C3V3
3.3
80
20
400
1.0
40
1.0
320
BZX85C3V6
3.6
70
20
500
1.0
20
1.0
290
BZX85C3V9
3.9
60
15
500
1.0
10
1.0
280
BZX85C4V3
4.3
50
13
500
1.0
3.0
1.0
250
BZX85C4V7
4.7
45
13
500
1.0
3.0
1.0
215
BZX85C5V1
5.1
45
10
500
1.0
1.0
1.5
200
BZX85C5V6
5.6
45
7.0
400
1.0
1.0
2.0
190
BZX85C6V2
6.2
35
4.0
300
1.0
1.0
3.0
170
BZX85C6V8
6.8
35
3.5
300
1.0
50
4.0
155
BZX85C7V5
7.5
35
3.0
200
0.5
50
4.5
140
BZX85C8V2
8.2
25
5.0
200
0.5
50
6.2
130
BZX85C9V1
9.1
25
5.0
200
0.5
50
6.8
120
BZX85C10
10
25
7.0
200
0.5
50
7.5
105
BZX85C11
11
20
8.0
300
0.5
50
8.2
97
BZX85C12
12
20
9.0
350
0.5
0.5
9.1
88
BZX85C13
13
20
10
400
0.5
0.5
10
79
BZX85C15
15
15
15
500
0.5
0.5
11
71
BZX85C16
16
15
15
500
0.5
0.5
12
66
BZX85C18
18
15
20
500
0.5
0.5
13
62
BZX85C19
19
15
20
550
0.5
0.5
14
58
BZX85C20
20
10
24
600
0.5
0.5
15
56
BZX85C22
22
10
25
600
0.5
0.5
16
52
BZX85C24
24
10
25
600
0.5
0.5
18
47
BZX85C27
27
8.0
30
750
0.25
0.5
20
41
BZX85C30
30
8.0
30
1000
0.25
0.5
22
36
BZX85C33
33
8.0
35
1000
0.25
0.5
24
33
BZX85C36
36
8.0
40
1000
0.25
0.5
27
30
BZX85C39
39
6.0
50
1000
0.25
0.5
30
28
BZX85C43
43
6.0
50
1000
0.25
0.5
33
26
BZX85C47
47
4.0
90
1500
0.25
0.5
36
23
BZX85C51
51
4.0
115
1500
0.25
0.5
39
21
BZX85C56
56
4.0
120
2000
0.25
0.5
43
19
BZX85C62
62
4.0
125
2000
0.25
0.5
47
16
BZX85C68
68
4.0
130
2000
0.25
0.5
51
15
BZX85C75
75
4.0
135
2000
0.25
0.5
56
14
BZX85C82
82
2.7
200
3000
0.25
0.5
62
12
BZX85C91
91
2.7
250
3000
0.25
0.5
68
10
BZX85C100
100
2.7
350
3000
0.25
0.5
75
9.4
BZX85C110
110
2.7
450
4000
0.25
0.5
82
8.6
BZX85C120
120
2.0
550
4500
0.25
0.5
91
7.8
BZX85C130
130
2.0
700
5000
0.25
0.5
100
7.0
BZX85C150
150
2.0
1000
6000
0.25
0.5
110
6.4
BZX85C160
160
1.5
1100
6500
0.25
0.5
120
5.8
BZX85C180
180
1.5
1200
7000
0.25
0.5
130
5.2
BZX85C200
200
1.5
1900
9990
0.25
0.5
150
4.7
Notes :
(1) The type number listed have a standard tolerance on the nominal zener voltage of
± 5.0%.
(2) " BZX " will be omitted in marking on the diode
TYPE
BZX85C Series
Silicon Zener Diodes
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BZX85C4V3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C4V3 VISHAY-BZX85C4V3 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Taiwan Semiconductor Co...
BZX85C4V3 TSC-BZX85C4V3 Datasheet
544Kb / 4P
   1.3 Watts Zener Diode
logo
New Jersey Semi-Conduct...
BZX85C4V3 NJSEMI-BZX85C4V3 Datasheet
99Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX85C4V3 FAIRCHILD-BZX85C4V3 Datasheet
49Kb / 3P
   Zeners
logo
Rectron Semiconductor
BZX85C4V3 RECTRON-BZX85C4V3 Datasheet
88Kb / 2P
   1.3W DO-41 Zener Diode
More results

Similar Description - BZX85C4V3

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com