Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC2G34MDCKREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G34MDCKREP
Description  DUAL BUFFER GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G34MDCKREP Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G34MDCKREP Datasheet HTML 1Page - Texas Instruments SN74LVC2G34MDCKREP Datasheet HTML 2Page - Texas Instruments SN74LVC2G34MDCKREP Datasheet HTML 3Page - Texas Instruments SN74LVC2G34MDCKREP Datasheet HTML 4Page - Texas Instruments SN74LVC2G34MDCKREP Datasheet HTML 5Page - Texas Instruments SN74LVC2G34MDCKREP Datasheet HTML 6Page - Texas Instruments SN74LVC2G34MDCKREP Datasheet HTML 7Page - Texas Instruments SN74LVC2G34MDCKREP Datasheet HTML 8Page - Texas Instruments SN74LVC2G34MDCKREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.ti.com
FEATURES
3
2
4
6
1
1A
1Y
2Y
GND
2A
DCK PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
VCC
5
DESCRIPTION/ORDERING INFORMATION
SN74LVC2G34-EP
DUAL BUFFER GATE
SCES671 – MARCH 2007
• Controlled Baseline
• Supports 5-V V
CC Operation
One Assembly Site
• Inputs Accept Voltages to 5.5 V
One Test Site
• Max t
pd of 4.1 ns at 3.3 V
One Fabrication Site
• Low-Power Consumption, 10-µA Max I
CC
• Extended Temperature Performance of –55°C
• ±24-mA Output Drive at 3.3 V
to 125
°C
• Typical V
OLP (Output Ground Bounce)
• Enhanced Diminishing Manufacturing Sources
<0.8 V at V
CC = 3.3 V, TA = 25°C
(DMS) Support
• Typical V
OHV (Output VOH Undershoot)
• Enhanced Product-Change Notification
>2 V at V
CC = 3.3 V, TA = 25°C
• Qualification Pedigree (1)
• I
off Supports Partial-Power-Down Mode
Operation
(1)
Component qualification in accordance with JEDEC and
• Latch-Up Performance Exceeds 100 mA Per
industry standards to ensure reliable operation over an
JESD 78, Class II
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
• ESD Protection Exceeds JESD 22
temperature cycle, autoclave or unbiased HAST,
2000-V Human-Body Model (A114-A)
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
200-V Machine Model (A115-A)
justifying use of this component beyond specified
performance and environmental limits.
1000-V Charged-Device Model (C101)
The SN74LVC2G34 is a dual buffer gate designed for 1.65-V to 5.5-V VCC operation. The SN74LVC2G34
performs the Boolean function Y = A in positive logic.
NanoStar™ and NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the
die as the package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
–55
°C to 125°C
SOT (SC-70) – DCK
Reel of 3000
SN74LVC2G34MDCKREP
CAZ
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(3)
The actual top-side marking has one additional character that designates the assembly/test site.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC2G34MDCKREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G34 TI-SN74LVC2G34 Datasheet
529Kb / 13P
[Old version datasheet]   DUAL BUFFER GATE
SN74LVC2G34 TI-SN74LVC2G34 Datasheet
748Kb / 16P
[Old version datasheet]   DUAL BUFFER GATE
SN74LVC2G34 TI1-SN74LVC2G34 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Buffer Gate
logo
Guangdong Youtai Semico...
SN74LVC2G34 UMW-SN74LVC2G34 Datasheet
737Kb / 9P
   SN74LVC2G34
logo
Texas Instruments
SN74LVC2G34-EP TI1-SN74LVC2G34-EP Datasheet
1Mb / 25P
[Old version datasheet]   Dual Buffer Gate
More results

Similar Description - SN74LVC2G34MDCKREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC2G34 TI-SN74AUC2G34_09 Datasheet
738Kb / 15P
[Old version datasheet]   DUAL BUFFER GATE
SN74LVC2G34 TI-SN74LVC2G34 Datasheet
529Kb / 13P
[Old version datasheet]   DUAL BUFFER GATE
logo
NXP Semiconductors
74LVC2G34 NXP-74LVC2G34 Datasheet
85Kb / 14P
   Dual buffer gate
Rev. 04-20 July 2007
logo
Texas Instruments
SN74LVC2G34 TI1-SN74LVC2G34_18 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Buffer Gate
logo
Nexperia B.V. All right...
74HC2G34-Q100 NEXPERIA-74HC2G34-Q100 Datasheet
706Kb / 15P
   Dual buffer gate
logo
NXP Semiconductors
74HC2G34 NXP-74HC2G34 Datasheet
86Kb / 14P
   Dual buffer gate
Rev. 01-6 October 2006
74LVC2G34 NXP-74LVC2G34_10 Datasheet
146Kb / 17P
   Dual buffer gate
Rev. 5-2 September 2010
logo
Nexperia B.V. All right...
74LVC2G34 NEXPERIA-74LVC2G34 Datasheet
251Kb / 16P
   Dual buffer gate
Rev. 12 - 20 January 2022
logo
NXP Semiconductors
74LVC2G34 PHILIPS-74LVC2G34 Datasheet
82Kb / 13P
   DUAL BUFFER GATE
2004 Sep 10
logo
Nexperia B.V. All right...
74LVC2G16 NEXPERIA-74LVC2G16 Datasheet
750Kb / 14P
   Dual buffer gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com