Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLVC1G175MDCKREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CLVC1G175MDCKREP
Description  SINGLE D-TYPE FLIP-FLOP WITH ASYNCHRONOUS CLEAR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CLVC1G175MDCKREP Datasheet(HTML) 3 Page - Texas Instruments

  CLVC1G175MDCKREP Datasheet HTML 1Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 2Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 3Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 4Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 5Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 6Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 7Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 8Page - Texas Instruments CLVC1G175MDCKREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SN74LVC1G175-EP
www.ti.com
SGLS366A – AUGUST 2006 – REVISED DECEMBER 2010
Recommended Operating Conditions
(1)
MIN
MAX
UNIT
Operating
1.65
5.5
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65 × VCC
VCC = 2.3 V to 2.7 V
1.7
VIH
High-level input voltage
V
VCC = 3 V to 3.6 V
2
VCC = 4.5 V to 5.5 V
0.7 × VCC
VCC = 1.65 V to 1.95 V
0.35 × VCC
VCC = 2.3 V to 2.7 V
0.7
VIL
Low-level input voltage
V
VCC = 3 V to 3.6 V
0.8
VCC = 4.5 V to 5.5 V
0.3 × VCC
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
–16
mA
VCC = 3 V
–24
VCC = 4.5 V
–32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
32
VCC = 1.8 V ± 0.15 V, 2.5 V ± 0.2 V
20
Δt/Δv
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
10
ns/V
VCC = 5 V ± 0.5 V
10
TA
Operating free-air temperature
–55
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. See the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN74LVC1G175-EP


Similar Part No. - CLVC1G175MDCKREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CLVC1G17MDCKREPG4 TI1-CLVC1G17MDCKREPG4 Datasheet
503Kb / 15P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
More results

Similar Description - CLVC1G175MDCKREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G175 TI1-SN74LVC1G175_15 Datasheet
1Mb / 28P
[Old version datasheet]   Single D-Type Flip-Flop With Asynchronous Clear
logo
ON Semiconductor
NL17SZ175 ONSEMI-NL17SZ175 Datasheet
323Kb / 12P
   D-Type Flip-Flop with Asynchronous Clear
February, 2021 ??Rev. 1
logo
Fairchild Semiconductor
NC7SZ175 FAIRCHILD-NC7SZ175_04 Datasheet
154Kb / 9P
   TinyLogic UHS D-Type Flip-Flop with Asynchronous Clear
logo
Texas Instruments
SN74LVC1G175 TI-SN74LVC1G175 Datasheet
226Kb / 12P
[Old version datasheet]   SINGLE D-TYPE DFLIP FLOP WITH ASYNCHRONOUS CLEAR
logo
Toshiba Semiconductor
TC7PA175FU TOSHIBA-TC7PA175FU Datasheet
190Kb / 8P
   D-Type Flip-Flop with Clear
logo
STMicroelectronics
74V2G74 STMICROELECTRONICS-74V2G74 Datasheet
289Kb / 13P
   SINGLE D-TYPE FLIP FLOP WITH PRESET AND CLEAR
December 2001
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com