Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAPS-010145-001SMB Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAPS-010145-001SMB
Description  Digital Phase Shifter 4-Bit, 3.5 - 6.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPS-010145-001SMB Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAPS-010145-001SMB Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPS-010145-001SMB Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPS-010145-001SMB Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPS-010145-001SMB Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAPS-010145-001SMB Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAPS-010145-001SMB Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Digital Phase Shifter
4-Bit, 3.5 - 6.0 GHz
Rev. V2
MAPS-010145
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings 6,7
Parameter
Absolute Maximum
Input Power
3.5 - 6.0 GHz
+27 dBm
VCC
-0.5V ≤ VCC ≤ +7.0V
VEE
-7.0V ≤ VEE ≤ +0.5V
D1-D4, P/S, LE, CLK or
SER IN
-0.5V ≤ VIN ≤ VCC + 0.5V
SER OUT
-0.5V ≤ VOUT ≤ VCC + 0.5V
Operating Temperature
-40ºC to +85ºC
Storage Temperature
-65ºC to +150ºC
6. Exceeding any one or combination of these limits may cause
permanent damage to this device.
7. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide and Silicon Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
Amplitude Variation vs. Phase State
Phase Shift vs. Frequency (Major States)
Typical Performance Curves
-10
-8
-6
-4
-2
0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency (GHz)
-405
-360
-315
-270
-225
-180
-135
-90
-45
0
3.5
4.0
4.5
5.0
5.5
6.0
22.5°
45°
67.5°
90°
112.5°
135°
157.5°
180°
205.5°
225°
247.5°
270°
292.5°
315°
337.5°
Frequency (GHz)
Sample Board Header Pin Labels


Similar Part No. - MAPS-010145-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPS-010145 MA-COM-MAPS-010145 Datasheet
672Kb / 6P
   Digital Phase Shifter
MAPS-010145 MA-COM-MAPS-010145 Datasheet
672Kb / 6P
   Digital Phase Shifter
MAPS-010145 MA-COM-MAPS-010145_15 Datasheet
672Kb / 6P
   Digital Phase Shifter
More results

Similar Description - MAPS-010145-001SMB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPS-010165 MA-COM-MAPS-010165 Datasheet
676Kb / 7P
   Digital Phase Shifter 6-Bit, 3.5 - 6.0 GHz
logo
Tyco Electronics
MAPCGM0002 MACOM-MAPCGM0002 Datasheet
339Kb / 5P
   Phase Shifter 3.5-6.0 GHz
MAPCGM0002-DIE MACOM-MAPCGM0002-DIE Datasheet
301Kb / 7P
   3.5-6.0 GHz Phase Shifter
MAPCGM0004-DIE MACOM-MAPCGM0004-DIE Datasheet
462Kb / 7P
   5-Bit Digital Phase Shifter 6.0-18.0 GHz
logo
M/A-COM Technology Solu...
MAPS-010144 MA-COM-MAPS-010144 Datasheet
627Kb / 7P
   Digital Phase Shifter 4-Bit, 2.3 - 3.8 GHz
logo
Custom MMIC Design Serv...
CMD176P4 MMIC-CMD176P4 Datasheet
550Kb / 11P
   13-17 GHz 4-Bit Digital Phase Shifter
CMD175P4 MMIC-CMD175P4 Datasheet
257Kb / 11P
   2-4 GHz 5-Bit Digital Phase Shifter
logo
M/A-COM Technology Solu...
MAPS-010143 MA-COM-MAPS-010143 Datasheet
618Kb / 6P
   Digital Phase Shifter 4-Bit, 1.4 - 2.4 GHz
logo
Qorvo, Inc
CMD175P4 QORVO-CMD175P4 Datasheet
257Kb / 11P
   2-4 GHz 5-Bit Digital Phase Shifter
TGP2102 QORVO-TGP2102 Datasheet
362Kb / 9P
   35 GHz 5-Bit Digital Phase Shifter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com