Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7034_1206 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX7034_1206
Description  315MHz/434MHz ASK Superheterodyne Receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7034_1206 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX7034_1206 Datasheet HTML 1Page - Maxim Integrated Products MAX7034_1206 Datasheet HTML 2Page - Maxim Integrated Products MAX7034_1206 Datasheet HTML 3Page - Maxim Integrated Products MAX7034_1206 Datasheet HTML 4Page - Maxim Integrated Products MAX7034_1206 Datasheet HTML 5Page - Maxim Integrated Products MAX7034_1206 Datasheet HTML 6Page - Maxim Integrated Products MAX7034_1206 Datasheet HTML 7Page - Maxim Integrated Products MAX7034_1206 Datasheet HTML 8Page - Maxim Integrated Products MAX7034_1206 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
315MHz/434MHz ASK Superheterodyne
Receiver
3
AC ELECTRICAL CHARACTERISTICS
(
Typical Application Circuit, VDD5 = +4.5V to +5.5V, all RF inputs are referenced to 50
Ω, fRF = 433.92MHz, TA = -40°C to +125°C,
unless otherwise noted. Typical values are at VDD5 = +5.0V and TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL CHARACTERISTICS
Startup Time
tON
Time for valid signal detection after VSHDN
= VDD5. Does not include baseband filter
settling.
250
μs
Receiver Input Frequency Range
fRF
300
450
MHz
Maximum Receiver Input Level
0
dBm
+25°C, 315MHz
-114
Sensitivity at TA = +25
oC (Note 3)
+25°C, 434MHz
-113
dBm
+125°C, 315MHz
-113
Sensitivity at TA = +125°C
(Note 3)
+125°C, 434MHz
-110
dBm
Manchester coded
33
Maximum Data Rate
NRZ coded
66
kbps
LNA/MIXER
LNA/Mixer Voltage Gain (Note 4)
330
Ω IF filter load
45
dB
LNA/Mixer Input-Referred 1dB
Compression Point
-50
dBm
Mixer Output Impedance
ZOUT_MIX
330
Ω
fRF = 434MHz, VIRSEL = VDVDD
42
fRF = 375MHz, VIRSEL = VDVDD/2
44
Mixer Image Rejection
fRF = 315MHz, VIRSEL = 0V
44
dB
INTERMEDIATE FREQUENCY (IF)
Input Impedance
ZIN_IF
330
Ω
Operating Frequency
fIF
Bandpass response
10.7
MHz
3dB Bandwidth
10
MHz
RSSI Linearity
±0.5
dB
RSSI Dynamic Range
80
dB
PRFIN < -120dBm
1.15
RSSI Level
PRFIN > -40dBm
2.2
V


Similar Part No. - MAX7034_1206

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7034 MAXIM-MAX7034_11 Datasheet
259Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver 250μs Startup Time
More results

Similar Description - MAX7034_1206

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
MAX7034 MAXIM-MAX7034 Datasheet
207Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 0; 1/08
MAX7034 MAXIM-MAX7034_11 Datasheet
259Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver 250μs Startup Time
MAX1471 MAXIM-MAX1471 Datasheet
806Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 0; 4/04
MAX1471 MAXIM-MAX1471_V01 Datasheet
1Mb / 27P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
2017
MAX1471 MAXIM-MAX1471_10 Datasheet
332Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 3; 12/10
MAX1471 MAXIM-MAX1471_05 Datasheet
396Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 1; 3/05
MAX1471 MAXIM-MAX1471_11 Datasheet
328Kb / 26P
   315MHz/434MHz Low-Power, 3V/5V ASK/FSK Superheterodyne Receiver
Rev 4; 9/11
MAX7033 MAXIM-MAX7033 Datasheet
849Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com