Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSOP58436 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VSOP58436
Description  Preamplifier Circuit for IR Remote Control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSOP58436 Datasheet(HTML) 2 Page - Vishay Siliconix

  VSOP58436 Datasheet HTML 1Page - Vishay Siliconix VSOP58436 Datasheet HTML 2Page - Vishay Siliconix VSOP58436 Datasheet HTML 3Page - Vishay Siliconix VSOP58436 Datasheet HTML 4Page - Vishay Siliconix VSOP58436 Datasheet HTML 5Page - Vishay Siliconix VSOP58436 Datasheet HTML 6Page - Vishay Siliconix VSOP58436 Datasheet HTML 7Page - Vishay Siliconix VSOP58436 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VSOP584..
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 11-Jan-12
2
Document Number: 82444
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability.
Fig. 1 - Testsignal
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage
Pin 2
VS
- 0.3 to + 6
V
Supply current
Pin 2
IS
5mA
Output voltage
Pin 3
VO
- 0.3 to (VS + 0.3)
V
Output sink current
Pin 3
IO
5mA
Power dissipation
Tamb
≤ 85 °C
Ptot
10
mW
Operating temperature range
Tamb
- 25 to + 85
°C
Storage temperature range
Tstg
- 25 to + 85
°C
ESD stress, HBM
Pin 2, pin 3, MIL-STD-883C
VESD
2000
V
Pin 7, MIL-STD-883C
VESD
500
V
ESD stress, MM
Pin 2, pin 3, MIL-STD-883C
VESD
200
V
Pin 7, MIL-STD-883C
VESD
100
V
ELECTRICAL CHARACTERISTICS (Tamb = - 30 °C to + 85 °C)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VS
2.7
5.5
V
Supply current (pin 2)
IIN = 0, VS = 5 V
IS
0.65
0.85
1.05
mA
Output voltage low (pin 3)
IOL = 2 mA
VOL
100
mV
Output voltage high (pin 3)
IOL = 0
VOH
VS - 0.25
V
Internal pull up resistor
(pin 2, pin 3)
RPU
33
k
Ω
Max. input DC current
VIN > 0
IIN-DCmax.
400
μA
Min. signal detection current
IIN-DC = 0, fC = fBPF
IIN-min.
700
1000
pA
IIN-DC = 100 μA, fC = fBPF
IIN-min.
510
nA
Output pulse width
IIN-DC = 0, fC = fBPF,
IIN = 0.8 nA to 50 μA,
testsignal see fig. 1, BER
≤ 2%
tpo
tpi - 6/f0
tpi
tpi + 6/f0
μs
Accuracy of bandpass center
frequency
Tamb = + 25 °C
fBPF
f0 - 4 %
f0
f0 + 4 %
kHz
Bandwidth of bandpassfilter
- 3 dB, f0 = 38 kHz
B
3.8
kHz
burst length t
pI
output pulse width t
po
I
IN
V
OUT
one carrier cycle 1/f
C
burst length of input signal t
pi
output pulse width t
po
I
IN
V
OUT
21538


Similar Part No. - VSOP58436

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSOP383 VISHAY-VSOP383 Datasheet
225Kb / 8P
   Preamplifier Circuit for IR Remote Control
Rev. 1.3, 12-Mar-12
VSOP383 VISHAY-VSOP383 Datasheet
253Kb / 9P
   Preamplifier Circuit for IR Remote Control
01-Jan-2023
VSOP383.. VISHAY-VSOP383.. Datasheet
253Kb / 9P
   Preamplifier Circuit for IR Remote Control
01-Jan-2023
VSOP38336 VISHAY-VSOP38336 Datasheet
225Kb / 8P
   Preamplifier Circuit for IR Remote Control
Rev. 1.3, 12-Mar-12
VSOP38336 VISHAY-VSOP38336 Datasheet
242Kb / 9P
   Preamplifier Circuit for IR Remote Control
Rev. 1.1, 17-May-16
More results

Similar Description - VSOP58436

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSOP98260 VISHAY-VSOP98260_V01 Datasheet
249Kb / 8P
   Preamplifier Circuit for IR Remote Control
01-Jan-2023
VSOP38336 VISHAY-VSOP38336 Datasheet
242Kb / 9P
   Preamplifier Circuit for IR Remote Control
Rev. 1.1, 17-May-16
VSOP98260 VISHAY-VSOP98260_16 Datasheet
232Kb / 8P
   Preamplifier Circuit for IR Remote Control
Rev. 1.9, 17-May-16
VSOP383 VISHAY-VSOP383_V01 Datasheet
253Kb / 9P
   Preamplifier Circuit for IR Remote Control
01-Jan-2023
VSOP383 VISHAY-VSOP383 Datasheet
225Kb / 8P
   Preamplifier Circuit for IR Remote Control
Rev. 1.3, 12-Mar-12
logo
TEMIC Semiconductors
U2535B TEMIC-U2535B Datasheet
71Kb / 6P
   Preamplifier for IR Remote Control
logo
Analog Intergrations Co...
AIC1863 AIC-AIC1863 Datasheet
112Kb / 8P
   IR Preamplifier for Remote Control System
logo
Silicon Standard Corp.
SS6863 SSC-SS6863 Datasheet
270Kb / 6P
   IR Preamplifier for Remote Control Systems
logo
NTE Electronics
NTE15004 NTE-NTE15004 Datasheet
21Kb / 2P
   Integrated Circuit Remote Control Preamplifier
logo
AUK corp
SL2055 AUK-SL2055 Datasheet
220Kb / 8P
   PREAMPLIFIER FOR REMOTE CONTROL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com