Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAGX-000035-SB1PPR Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-000035-SB1PPR
Description  GaN HEMT Power Transistor 30W CW, 30 MHz - 3.5 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-000035-SB1PPR Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAGX-000035-SB1PPR Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-000035-SB1PPR Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-000035-SB1PPR Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-000035-SB1PPR Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-000035-SB1PPR Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-000035-SB1PPR Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAGX-000035-SB1PPR Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
GaN HEMT Power Transistor
30W CW, 30 MHz - 3.5 GHz
MAGX-000035-030000
Production V1
10 Feb 12
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology
Solutions is considering for development. Performance is based on target specifications, simu-
lated results, and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be avail-
able. Commitment to produce in volume is not guaranteed.
Electrical Specifications: TC = 25 ± 5°C (Room Ambient )
Test Fixture Impedance
INPUT
NETWORK
Zif
OUTPUT
NETWORK
Zof
F (MHz)
Zif-opt (Ω)
Zof-opt (Ω)
30
71 + j 255
24.9 - j 6.8
100
7.7 + j 66.6
22.14 - j 4.33
500
3.19 + j 13.8
21.8 + j 9.94
1500
1.4 + j 0.16
9.31 + j 9.34
3000
3.1 - j 9.96
3.32 + j 1.2
Parameter
Test Conditions
Symbol
Min
Typ
Max
Units
RF FUNCTIONAL TESTS Vdd=50V, Idq= 100 mA, single frequency optimized data
CW Output Power (P2dB) 1 .5GHz
Pin = 0.7W Ave
POUT
30
42
-
W Ave
Small Signal Gain @ 1.5 GHz
Pout = 5W Ave
GP
18
20
dB
Drain Efficiency @ 1.5 GHz
Pin = 0.7W Ave
ηD
50
60
%
Load Mismatch Stability
Pin = 1W Ave
VSWR-S
5:1
-
-
-
Load Mismatch Tolerance
Pin = 1W Ave
VSWR-T
10:1
-
-
-


Similar Part No. - MAGX-000035-SB1PPR

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000035-SB2PPR MA-COM-MAGX-000035-SB2PPR Datasheet
609Kb / 8P
   GaN on SiC HEMT Power Transistor Common-Source configuration
MAGX-000035-SB3PPR MA-COM-MAGX-000035-SB3PPR Datasheet
609Kb / 8P
   GaN on SiC HEMT Power Transistor Common-Source configuration
More results

Similar Description - MAGX-000035-SB1PPR

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T2G4003532-FL TRIQUINT-T2G4003532-FL_15 Datasheet
990Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T2G4003532-FS TRIQUINT-T2G4003532-FS_15 Datasheet
984Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
logo
M/A-COM Technology Solu...
AGX-003135-030L00 MA-COM-AGX-003135-030L00 Datasheet
908Kb / 8P
   GaN HEMT Pulsed Power Transistor 3.1 - 3.5 GHz, 30W Peak, 500us Pulse, 10% Duty Cycle
logo
WOLFSPEED, INC.
CGHV35400F1 WOLFSPEED-CGHV35400F1 Datasheet
1Mb / 21P
   400 W, 2.9 - 3.5 GHz, GaN HEMT
Rev. 1.0, 2022-8-4
logo
M/A-COM Technology Solu...
MAGX-001220-100L00 MA-COM-MAGX-001220-100L00_15 Datasheet
833Kb / 6P
   GaN HEMT Power Transistor
MAGX-001220-100L00 MA-COM-MAGX-001220-100L00 Datasheet
833Kb / 6P
   GaN HEMT Power Transistor
MAGX-000035-030000 MA-COM-MAGX-000035-030000_15 Datasheet
953Kb / 7P
   GaN HEMT Power Transistor
logo
WOLFSPEED, INC.
CG2H80030D WOLFSPEED-CG2H80030D Datasheet
1Mb / 9P
   30 W, 8.0 GHz, GaN HEMT Die
Rev. 2.0, 2022-7-27
CGH60030D WOLFSPEED-CGH60030D Datasheet
1Mb / 9P
   30 W, 6.0 GHz, GaN HEMT Die
Rev. 4.2, 2022-12-1
logo
Cree, Inc
CGH60030D CREE-CGH60030D Datasheet
622Kb / 8P
   30 W, 6.0 GHz, GaN HEMT Die
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com