Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLWW8605 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLWW8605
Description  TELUX LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLWW8605 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLWW8605 Datasheet HTML 1Page - Vishay Siliconix VLWW8605 Datasheet HTML 2Page - Vishay Siliconix VLWW8605 Datasheet HTML 3Page - Vishay Siliconix VLWW8605 Datasheet HTML 4Page - Vishay Siliconix VLWW8605 Datasheet HTML 5Page - Vishay Siliconix VLWW8605 Datasheet HTML 6Page - Vishay Siliconix VLWW8605 Datasheet HTML 7Page - Vishay Siliconix VLWW8605 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: LED@vishay.com
Document Number: 81268
2
Rev. 1.3, 09-Dec-10
VLWW8605
Vishay Semiconductors
TELUX LED
Note
• Tolerance ± 0.01
Note
• Luminous flux is tested at a current pulse duration of 25 ms and an accuracy of ± 11 %.
The above type numbers represent the order groups which include only a few brightness groups. Only one group will be shipped on one
tube (there will be no mixing of two groups on each tube).
In order to ensure availability, single brightness groups will not be orderable.
In a similar manner for colors where wavelength groups are measured and binned, single wavelength groups will be shipped in any one tube.
In order to ensure availability, single wavelength groups will not be orderable.
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLWW8605, WHITE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Total flux
IF = 50 mA, RthJA = 200 K/W
V
630
1000
-
mlm
Luminous intensity/total flux
IF = 50 mA, RthJA = 200 K/W
IV/V
-0.8
-
mcd/mlm
Color temperature
IF = 50 mA, RthJA = 200 K/W
TK
-
5500
-
K
Angle of half intensity
IF = 50 mA, RthJA = 200 K/W
-± 30
-
deg
Total included angle
90 % of total flux captured
-75
-
deg
Forward voltage
IF = 50 mA, RthJA = 200 K/W
VF
-4.3
5.2
V
Reverse voltage
IR = 10 μA
VR
510
-
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
-50
-
pF
CHROMATICITY COORDINATE CLASSIFICATION VLWW8605
GROUP
X
Y
MIN.
MAX.
MIN.
MAX.
3a
0.2900
0.3025
Y = 1.4x - 0.121
Y = 1.4x - 0.071
3b
0.3025
0.3150
Y = 1.4x - 0.121
Y = 1.4x - 0.071
3c
0.2900
0.3025
Y = 1.4x - 0.171
Y = 1.4x - 0.121
3d
0.3025
0.3150
Y = 1.4x - 0.171
Y = 1.4x - 0.121
LUMINOUS FLUX CLASSIFICATION
GROUP
LUMINOUS FLUX (mlm)
MIN.
MAX.
0
630
1000
A
800
1250
B
1000
1800
C
1500
2400


Similar Part No. - VLWW8605

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLWW8605 VISHAY-VLWW8605 Datasheet
2Mb / 4P
   LEDs for Automotive and Outdoor Applications
More results

Similar Description - VLWW8605

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWW8600 VISHAY-TLWW8600 Datasheet
172Kb / 6P
   TELUX LED
Rev. A2, 22-Apr-03
TLWR8900 VISHAY-TLWR8900 Datasheet
228Kb / 8P
   TELUX LED
Rev. 2.2, 15-Dec-10
VLWB9600 VISHAY-VLWB9600 Datasheet
291Kb / 7P
   TELUX LED
Rev. 1.3, 15-Dec-10
VLWR9630 VISHAY-VLWR9630 Datasheet
299Kb / 7P
   TELUX LED
Rev. 1.5, 14-Jun-12
VLWY9930 VISHAY-VLWY9930 Datasheet
292Kb / 7P
   TELUX LED
Rev. 1.4, 14-Jun-12
VLWB9900 VISHAY-VLWB9900_V01 Datasheet
322Kb / 7P
   TELUX LED
01-Jan-2022
TLWY7900 VISHAY-TLWY7900_V02 Datasheet
303Kb / 9P
   TELUX LED
01-Jan-2023
TLWY8900 VISHAY-TLWY8900_V02 Datasheet
330Kb / 9P
   TELUX LED
01-Jan-2023
VLWW9900 VISHAY-VLWW9900 Datasheet
295Kb / 8P
   TELUX LED
Rev. 1.5, 15-Dec-10
TLWB VISHAY-TLWB Datasheet
280Kb / 14P
   TELUX LED
Rev. 1.8, 14-Jan-05
TLWR9600 VISHAY-TLWR9600_V01 Datasheet
220Kb / 5P
   TELUX LED
13-Jun-16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com