Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLWB9600 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLWB9600
Description  TELUX LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLWB9600 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLWB9600 Datasheet HTML 1Page - Vishay Siliconix VLWB9600 Datasheet HTML 2Page - Vishay Siliconix VLWB9600 Datasheet HTML 3Page - Vishay Siliconix VLWB9600 Datasheet HTML 4Page - Vishay Siliconix VLWB9600 Datasheet HTML 5Page - Vishay Siliconix VLWB9600 Datasheet HTML 6Page - Vishay Siliconix VLWB9600 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 81318
For technical questions, contact: LED@vishay.com
www.vishay.com
Rev. 1.3, 15-Dec-10
3
VLWB9600
TELUX LED
Vishay Semiconductors
Fig. 3 - Relative Intensity vs. Wavelength
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Luminous Flux vs. Forward Current
Fig. 6 - Specific Luminous Flux vs. Forward Current
Fig. 7 - Rel. Luminous Flux vs. Ambient Temperature
Fig. 8 - Dominant Wavelength vs. Forward Current
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
400
420
440
460
480
500
520
540
560
λ - Wavelength (nm)
16069
blue
0
10
20
30
40
50
60
70
80
90
100
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
F - Forward Voltage (V)
16037_1
0.01
0.1
1
10
1
10
100
I
F - Forward Current (mA)
16042
blue
0.1
1.0
1
10
100
I
F - Forward Current (mA)
16041
blue
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
16057
I
F = 50 mA
blue
T
amb - Ambient Temperature (°C)
- 40
- 20
0
20
40
60
80
100
16299
469
470
471
472
473
blue
50
40
30
20
10
0
I
F - Forward Current (mA)


Similar Part No. - VLWB9600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLWB9600 VISHAY-VLWB9600 Datasheet
2Mb / 4P
   LEDs for Automotive and Outdoor Applications
VLWB9600 VISHAY-VLWB9600 Datasheet
323Kb / 7P
   TELUX LED
01-Jan-2022
VLWB9600 VISHAY-VLWB9600_V01 Datasheet
323Kb / 7P
   TELUX LED
01-Jan-2022
More results

Similar Description - VLWB9600

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLWW8600 VISHAY-TLWW8600 Datasheet
172Kb / 6P
   TELUX LED
Rev. A2, 22-Apr-03
TLWR8900 VISHAY-TLWR8900 Datasheet
228Kb / 8P
   TELUX LED
Rev. 2.2, 15-Dec-10
VLWR9630 VISHAY-VLWR9630 Datasheet
299Kb / 7P
   TELUX LED
Rev. 1.5, 14-Jun-12
VLWY9930 VISHAY-VLWY9930 Datasheet
292Kb / 7P
   TELUX LED
Rev. 1.4, 14-Jun-12
VLWB9900 VISHAY-VLWB9900_V01 Datasheet
322Kb / 7P
   TELUX LED
01-Jan-2022
TLWY7900 VISHAY-TLWY7900_V02 Datasheet
303Kb / 9P
   TELUX LED
01-Jan-2023
TLWY8900 VISHAY-TLWY8900_V02 Datasheet
330Kb / 9P
   TELUX LED
01-Jan-2023
VLWW9900 VISHAY-VLWW9900 Datasheet
295Kb / 8P
   TELUX LED
Rev. 1.5, 15-Dec-10
TLWB VISHAY-TLWB Datasheet
280Kb / 14P
   TELUX LED
Rev. 1.8, 14-Jan-05
TLWR9600 VISHAY-TLWR9600_V01 Datasheet
220Kb / 5P
   TELUX LED
13-Jun-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com