Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06032U3R3BAT2A Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # 06032U3R3BAT2A
Description  쩌W High Linearity Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

06032U3R3BAT2A Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button 06032U3R3BAT2A Datasheet HTML 5Page - TriQuint Semiconductor 06032U3R3BAT2A Datasheet HTML 6Page - TriQuint Semiconductor 06032U3R3BAT2A Datasheet HTML 7Page - TriQuint Semiconductor 06032U3R3BAT2A Datasheet HTML 8Page - TriQuint Semiconductor 06032U3R3BAT2A Datasheet HTML 9Page - TriQuint Semiconductor 06032U3R3BAT2A Datasheet HTML 10Page - TriQuint Semiconductor 06032U3R3BAT2A Datasheet HTML 11Page - TriQuint Semiconductor 06032U3R3BAT2A Datasheet HTML 12Page - TriQuint Semiconductor 06032U3R3BAT2A Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TQP7M9101
¼W High Linearity Amplifier
Mechanical Information
Package Information and Dimensions
This
package
is
lead-free/RoHS-
compliant. The plating material on the
leads is NiPdAu. It is compatible with
both lead-free (maximum 260 °C reflow
temperature) and lead (maximum 245 °C
reflow temperature) soldering processes.
The component will be marked with a
“7M9101”
designator
with
an
alphanumeric lot code on the top surface
of package.
7M9101
Mounting Configuration
All dimensions are in millimeters (inches). Angles are in degrees.
Notes:
1. Ground / thermal vias are critical for the proper performance of this device. Vias should use a .35mm (#80 / .0135”) diameter drill and
have a final plated thru diameter of .25 mm (.010”).
2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance.
3. RF trace width depends upon the PC board material and construction.
4. Use 1 oz. Copper minimum.
Advanced Data Sheet: Rev D 09/19/11
-
9 of 9 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®


Similar Part No. - 06032U3R3BAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06032U100BA2A AVX-06032U100BA2A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
06032U100BA4A AVX-06032U100BA4A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
06032U100BA9A AVX-06032U100BA9A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
06032U100BAT2A AVX-06032U100BAT2A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
06032U100BAT2A AVX-06032U100BAT2A Datasheet
156Kb / 6P
   RF/Microwave C0G Capacitors
More results

Similar Description - 06032U3R3BAT2A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
   High Linearity Amplifier
Rev. 2, 9/2014
MMG20271H9 NXP-MMG20271H9 Datasheet
784Kb / 18P
   High Linearity Amplifier
Rev. 1, 9/2014
logo
Qorvo, Inc
RFCA8828 QORVO-RFCA8828 Datasheet
2Mb / 16P
   High Linearity, Push-Pull Amplifier High Linearity, Push-Pull Amplifier
logo
RF Micro Devices
RF3315 RFMD-RF3315_06 Datasheet
223Kb / 12P
   BROADBAND HIGH LINEARITY AMPLIFIER
logo
TriQuint Semiconductor
AH202 TRIQUINT-AH202_15 Datasheet
390Kb / 7P
   1W High Linearity Amplifier
TQP7M9103 TRIQUINT-TQP7M9103_15 Datasheet
469Kb / 16P
   1W High Linearity Amplifier
logo
RF Micro Devices
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
   BROADBAND HIGH LINEARITY AMPLIFIER
RF3223 RFMD-RF3223_1 Datasheet
284Kb / 10P
   HIGH LINEARITY/DRIVER AMPLIFIER
logo
RFHIC
AP205A RFHIC-AP205A_14 Datasheet
266Kb / 8P
   High Linearity Drive Amplifier
logo
TriQuint Semiconductor
TQP7M9103 TRIQUINT-TQP7M9103 Datasheet
589Kb / 14P
   1W High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com