Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06032U1R5BAT2A Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 06032U1R5BAT2A
Description  쩌W High Linearity Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

06032U1R5BAT2A Datasheet(HTML) 2 Page - TriQuint Semiconductor

  06032U1R5BAT2A Datasheet HTML 1Page - TriQuint Semiconductor 06032U1R5BAT2A Datasheet HTML 2Page - TriQuint Semiconductor 06032U1R5BAT2A Datasheet HTML 3Page - TriQuint Semiconductor 06032U1R5BAT2A Datasheet HTML 4Page - TriQuint Semiconductor 06032U1R5BAT2A Datasheet HTML 5Page - TriQuint Semiconductor 06032U1R5BAT2A Datasheet HTML 6Page - TriQuint Semiconductor 06032U1R5BAT2A Datasheet HTML 7Page - TriQuint Semiconductor 06032U1R5BAT2A Datasheet HTML 8Page - TriQuint Semiconductor 06032U1R5BAT2A Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TQP7M9101
¼W High Linearity Amplifier
Advanced Data Sheet: Rev D 09/19/11
-
2 of 2 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-65 to +150 °C
Device Voltage,Vcc
+8 V
Maximum Input Power
+23 dBm
Operation of this device outside the parameter ranges given
above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Vcc
+3
+5
+5.25
V
Tcase
-40
85
°C
Tj (for>106 hours MTTF)
160
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Electrical Specifications
Test conditions unless otherwise noted: +25°C, +5V Vsupply, in a tuned application circuit
Parameter
Conditions
Min
Typical
Max
Units
Operational Frequency Range
400
4000
MHz
Test Frequency
2140
MHz
Gain
17.5
dB
Input Return Loss
15
dB
Output Return Loss
13.5
dB
Output P1dB
+25
dBm
Output IP3
See Note 1.
+39.5
dBm
WCDMA Pout @ -55 dBc ACLR
+14.5
dBm
Noise Figure
3.9
dB
Vcc
5
V
Quiescent Current, Icq
87
mA
Thermal Resistance (jnc to case) θjc
71
°C/W
Notes
1. OIP3 measured with two tones at an output power of +8 dBm / tone separated by 1 MHz. The suppression on the largest IM3 product is
used to calculate the OIP3 using 2:1 rule.


Similar Part No. - 06032U1R5BAT2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06032U100BA2A AVX-06032U100BA2A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
06032U100BA4A AVX-06032U100BA4A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
06032U100BA9A AVX-06032U100BA9A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
06032U100BAT2A AVX-06032U100BAT2A Datasheet
1Mb / 8P
   RF/Microwave C0G (NP0) Capacitors (RoHS)
06032U100BAT2A AVX-06032U100BAT2A Datasheet
156Kb / 6P
   RF/Microwave C0G Capacitors
More results

Similar Description - 06032U1R5BAT2A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
   High Linearity Amplifier
Rev. 2, 9/2014
MMG20271H9 NXP-MMG20271H9 Datasheet
784Kb / 18P
   High Linearity Amplifier
Rev. 1, 9/2014
logo
Qorvo, Inc
RFCA8828 QORVO-RFCA8828 Datasheet
2Mb / 16P
   High Linearity, Push-Pull Amplifier High Linearity, Push-Pull Amplifier
logo
RF Micro Devices
RF3315 RFMD-RF3315_06 Datasheet
223Kb / 12P
   BROADBAND HIGH LINEARITY AMPLIFIER
logo
TriQuint Semiconductor
AH202 TRIQUINT-AH202_15 Datasheet
390Kb / 7P
   1W High Linearity Amplifier
TQP7M9103 TRIQUINT-TQP7M9103_15 Datasheet
469Kb / 16P
   1W High Linearity Amplifier
logo
RF Micro Devices
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
   BROADBAND HIGH LINEARITY AMPLIFIER
RF3223 RFMD-RF3223_1 Datasheet
284Kb / 10P
   HIGH LINEARITY/DRIVER AMPLIFIER
logo
RFHIC
AP205A RFHIC-AP205A_14 Datasheet
266Kb / 8P
   High Linearity Drive Amplifier
logo
TriQuint Semiconductor
TQP7M9103 TRIQUINT-TQP7M9103 Datasheet
589Kb / 14P
   1W High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com