Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHD5N50D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIHD5N50D
Description  D Series Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIHD5N50D Datasheet(HTML) 3 Page - Vishay Siliconix

  SIHD5N50D Datasheet HTML 1Page - Vishay Siliconix SIHD5N50D Datasheet HTML 2Page - Vishay Siliconix SIHD5N50D Datasheet HTML 3Page - Vishay Siliconix SIHD5N50D Datasheet HTML 4Page - Vishay Siliconix SIHD5N50D Datasheet HTML 5Page - Vishay Siliconix SIHD5N50D Datasheet HTML 6Page - Vishay Siliconix SIHD5N50D Datasheet HTML 7Page - Vishay Siliconix SIHD5N50D Datasheet HTML 8Page - Vishay Siliconix SIHD5N50D Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SiHD5N50D
www.vishay.com
Vishay Siliconix
S12-0690-Rev. A, 02-Apr-12
3
Document Number: 91499
For technical questions, contact: hvm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Fig. 1 - Typical Output Characteristics
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
Fig. 5 - Typical Capacitance vs. Drain-to-Source Voltage
Fig. 6 - Typical Gate Charge vs. Gate-to-Source Voltage
VDS, Drain-to-Source Voltage (V)
0
3
6
9
12
T
J = 25 °C
TOP 15 V
14 V
13 V
12 V
11 V
10 V
9 V
6 V
7 V
8 V
0
5
10
15
20
25
30
VDS, Drain-to-Source Voltage (V)
2
010
20
0
8
4
6
T
J = 150 °C
515
25
30
TOP 15 V
14 V
13 V
12 V
11 V
10 V
9.0 V
8.0 V
7.0 V
6.0 V
5.0 V
VGS, Gate-to-Source Voltage (V)
010
25
515
20
0
3
6
9
12
T
J = 150 °C
T
J = 25 °C
TJ, Junction Temperature (°C)
2.5
0.5
- 60
3
2
1.5
1
0
- 40 - 20 0
20 40 60 80 100 120 140 160
V
GS = 10 V
I
D = 2.5 A
1
10
100
1000
0
100
200
300
400
500
VDS, Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
V
GS = 0 V, f = 1 MHz
C
iss = Cgs + Cgd, Cds Shorted
C
rss = Cgd
C
oss = Cds + Cgd
0
3
6
9
12
15
18
Qg, Total Gate Charge (nC)
16
4
0
24
V
DS = 400 V
V
DS = 250 V
V
DS = 100 V
20
12
8


Similar Part No. - SIHD5N50D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SIHD5N50D ISC-SIHD5N50D Datasheet
331Kb / 2P
   iscN-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
SIHD5N50D DOINGTER-SIHD5N50D Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SIHD5N50D-E3 VISHAY-SIHD5N50D-E3 Datasheet
209Kb / 10P
   D Series Power MOSFET
01-Jan-2022
SIHD5N50D-GE3 VISHAY-SIHD5N50D-GE3 Datasheet
209Kb / 10P
   D Series Power MOSFET
01-Jan-2022
SIHD5N50DT1-GE3 VISHAY-SIHD5N50DT1-GE3 Datasheet
209Kb / 10P
   D Series Power MOSFET
01-Jan-2022
More results

Similar Description - SIHD5N50D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIHP14N50D VISHAY-SIHP14N50D Datasheet
165Kb / 9P
   D Series Power MOSFET
Rev. A, 21-May-12
SIHB8N50D VISHAY-SIHB8N50D Datasheet
155Kb / 7P
   D Series Power MOSFET
Rev. A, 21-Jan-13
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
   D Series Power MOSFET
01-Jan-2022
SIHF6N40D VISHAY-SIHF6N40D_V01 Datasheet
182Kb / 9P
   D Series Power MOSFET
01-Jan-2022
SIHP17N60D VISHAY-SIHP17N60D_V01 Datasheet
178Kb / 8P
   D Series Power MOSFET
01-Jan-2022
SIHU3N50DA VISHAY-SIHU3N50DA Datasheet
203Kb / 10P
   D Series Power MOSFET
01-Jan-2022
SIHS36N50D VISHAY-SIHS36N50D Datasheet
174Kb / 8P
   D Series Power MOSFET
Rev. A, 18-Jun-12
SIHF18N50D VISHAY-SIHF18N50D Datasheet
179Kb / 8P
   D Series Power MOSFET
Rev. B, 15-Aug-16
SIHU3N50D VISHAY-SIHU3N50D Datasheet
187Kb / 8P
   D Series Power MOSFET
Rev. A, 02-Apr-12
SIHU5N50D VISHAY-SIHU5N50D Datasheet
187Kb / 8P
   D Series Power MOSFET
Rev. A, 02-Apr-12
IRFP460B VISHAY-IRFP460B Datasheet
186Kb / 8P
   D Series Power MOSFET
Rev. B, 16-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com