Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP7M9102 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TQP7M9102
Description  쩌W High Linearity Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP7M9102 Datasheet(HTML) 8 Page - TriQuint Semiconductor

Back Button TQP7M9102 Datasheet HTML 4Page - TriQuint Semiconductor TQP7M9102 Datasheet HTML 5Page - TriQuint Semiconductor TQP7M9102 Datasheet HTML 6Page - TriQuint Semiconductor TQP7M9102 Datasheet HTML 7Page - TriQuint Semiconductor TQP7M9102 Datasheet HTML 8Page - TriQuint Semiconductor TQP7M9102 Datasheet HTML 9Page - TriQuint Semiconductor TQP7M9102 Datasheet HTML 10Page - TriQuint Semiconductor TQP7M9102 Datasheet HTML 11Page - TriQuint Semiconductor TQP7M9102 Datasheet HTML 12Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TQP7M9101
¼W High Linearity Amplifier
Pin Configuration and Description
RF IN
GND
RF OUT
GND
1
23
4
Pin
Symbol
Description
1
RF IN
RF Input. Requires conjugate match for optimal performance.
2, 4
GND
RF/DC Ground Connection
3
RFout / Vcc
RF Output, matched to 50 ohms. External DC Block and supply voltage is required.
Applications Information
PC Board Layout
1071363AW REV - 1071363PC REV -
GND
+VCC
SOT89 EVAL. BRD., 1/2 WATT
PCB Material (stackup):
1 oz. Cu top layer
0.014 inch Nelco N-4000-13, εr=3.7
1 oz. Cu MIDDLE layer 1
Core Nelco N-4000-13
1 oz. Cu middle layer 2
0.014 inch Nelco N-4000-13
1 oz. Cu bottom layer
Finished board thickness is 0.062±.006
50 ohm line dimensions: width = .031”, spacing = .035”.
The pad pattern shown has been developed and tested for
optimized assembly at TriQuint Semiconductor. The PCB
land pattern has been developed to accommodate lead and
package tolerances. Since surface mount processes vary
from supplier to supplier, careful process development is
recommended.
Advanced Data Sheet: Rev D 09/19/11
-
8 of 8 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®


Similar Part No. - TQP7M9102

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9102 TRIQUINT-TQP7M9102 Datasheet
906Kb / 20P
   W High Linearity Amplifier
TQP7M9102 TRIQUINT-TQP7M9102_15 Datasheet
906Kb / 20P
   W High Linearity Amplifier
More results

Similar Description - TQP7M9102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
   High Linearity Amplifier
Rev. 2, 9/2014
MMG20271H9 NXP-MMG20271H9 Datasheet
784Kb / 18P
   High Linearity Amplifier
Rev. 1, 9/2014
logo
Qorvo, Inc
RFCA8828 QORVO-RFCA8828 Datasheet
2Mb / 16P
   High Linearity, Push-Pull Amplifier High Linearity, Push-Pull Amplifier
logo
RF Micro Devices
RF3315 RFMD-RF3315_06 Datasheet
223Kb / 12P
   BROADBAND HIGH LINEARITY AMPLIFIER
logo
TriQuint Semiconductor
AH202 TRIQUINT-AH202_15 Datasheet
390Kb / 7P
   1W High Linearity Amplifier
TQP7M9103 TRIQUINT-TQP7M9103_15 Datasheet
469Kb / 16P
   1W High Linearity Amplifier
logo
RF Micro Devices
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
   BROADBAND HIGH LINEARITY AMPLIFIER
RF3223 RFMD-RF3223_1 Datasheet
284Kb / 10P
   HIGH LINEARITY/DRIVER AMPLIFIER
logo
RFHIC
AP205A RFHIC-AP205A_14 Datasheet
266Kb / 8P
   High Linearity Drive Amplifier
logo
TriQuint Semiconductor
TQP7M9103 TRIQUINT-TQP7M9103 Datasheet
589Kb / 14P
   1W High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com