Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TQP7M9102 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TQP7M9102
Description  쩌W High Linearity Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TQP7M9102 Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TQP7M9102 Datasheet HTML 3Page - TriQuint Semiconductor TQP7M9102 Datasheet HTML 4Page - TriQuint Semiconductor TQP7M9102 Datasheet HTML 5Page - TriQuint Semiconductor TQP7M9102 Datasheet HTML 6Page - TriQuint Semiconductor TQP7M9102 Datasheet HTML 7Page - TriQuint Semiconductor TQP7M9102 Datasheet HTML 8Page - TriQuint Semiconductor TQP7M9102 Datasheet HTML 9Page - TriQuint Semiconductor TQP7M9102 Datasheet HTML 10Page - TriQuint Semiconductor TQP7M9102 Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TQP7M9101
¼W High Linearity Amplifier
Typical Performance 2110-2170 MHz
Frequency
MHz
2110
2140
2170
Gain
dB
17.6
17.5
17.4
Input Return Loss
dB
15
15
15
Output Return Loss
dB
14
13.5
13
Output P1dB
dBm
+24.8
+24.8
+24.6
Output IP3 (+8 dBm/tone, ∆f = 1 MHz)
dBm
+39.5
+39.5
+39.5
WCDMA Channel Power (at -55 dBc ACLR) 1
dBm
+14.5
+14.5
+14.5
Noise Figure
dB
4.0
3.9
4.1
Supply Voltage, Vcc
V
+5
Quiescent Collector Current, Icq
mA
87
Notes:
1. ACLR Test set-up: 3GPP WCDMA, TM1+64 DPCH, +5 MHz offset, PAR = 10.2 dB at 0.01% Prob.
RF Performance Plots 2110-2170 MHz
Advanced Data Sheet: Rev D 09/19/11
-
7 of 7 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
15
16
17
18
19
20
2110
2120
2130
2140
2150
2160
2170
Freq (MHz)
Gain vs. Frequency
-20
-15
-10
-5
0
2110
2120
2130
2140
2150
2160
2170
Freq (MHz)
Input Return Loss vs. Frequency
-20
-15
-10
-5
0
2110
2120
2130
2140
2150
2160
2170
Freq (MHz)
Output Return Loss vs. Frequency
−40°C
+25°C
+85°C
−40°C
+25°C
−40°C
+25°C
+85°C
+85°C
-65
-60
-55
-50
-45
-40
-35
11
12
13
14
15
16
17
Pout (dBm)
ACLR Vs. Output Power
34
36
38
40
42
44
6
8
10
12
14
16
Pout/Tone (dBm)
OIP3 Vs. Pout/Tone
22
23
24
25
26
27
2110
2120
2130
2140
2150
2160
2170
Frequency (MHz)
P1dB vs. Frequency
+85°C
+25°C
−40°C
W-CDMA 3GPP Test Model 1+64 DPCH
PAR = 10.2 dB @ 0.01% Probability
3.84 MHz BW
Freq.= 2140 MHz
+85°C
+25°C
−40°C
Freq.=2140 MHz
1 MHz Tone Spacing
−40°C
+25°C
+85°C
-65
-60
-55
-50
-45
-40
-35
11
12
13
14
15
16
17
Pout (dBm)
ACLR Vs. Output Power
37
38
39
40
41
42
6
8
10
12
14
16
Pout/Tone (dBm)
OIP3 Vs. Pout/Tone
15
18
21
24
27
30
036
9
12
15
Pin (dBm)
Output Power vs. Input Power over Temp
2170 MHz
2140 MHz
2110 MHz
W-CDMA 3GPP Test Model 1+64 DPCH
PAR = 10.2 dB @ 0.01% Probability
3.84 MHz BW
Temp.=+25°C
2170 MHz
2140 MHz
2110 MHz
W-CDMA 3GPP Test Model 1+64 DPCH
PAR = 10.2 dB @ 0.01% Probability
3.84 MHz BW
1 MHz Tone Spacing
Temp.=+25°C
−40°C
+25°C
+85°C


Similar Part No. - TQP7M9102

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQP7M9102 TRIQUINT-TQP7M9102 Datasheet
906Kb / 20P
   W High Linearity Amplifier
TQP7M9102 TRIQUINT-TQP7M9102_15 Datasheet
906Kb / 20P
   W High Linearity Amplifier
More results

Similar Description - TQP7M9102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
   High Linearity Amplifier
Rev. 2, 9/2014
MMG20271H9 NXP-MMG20271H9 Datasheet
784Kb / 18P
   High Linearity Amplifier
Rev. 1, 9/2014
logo
Qorvo, Inc
RFCA8828 QORVO-RFCA8828 Datasheet
2Mb / 16P
   High Linearity, Push-Pull Amplifier High Linearity, Push-Pull Amplifier
logo
RF Micro Devices
RF3315 RFMD-RF3315_06 Datasheet
223Kb / 12P
   BROADBAND HIGH LINEARITY AMPLIFIER
logo
TriQuint Semiconductor
AH202 TRIQUINT-AH202_15 Datasheet
390Kb / 7P
   1W High Linearity Amplifier
TQP7M9103 TRIQUINT-TQP7M9103_15 Datasheet
469Kb / 16P
   1W High Linearity Amplifier
logo
RF Micro Devices
RF3315 RFMD-RF3315_1 Datasheet
380Kb / 14P
   BROADBAND HIGH LINEARITY AMPLIFIER
RF3223 RFMD-RF3223_1 Datasheet
284Kb / 10P
   HIGH LINEARITY/DRIVER AMPLIFIER
logo
RFHIC
AP205A RFHIC-AP205A_14 Datasheet
266Kb / 8P
   High Linearity Drive Amplifier
logo
TriQuint Semiconductor
TQP7M9103 TRIQUINT-TQP7M9103 Datasheet
589Kb / 14P
   1W High Linearity Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com