Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0603FR-0730KL Datasheet(PDF) 9 Page - Texas Instruments

Part # RC0603FR-0730KL
Description  TAS5612L-TAS5614LDDVEVM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RC0603FR-0730KL Datasheet(HTML) 9 Page - Texas Instruments

Back Button RC0603FR-0730KL Datasheet HTML 5Page - Texas Instruments RC0603FR-0730KL Datasheet HTML 6Page - Texas Instruments RC0603FR-0730KL Datasheet HTML 7Page - Texas Instruments RC0603FR-0730KL Datasheet HTML 8Page - Texas Instruments RC0603FR-0730KL Datasheet HTML 9Page - Texas Instruments RC0603FR-0730KL Datasheet HTML 10Page - Texas Instruments RC0603FR-0730KL Datasheet HTML 11Page - Texas Instruments RC0603FR-0730KL Datasheet HTML 12Page - Texas Instruments RC0603FR-0730KL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
0x00
6C
www.ti.com
Quick Setup Guide
2.6
GUI Software Installation and EVM Startup
The TAS5612L-TAS5614LDDVEVM is controlled by the Input-USB Board 3 with the TAS5538 GUI. The
TAS5538 GUI provides control of all registers in TAS5538. Download the current version of the GUI zip
file "TAS5538_xxxx.zip" from the TAS5612LDDVEVM folder or the TAS5614LDDVEVM folder on
http://www.ti.com to a convenient location on the host PC. Create a new folder at a convenient location
and extract the files from the zip file to the new folder. Be sure to check the box labeled “Use folder
names” during extraction. Then connect the USB cable between the host PC and jack USB-IN on the
Input-USB Board 3. Then turn on the 12V power supply and the PVDD power supply in that order.
Start the GUI by opening "TAS55XX_GUI.exe" in the new folder. Startup will take a few seconds and the
following window will open.
Click CONNECT and then READ, to verify that the data in register 0x00 read 6C.
Figure 6. TAS5538 GUI Window
NOTE:
If the address that is read is not 6C, make sure the USB is connected to the PC and check
for HID enumeration.
– Open the PC device manager. Right-click My Computer on desktop and open Properties,
then Hardware, then Device Manager.
– Expand "Human Interface Devices".
– Plug and unplug the USB cable from Input-USB Board 3 and confirm that an HID icon
appears.
Uncheck "ShutDown" and click the "Master Volume" icon to open the following window.
9
SLAU375 – May 2012
TAS5612L-TAS5614LDDVEVM
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - RC0603FR-0730KL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RC0603FR-0730KL TI1-RC0603FR-0730KL Datasheet
3Mb / 33P
[Old version datasheet]   TAS5622-TAS5624DDVEVM
logo
Monolithic Power System...
RC0603FR-0730KL MPS-RC0603FR-0730KL Datasheet
551Kb / 4P
   2.7V - 13V Input, 1A, Step-Up Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com