Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC59108RGY Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC59108RGY
Description  Works with MSP430 Launchpad
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC59108RGY Datasheet(HTML) 2 Page - Texas Instruments

  TLC59108RGY Datasheet HTML 1Page - Texas Instruments TLC59108RGY Datasheet HTML 2Page - Texas Instruments TLC59108RGY Datasheet HTML 3Page - Texas Instruments TLC59108RGY Datasheet HTML 4Page - Texas Instruments TLC59108RGY Datasheet HTML 5Page - Texas Instruments TLC59108RGY Datasheet HTML 6Page - Texas Instruments TLC59108RGY Datasheet HTML 7Page - Texas Instruments TLC59108RGY Datasheet HTML 8Page - Texas Instruments TLC59108RGY Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Introduction
www.ti.com
1.1
Features
Works with MSP430 Launchpad
Illustrates the use of TPL0401DPOT for color mixing
TCA7408 used for Key press detection
Shows the use of Single wire self timed interface in TCA5405
Color mixing and LED blinking control
1.2
TPL0401A/B
The TPL0401 is an I2C bus controlled, single channel, linear-taper digital potentiometer with 128 wiper
positions. TPL0401A/B have an end-to-end resistance of 10k ohms and the low terminal internally
connected to ground.
1.3
TCA5405
The TCA5405 is a 5-bit output expander controlled using a single wire input. This device is ideal for
portable applications as it has a wide VCC range of 1.65V to 3.6 V. The TCA5405 uses a self-timed serial
data protocol with a single data input driven by a master device synchronized to an internal clock of that
device.
1.4
TCA7408
This 8-bit I/O expander for the two-line bidirectional bus (I
2C) is designed to provide general-purpose
remote I/O expansion via the I
2C interface [serial clock (SCL) and serial data (SDA)]. The major benefit of
this device is its wide VCC range. It can operate from 1.65-V to 3.6-V on the GPIO-port side and 1.65-V to
5.5-V on the SDA/SCL side. This allows the TCA7408 to interface with next-generation microprocessors
and microcontrollers on the SDA/SCL side, where supply levels are dropping down to conserve power.
The TCA7408 open-drain interrupt (INT) output is activated when any GPIO set as an input has a
transition to the state opposite of that in the Input Default State register and the corresponding bit in the
Interrupt Mask Register is set to 0. It is used to indicate to the system master that an input has changed to
a pre-determined state.
1.5
TLC59108
The TLC59108 is an I
2C bus controlled 8-bit LED driver that is optimized for red/green/blue/amber (RGBA)
color mixing and backlight application for amusement products. Each LED output has its own 8-bit
resolution (256 steps) fixed-frequency individual PWM controller that operates at 97 kHz, with a duty cycle
that is adjustable from 0% to 99.6%. The individual PWM controller allows each LED to be set to a specific
brightness value. An additional 8-bit resolution group PWM controller has both a fixed frequency of 190 Hz
and an adjustable frequency between 24 Hz to once every 10.73 seconds, with a duty cycle that is
adjustable from 0% to 99.6%. The group PWM controller dims or blinks all LEDs with the same value.
TLC59108 scales up the reference current set by the external resistor (Rext) to sink the output current
(Iout) at each output port.
1.6
Requirements
In order to operate this EVM, the following components must be connected and properly configured.
1.6.1
LaunchPad
A Texas Instruments LaunchPad (MSP-EXP430G2) with the male headers and an MSP430G2553
microcontroller installed is required to run the board. A LaunchPad can be acquired here
(https://estore.ti.com/MSP-EXP430G2-MSP430-LaunchPad-Value-Line-Development-kit-P2031.aspx)
NOTE: IMPORTANT: The code to control the TCA7408EVM/TCA5405EVM was written from an
MSP430G2553 and will not work with the MSP430 chips that are included with the
LaunchPad kit.
2
TCA7408EVM,TCA5405EVM
SCPU034
– December 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - TLC59108RGY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC59108RGY TI1-TLC59108RGY Datasheet
335Kb / 15P
[Old version datasheet]   Works with low cost MSP430 based LaunchPad platform
More results

Similar Description - TLC59108RGY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0401EVM TI1-TPL0401EVM Datasheet
335Kb / 15P
[Old version datasheet]   Works with low cost MSP430 based LaunchPad platform
CC430F6137 TI1-CC430F6137_14 Datasheet
2Mb / 120P
[Old version datasheet]   MSP430??SoC With RF Core
CC430F6147 TI-CC430F6147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5133 TI1-CC430F5133 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F5125 TI-CC430F5125 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5147 TI-CC430F5147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F613X TI-CC430F613X Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F613 TI1-CC430F613 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430 SoC with RF Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com