Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM188R71C104KA01D Datasheet(PDF) 5 Page - Texas Instruments

Part # GRM188R71C104KA01D
Description  TAS5612L-TAS5614LDDVEVM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GRM188R71C104KA01D Datasheet(HTML) 5 Page - Texas Instruments

  GRM188R71C104KA01D Datasheet HTML 1Page - Texas Instruments GRM188R71C104KA01D Datasheet HTML 2Page - Texas Instruments GRM188R71C104KA01D Datasheet HTML 3Page - Texas Instruments GRM188R71C104KA01D Datasheet HTML 4Page - Texas Instruments GRM188R71C104KA01D Datasheet HTML 5Page - Texas Instruments GRM188R71C104KA01D Datasheet HTML 6Page - Texas Instruments GRM188R71C104KA01D Datasheet HTML 7Page - Texas Instruments GRM188R71C104KA01D Datasheet HTML 8Page - Texas Instruments GRM188R71C104KA01D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
I2S Bus
I2C Bus
Example:
TI Input - USB Board 3
8
Channel
Analog
Input
USB
Interface
Optical
and
Coaxial
S/PDIF
Input
Control Interface
Power Supply
Stereo/Mono
Channel
Speaker Output
TAS5612L-TAS5614LDDVEVM
www.ti.com
Introduction
1.1
TAS5612L-TAS5614LDDVEVM Features
Stereo PurePath Digital™ evaluation module.
Self-contained protection system (overcurrent, overtemperature, undervoltage and missing PWM
input).
Standard I
2S and I2C™ / Control connector for TI input board
Double-sided plated-through PCB layout.
Figure 3. Integrated PurePath Digital™ Amplifier System
1.2
EVM Physical Structure
Physical structure of the TAS5612L-TAS5614LDDVEVM is illustrated in Figure 4.
5
SLAU375 – May 2012
TAS5612L-TAS5614LDDVEVM
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - GRM188R71C104KA01D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GRM188R71C104KA01D TI1-GRM188R71C104KA01D Datasheet
3Mb / 33P
[Old version datasheet]   TAS5622-TAS5624DDVEVM
logo
Richtek Technology Corp...
GRM188R71C104KA01D RICHTEK-GRM188R71C104KA01D Datasheet
1Mb / 26P
   Peak 12A, 6.5V, 460kHz Synchronous Step-Down Converter
December 2020
GRM188R71C104KA01D RICHTEK-GRM188R71C104KA01D Datasheet
1Mb / 29P
   8A, 6.5V, 2.1MHz, ACOT® Synchronous Step-Down Converter with I2C Interface
March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com