Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-P12PTT86 Datasheet(PDF) 4 Page - Texas Instruments

Part # SML-P12PTT86
Description  Works with MSP430 Launchpad
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SML-P12PTT86 Datasheet(HTML) 4 Page - Texas Instruments

  SML-P12PTT86 Datasheet HTML 1Page - Texas Instruments SML-P12PTT86 Datasheet HTML 2Page - Texas Instruments SML-P12PTT86 Datasheet HTML 3Page - Texas Instruments SML-P12PTT86 Datasheet HTML 4Page - Texas Instruments SML-P12PTT86 Datasheet HTML 5Page - Texas Instruments SML-P12PTT86 Datasheet HTML 6Page - Texas Instruments SML-P12PTT86 Datasheet HTML 7Page - Texas Instruments SML-P12PTT86 Datasheet HTML 8Page - Texas Instruments SML-P12PTT86 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Operation
www.ti.com
2.2
Hardware Setup
There are three different modes that the EVM can be used in, LED mode, Voltage reference mode, and
Variable gain mode. To setup any of these three modes, begin by connecting the EVM to the LaunchPad.
Note the location of the VCC and GND pins on headers J1 and J2 on both the LaunchPad and the EVM to
ensure correct installation.
Install a shorting jumper across pins 1 and 2 of J6. Connect an external +5V supply to J3 and either
connect the LaunchPad to a computer through USB or connect a 3.3V power supply to J6* on the
LaunchPad to power it up.
NOTE:
: It can be possible to power up the LEDs by connecting a wire from the VCC pin of J6 on
the LaunchPad to the positive pin of J3. A 5V supply might be required because the max
voltage drop across the blue LED plus the drop across the TLC59108 is larger than the
supply voltage of the LaunchPad.
3
Operation
The TCA5405 will control when D1-D5 light up. TPL0401B is connected in series to the REXT of the
TLC59108 LED driver this setup will control D6 and D7. Each color is set to a fixed PWM to ensure
baseline brightness is similar. Color mixing is then accomplished through unique methods. The desired
current is set by changing the W-L resistance of the TPL0401B and the desired LED is switched on. This
repeats for the other colors and then starts over. The LEDs are multiplexed at about 1000 Hz.
After setting up the EVM as described in section 2.3.1, LEDs D1-D5 should be blinking and D6 and D7 will
be blue. To increase the speed at which D1-D5 blink press SW1 and to decrease the speed press SW2.
There are 25 different colors that can be created with D6-7 starting with blue and ending with green. To
step through the colors from blue to green press S4. To step through the colors from green to blue press
S3.
4
MSP430 Code
4.1
TCA5405
Within the source code for the MSP430 there are two different methods to handle sending data to the
TCA5405. This section will explain how the TCA5405 functions and how the MSP430G2xx3 code works.
Figure 1. Data Flow for TCA5405
4
TCA7408EVM,TCA5405EVM
SCPU034
– December 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated


Similar Part No. - SML-P12PTT86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SML-P12PTT86 TI1-SML-P12PTT86 Datasheet
335Kb / 15P
[Old version datasheet]   Works with low cost MSP430 based LaunchPad platform
More results

Similar Description - SML-P12PTT86

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL0401EVM TI1-TPL0401EVM Datasheet
335Kb / 15P
[Old version datasheet]   Works with low cost MSP430 based LaunchPad platform
CC430F6137 TI1-CC430F6137_14 Datasheet
2Mb / 120P
[Old version datasheet]   MSP430??SoC With RF Core
CC430F6147 TI-CC430F6147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5143 TI-CC430F5143_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5123 TI1-CC430F5123 Datasheet
1Mb / 116P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5133 TI1-CC430F5133 Datasheet
1Mb / 121P
[Old version datasheet]   MSP430??SoC with RF Core
CC430F5125 TI-CC430F5125 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F5147 TI-CC430F5147_15 Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC With RF Core
CC430F613X TI-CC430F613X Datasheet
1Mb / 118P
[Old version datasheet]   MSP430 SoC with RF Core
CC430F613 TI1-CC430F613 Datasheet
1Mb / 120P
[Old version datasheet]   MSP430 SoC with RF Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com