Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206C102K1RACTU Datasheet(PDF) 6 Page - Texas Instruments

Part # C1206C102K1RACTU
Description  TAS5612L-TAS5614LDDVEVM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C1206C102K1RACTU Datasheet(HTML) 6 Page - Texas Instruments

Back Button C1206C102K1RACTU Datasheet HTML 2Page - Texas Instruments C1206C102K1RACTU Datasheet HTML 3Page - Texas Instruments C1206C102K1RACTU Datasheet HTML 4Page - Texas Instruments C1206C102K1RACTU Datasheet HTML 5Page - Texas Instruments C1206C102K1RACTU Datasheet HTML 6Page - Texas Instruments C1206C102K1RACTU Datasheet HTML 7Page - Texas Instruments C1206C102K1RACTU Datasheet HTML 8Page - Texas Instruments C1206C102K1RACTU Datasheet HTML 9Page - Texas Instruments C1206C102K1RACTU Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
GND
PVDD
(+12 to
+36 Vdc)
+ LEFT SPEAKER OUTPUTS –
LOUT+
LOUT–
+ RIGHT SPEAKER OUTPUTS –
ROUT+
ROUT–
HEATSINK
LEFT CHANNEL
OUTPUT FILTE RS
RIGHT CHANNEL
OUTPUT FILTERS
INPUT SIGNAL & CONTROL
INTERFACE (J1)
TAS5538
TAS5612L
TAS5614L
MODE
PINS
S1
Reset
LED
STATUS
LEDs
RESET
NORMAL
PBTL – BTL
Quick Setup Guide
www.ti.com
Figure 4. Physical Structure of the TAS5612L-TAS5614LDDVEVM (Approximate Layout)
2
Quick Setup Guide
This section describes the TAS5612L-TAS5614LDDVEVM power supplies and system interfaces. It
provides information regarding handling and unpacking, absolute operating conditions, and switch and
jumper positions. It also provides a step-by-step guide to setting up the TAS5612L-TAS5614LDDVEVM for
device evaluation.
2.1
Electrostatic Discharge Warning
Many of the components of the TAS5612L-TAS5614LDDVEVM are susceptible to damage by electrostatic
discharge (ESD). Customers are advised to observe proper ESD handling precautions when unpacking
and handling the EVM, including the use of a grounded wrist strap at an approved ESD workstation.
6
TAS5612L-TAS5614LDDVEVM
SLAU375 – May 2012
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - C1206C102K1RACTU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C1206C102K1RACTU TI1-C1206C102K1RACTU Datasheet
3Mb / 33P
[Old version datasheet]   TAS5622-TAS5624DDVEVM
logo
Kemet Corporation
C1206C102K1RACTU KEMET-C1206C102K1RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 1000 pF, 10%, 100 V, 1206, X7R, SMD, MLCC, Temperature Stable, Class II
logo
Advanced Semiconductor
C1206C102K1RACTU ASI-C1206C102K1RACTU Datasheet
1Mb / 8P
   All Gold Bonding Scheme
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com