Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20TQC22MYFB Datasheet(PDF) 3 Page - Texas Instruments

Part # 20TQC22MYFB
Description  TPS62125EVM-044 Evaluation Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

20TQC22MYFB Datasheet(HTML) 3 Page - Texas Instruments

  20TQC22MYFB Datasheet HTML 1Page - Texas Instruments 20TQC22MYFB Datasheet HTML 2Page - Texas Instruments 20TQC22MYFB Datasheet HTML 3Page - Texas Instruments 20TQC22MYFB Datasheet HTML 4Page - Texas Instruments 20TQC22MYFB Datasheet HTML 5Page - Texas Instruments 20TQC22MYFB Datasheet HTML 6Page - Texas Instruments 20TQC22MYFB Datasheet HTML 7Page - Texas Instruments 20TQC22MYFB Datasheet HTML 8Page - Texas Instruments 20TQC22MYFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
0.01
0.1
1
10
100
1000
Load Current (mA)
0
10
20
30
40
50
60
70
80
90
100
V
= 12 V
IN
V
= 17 V
IN
V
= 5 V
IN
www.ti.com
TPS62125EVM-044 Test Results
J1 – VIN
Positive input connection from the input supply for the EVM.
J2 – S+/S-
Input voltage sense connections. Measure the input voltage at this point.
J3 – GND
Return connection from the input supply for the EVM.
J4 – VOUT
Output voltage connection.
J5 – S+/S-
Output voltage sense connections. Measure the output voltage at this point.
J6 – GND
Output return connection.
J7 – PG/GND
The PG output appears on pin 1 of this header with a convenient ground on pin 2.
JP1 – EN
EN pin input jumper. Place the supplied jumper across ON and EN to turn on the IC.
Place the jumper across OFF and EN to turn off the IC. Do not install the supplied
jumper to utilize the adjustable enable threshold voltage feature of the IC.
JP2 – PG
PG pin pullup voltage jumper. Place the supplied jumper on JP2 to connect the PG pin
Pullup Voltage
pullup resistor to Vout. Alternatively, the jumper can be removed and a different
voltage can be supplied on pin 1 to pull up the PG pin to a different level. This
externally applied voltage must remain below 12 V.
2.2
Setup
To operate the EVM, set jumpers JP1 through JP2 to the desired positions per Section 2.1. Connect the
input supply to J1 and J3 and connect the load to J4 and J6.
3
TPS62125EVM-044 Test Results
This section provides test results of the TPS62125EVM-044.
Figure 1. Efficiency (R1, R2, and R3 not installed. JP1 connected between ON and EN.)
3
SLVU659A – March 2012 – Revised March 2012
TPS62125EVM-044 Evaluation Module
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - 20TQC22MYFB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
20TQ VISHAY-20TQ Datasheet
118Kb / 6P
   Schottky Rectifier, 20 A
Revision: 25-Jun-08
logo
International Rectifier
20TQ035 IRF-20TQ035 Datasheet
282Kb / 7P
   SCHOTTKY RECTIFIER 20 Amp
logo
Vishay Siliconix
20TQ035 VISHAY-20TQ035 Datasheet
118Kb / 6P
   Schottky Rectifier, 20 A
Revision: 25-Jun-08
logo
Sangdest Microelectroni...
20TQ035 SMC-20TQ035 Datasheet
183Kb / 6P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
20TQ035 SMCDIODE-20TQ035 Datasheet
451Kb / 6P
   20TQ035/S 20TQ040/S 20TQ045/S
Rev. C
More results

Similar Description - 20TQC22MYFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
[Old version datasheet]   EVALUATION MODULE
logo
Recom International Pow...
RPMB-2.0-EVM-1 RECOM-RPMB-2.0-EVM-1 Datasheet
440Kb / 7P
   Evaluation Module
logo
Figaro Engineering Inc.
EM3870A FIGARO-EM3870A Datasheet
287Kb / 2P
   Evaluation Module
EM5141A FIGARO-EM5141A Datasheet
320Kb / 2P
   Evaluation Module
EM8100 FIGARO-EM8100 Datasheet
419Kb / 2P
   Evaluation Module
logo
Linx Technologies
EVM-900-RC-CAS LINX-EVM-900-RC-CAS Datasheet
1Mb / 7P
   Evaluation Module
logo
Recom International Pow...
RPX-2.5-EVM-1 RECOM-RPX-2.5-EVM-1 Datasheet
1Mb / 5P
   Evaluation Module
RPMB-3.0-EVM-1 RECOM-RPMB-3.0-EVM-1 Datasheet
440Kb / 7P
   Evaluation Module
logo
Figaro Engineering Inc.
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
   Evaluation Module
logo
Texas Instruments
ADS126XEVM-PDK TI1-ADS126XEVM-PDK Datasheet
2Mb / 38P
[Old version datasheet]   Evaluation module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com