Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S34ML02G104THI010 Datasheet(PDF) 9 Page - SPANSION

Part # S34ML02G104THI010
Description  Spansion짰 SLC NAND Flash Memory for Embedded
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S34ML02G104THI010 Datasheet(HTML) 9 Page - SPANSION

Back Button S34ML02G104THI010 Datasheet HTML 5Page - SPANSION S34ML02G104THI010 Datasheet HTML 6Page - SPANSION S34ML02G104THI010 Datasheet HTML 7Page - SPANSION S34ML02G104THI010 Datasheet HTML 8Page - SPANSION S34ML02G104THI010 Datasheet HTML 9Page - SPANSION S34ML02G104THI010 Datasheet HTML 10Page - SPANSION S34ML02G104THI010 Datasheet HTML 11Page - SPANSION S34ML02G104THI010 Datasheet HTML 12Page - SPANSION S34ML02G104THI010 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
September 6, 2012 S34ML01G1_04G1_10
Spansion
®
SLC NAND Flash Memory for Embedded
9
Da ta
Shee t
(Prelim i nar y )
1.
General Description
The Spansion S34ML01G1, S34ML02G1, and S34ML04G1 series is offered in 3.3 VCC and VCCQ power
supply, and with x8 or x16 I/O interface. Its NAND cell provides the most cost-effective solution for the solid
state mass storage market. The memory is divided into blocks that can be erased independently so it is
possible to preserve valid data while old data is erased. The page size for x8 is (2048 + 64 spare) bytes; for
x16 (1024 + 32) words.
Each block can be programmed and erased up to 100,000 cycles with ECC (error correction code) on. To
extend the lifetime of NAND flash devices, the implementation of an ECC is mandatory.
The chip supports CE# don't care function. This function allows the direct download of the code from the
NAND flash memory device by a microcontroller, since the CE# transitions do not stop the read operation.
The devices have a Read Cache feature that improves the read throughput for large files. During cache
reading, the devices load the data in a cache register while the previous data is transferred to the I/O buffers
to be read.
Like all other 2 kB-page NAND flash devices, a program operation typically writes to the 2112-byte page (x8),
or 1056 words (x16) in 200 µs and an erase operation can typically be performed in 2 ms (S34ML01G1) on a
128-kB block (x8) or 64-kword block (x16). In addition, thanks to multiplane architecture, it is possible to
program two pages at a time (one per plane) or to erase two blocks at a time (again, one per plane). The
multiplane architecture allows program time to be reduced by 40% and erase time to be reduced by 50%.
In multiplane operations, data in the page can be read out at 25 ns cycle time per byte. The I/O pins serve as
the ports for command and address input as well as data input/output. This interface allows a reduced pin
count and easy migration towards different densities, without any rearrangement of the footprint.
Commands, Data, and Addresses are asynchronously introduced using CE#, WE#, ALE, and CLE control
pins.
The on-chip Program/Erase Controller automates all read, program, and erase functions including pulse
repetition, where required, and internal verification and margining of data. A WP# pin is available to provide
hardware protection against program and erase operations.
The output pin R/B# (open drain buffer) signals the status of the device during each operation. It identifies if
the program/erase/read controller is currently active. The use of an open-drain output allows the Ready/Busy
pins from several memories to connect to a single pull-up resistor. In a system with multiple memories the
R/B# pins can be connected all together to provide a global status signal.
The Reprogram function allows the optimization of defective block management — when a Page Program
operation fails the data can be directly programmed in another page inside the same array section without the
time consuming serial data insertion phase. The Copy Back operation automatically executes embedded
error detection operation: 1-bit error out of every 528 bytes (x8) or 256 words (x16) can be detected. With this
feature it is no longer necessary to use an external mechanism to detect Copy Back operation errors.
Multiplane Copy Back is also supported. Data read out after Copy Back Read (both for single and multiplane
cases) is allowed.
In addition, Cache Program and Multiplane Cache Program operations improve the programing throughput by
programing data using the cache register.
The devices provide two innovative features: Page Reprogram and Multiplane Page Reprogram. The Page
Reprogram re-programs one page. Normally, this operation is performed after a failed Page Program
operation. Similarly, the Multiplane Page Reprogram re-programs two pages in parallel, one per plane. The
first page must be in the first plane while the second page must be in the second plane. The Multiplane Page
Reprogram operation is performed after a failed Multiplane Page Program operation. The Page Reprogram
and Multiplane Page Reprogram guarantee improved performance, since data insertion can be omitted
during re-program operations.
Note: The S34ML01G1 device does not support EDC.


Similar Part No. - S34ML02G104THI010

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S34ML02G1 CYPRESS-S34ML02G1 Datasheet
1Mb / 71P
   1 Gb/2 Gb/4 Gb, 3 V, SLC NAND Flash for Embedded
More results

Similar Description - S34ML02G104THI010

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58NVG2S0FTA00 TOSHIBA-TC58NVG2S0FTA00 Datasheet
67Kb / 3P
   NAND Flash Memory(SLC Middle Capacity)
logo
Cypress Semiconductor
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
   1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
logo
STMicroelectronics
UM1653 STMICROELECTRONICS-UM1653 Datasheet
1Mb / 45P
   STM32 Advanced NAND Flash Driver for SLC NAND
logo
Cypress Semiconductor
S34ML01G2 CYPRESS-S34ML01G2 Datasheet
7Mb / 76P
   1 Gb, 2 Gb, 4 Gb, 3 V, 4-bit ECC, SLC NAND Flash Memory for Embedded
S34ML01G1 CYPRESS-S34ML01G1 Datasheet
1Mb / 71P
   1 Gb/2 Gb/4 Gb, 3 V, SLC NAND Flash for Embedded
S34MS01G1 CYPRESS-S34MS01G1 Datasheet
1Mb / 71P
   1-bit ECC, x8 and x16 I/O, 1.8V VCC SLC NAND Flash for Embedded
logo
Eon Silicon Solution In...
EN27LN51208 EON-EN27LN51208 Datasheet
2Mb / 46P
   512 Megabit (64 M x 8) SLC, 3.3 V NAND Flash Memory
logo
Winbond
W25M02GW WINBOND-W25M02GW Datasheet
2Mb / 68P
   1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
logo
OKI electronic componet...
ML54051 OKI-ML54051 Datasheet
283Kb / 37P
   NAND Flash Memory Controller
logo
Elite Semiconductor Mem...
F50L512M41A ESMT-F50L512M41A Datasheet
700Kb / 36P
   SPI-NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com