Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1403D160 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # DAC1403D160
Description  Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1403D160 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button DAC1403D160 Datasheet HTML 3Page - Integrated Device Technology DAC1403D160 Datasheet HTML 4Page - Integrated Device Technology DAC1403D160 Datasheet HTML 5Page - Integrated Device Technology DAC1403D160 Datasheet HTML 6Page - Integrated Device Technology DAC1403D160 Datasheet HTML 7Page - Integrated Device Technology DAC1403D160 Datasheet HTML 8Page - Integrated Device Technology DAC1403D160 Datasheet HTML 9Page - Integrated Device Technology DAC1403D160 Datasheet HTML 10Page - Integrated Device Technology DAC1403D160 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DAC1403D160 3
© IDT 2012. All rights reserved.
Product data sheet
Rev. 03 — 2 July 2012
7 of 18
Integrated Device Technology
DAC1403D160
Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
8. Limiting values
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCCD
digital supply
voltage
[1]
0.3
+3.9
V
VCCA
analog supply
voltage
[1]
0.3
+3.9
V
VCC
supply voltage
difference
VCCA  VCCD
150
+150
mV
VI
input voltage
pins Qn and In referenced to
DGND
0.3
VCCD + 0.3
V
pins IVIRES, QVIRES and
GAPD referenced to AGND
0.3
VCCA + 0.3
V
pins CLK and CLKN
referenced to AGND
0.3
VCCA + 0.3
V
VO
output voltage
pins IOUT, IOUTN, QOUT
and QOUTN referenced to
AGND
0.3
VCCA + 0.3
V
Tstg
storage
temperature
55
+150
C
Tamb
ambient
temperature
40
+85
C
Tj
junction
temperature
-
125
C
[1]
All supplies are connected together.
9. Thermal characteristics
Table 4.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
27.1
K/W
Rth(c-a)
thermal resistance from case to
ambient
in free air
11.8
K/W


Similar Part No. - DAC1403D160

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1403D160 NXP-DAC1403D160 Datasheet
120Kb / 19P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Renesas Technology Corp
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1403D160HW NXP-DAC1403D160HW Datasheet
120Kb / 19P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
More results

Similar Description - DAC1403D160

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1403D160 RENESAS-DAC1403D160 Datasheet
442Kb / 18P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1403D160 NXP-DAC1403D160 Datasheet
120Kb / 19P
   Dual 14 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
DAC1203D160 NXP-DAC1203D160 Datasheet
120Kb / 19P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
Rev. 02-14 August 2008
logo
Integrated Device Techn...
DAC1203D160 IDT-DAC1203D160 Datasheet
434Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
logo
Renesas Technology Corp
DAC1203D160 RENESAS-DAC1203D160 Datasheet
438Kb / 18P
   Dual 12 bits DAC, up to 160 MHz, 2 x interpolating
2 July 2012
logo
NXP Semiconductors
DAC1003D160 NXP-DAC1003D160 Datasheet
120Kb / 19P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
Rev. 02-13 August 2008
logo
Renesas Technology Corp
DAC1003D160 RENESAS-DAC1003D160 Datasheet
437Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
2 July 2012
logo
Integrated Device Techn...
DAC1003D160 IDT-DAC1003D160 Datasheet
433Kb / 18P
   Dual 10 bits DAC, up to 160 MHz, 2 x interpolation
logo
NXP Semiconductors
TDA9935 NXP-TDA9935 Datasheet
109Kb / 18P
   Dual 14-bit, up to 160 Msample/s, 2 쨈 interpolating Digital-to-Analog Converter (DAC)
Rev. 04-17 September 2007
DAC1408D650_1008 NXP-DAC1408D650_1008 Datasheet
2Mb / 98P
   Dual 14-bit DAC up to 650 Msps 2, 4 or 8 interpolating
Rev. 02-11 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com